Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6SMB68C Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # P6SMB68C
Description  Surface Mount Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

P6SMB68C Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  P6SMB68C Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd P6SMB68C Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd P6SMB68C Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd P6SMB68C Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
r
e
b
m
u
N
t
r
a
P
V RWM
V BR
I
@
T
IR @VRWM
VC @IPP
e
d
o
C
g
n
i
k
r
a
M
.
n
i
M
.
x
a
M
IT
-
I
N
U
-
I
B
I
N
U
I
B
V
V
V
A
m
µ
µµµµ A
µ
µµµµ A
V
AI
N
U
I
B
r
o
s
s
e
r
p
p
u
S
e
g
a
t
l
o
V
t
n
e
i
s
n
a
r
T
W
0
0
6
8
.
6
B
M
S
6
P
C
8
.
6
B
M
S
6
P
5
.
5
2
1
.
6
8
4
.
7
0
1
0
0
0
1
0
0
0
2
8
.
0
1
6
5
A
Z
E
A
Z
D
A
8
.
6
B
M
S
6
P
A
C
8
.
6
B
M
S
6
P
8
.
5
5
4
.
6
4
1
.
7
0
1
0
0
0
1
0
0
0
2
5
.
0
1
7
5
B
Z
E
B
Z
D
5
.
7
B
M
S
6
P
C
5
.
7
B
M
S
6
P
5
0
.
6
5
7
.
6
5
2
.
8
0
1
0
0
5
0
0
0
1
7
.
1
1
1
5
C
Z
E
C
Z
D
A
5
.
7
B
M
S
6
P
A
C
5
.
7
B
M
S
6
P
4
.
6
3
1
.
7
8
8
.
7
0
1
0
0
5
0
0
0
1
3
.
1
1
3
5
D
Z
E
D
Z
D
2
.
8
B
M
S
6
P
C
2
.
8
B
M
S
6
P
3
6
.
6
8
3
.
7
2
0
.
9
0
1
0
0
2
0
0
4
5
.
2
1
8
4
E
Z
E
E
Z
D
A
2
.
8
B
M
S
6
P
A
C
2
.
8
B
M
S
6
P
2
0
.
7
9
7
.
7
1
6
.
8
0
1
0
0
2
0
0
4
1
.
2
1
0
5
F
Z
E
F
Z
D
1
.
9
B
M
S
6
P
C
1
.
9
B
M
S
6
P
7
3
.
7
9
1
.
8
0
1
1
0
5
0
0
1
8
.
3
1
4
4
G
Z
E
G
Z
D
A
1
.
9
B
M
S
6
P
A
C
1
.
9
B
M
S
6
P
8
7
.
7
5
6
.
8
5
.
9
1
0
5
0
0
1
4
.
3
1
5
4
H
Z
E
H
Z
D
0
1
B
M
S
6
P
C
0
1
B
M
S
6
P
1
.
8
9
1
1
1
0
1
0
2
5
1
0
4
J
Z
E
J
Z
D
A
0
1
B
M
S
6
P
A
C
0
1
B
M
S
6
P
5
5
.
8
5
.
9
5
.
0
1
1
0
1
0
2
5
.
4
1
1
4
K
Z
E
K
Z
D
1
1
B
M
S
6
P
C
1
1
B
M
S
6
P
2
9
.
8
9
.
9
1
.
2
1
1
5
0
1
2
.
6
1
7
3
L
Z
E
L
Z
D
A
1
1
B
M
S
6
P
A
C
1
1
B
M
S
6
P
4
.
9
5
.
0
1
6
.
1
1
1
5
0
1
6
.
5
1
8
3
M
Z
E
M
Z
D
2
1
B
M
S
6
P
C
2
1
B
M
S
6
P
2
7
.
9
8
.
0
1
2
.
3
1
1
5
5
3
.
7
1
5
3
N
Z
E
N
Z
D
A
2
1
B
M
S
6
P
A
C
2
1
B
M
S
6
P
2
.
0
1
4
.
1
1
6
.
2
1
1
5
5
7
.
6
1
6
3
P
Z
E
P
Z
D
3
1
B
M
S
6
P
C
3
1
B
M
S
6
P
5
.
0
1
7
.
1
1
3
.
4
1
1
5
5
9
1
2
3
Q
Z
E
Q
Z
D
A
3
1
B
M
S
6
P
A
C
3
1
B
M
S
6
P
1
.
1
1
4
.
2
1
7
.
3
1
1
5
5
2
.
8
1
3
3
R
Z
E
R
Z
D
5
1
B
M
S
6
P
C
5
1
B
M
S
6
P
1
.
2
1
5
.
3
1
5
.
6
1
1
5
5
2
2
7
2
S
Z
E
S
Z
D
A
5
1
B
M
S
6
P
A
C
5
1
B
M
S
6
P
8
.
2
1
3
.
4
1
8
.
5
1
1
5
5
2
.
1
2
8
2
T
Z
E
T
Z
D
6
1
B
M
S
6
P
C
6
1
B
M
S
6
P
9
.
2
1
4
.
4
1
6
.
7
1
1
5
5
5
.
3
2
6
2
U
Z
E
U
Z
D
A
6
1
B
M
S
6
P
A
C
6
1
B
M
S
6
P
6
.
3
1
2
.
5
1
8
.
6
1
1
5
5
5
.
2
2
7
2
V
Z
E
V
Z
D
8
1
B
M
S
6
P
C
8
1
B
M
S
6
P
5
.
4
1
2
.
6
1
8
.
9
1
1
5
5
5
.
6
2
3
2
W
Z
E
W
Z
D
A
8
1
B
M
S
6
P
A
C
8
1
B
M
S
6
P
3
.
5
1
1
.
7
1
9
.
8
1
1
5
5
2
.
5
2
4
2
X
Z
E
X
Z
D
0
2
B
M
S
6
P
C
0
2
B
M
S
6
P
2
.
6
1
8
1
2
2
1
5
5
1
.
9
2
1
2
Y
Z
E
Y
Z
D
A
0
2
B
M
S
6
P
A
C
0
2
B
M
S
6
P
1
.
7
1
9
1
1
2
1
5
5
7
.
7
2
2
2
Z
Z
E
Z
Z
D
2
2
B
M
S
6
P
C
2
2
B
M
S
6
P
8
.
7
1
8
.
9
1
2
.
4
2
1
5
5
9
.
1
3
9
1
A
X
E
A
X
D
A
2
2
B
M
S
6
P
A
C
2
2
B
M
S
6
P
8
.
8
1
9
.
0
2
1
.
3
2
1
5
5
6
.
0
3
0
2
B
X
E
B
X
D
4
2
B
M
S
6
P
C
4
2
B
M
S
6
P
4
.
9
1
6
.
1
2
4
.
6
2
1
5
5
7
.
4
3
7
1
C
X
E
C
X
D
A
4
2
B
M
S
6
P
A
C
4
2
B
M
S
6
P
5
.
0
2
8
.
2
2
2
.
5
2
1
5
5
2
.
3
3
8
1
D
X
E
D
X
D
7
2
B
M
S
6
P
C
7
2
B
M
S
6
P
8
.
1
2
3
.
4
2
7
.
9
2
1
5
5
1
.
9
3
5
1
E
X
E
E
X
D
A
7
2
B
M
S
6
P
A
C
7
2
B
M
S
6
P
1
.
3
2
7
.
5
2
4
.
8
2
1
5
5
5
.
7
3
6
1
F
X
E
F
X
D
0
3
B
M
S
6
P
C
0
3
B
M
S
6
P
3
.
4
2
7
2
3
3
1
5
5
5
.
3
4
4
1
G
X
E
G
X
D
A
0
3
B
M
S
6
P
A
C
0
3
B
M
S
6
P
6
.
5
2
5
.
8
2
5
.
1
3
1
5
5
4
.
1
4
4
.
4
1
H
X
E
H
X
D
3
3
B
M
S
6
P
C
3
3
B
M
S
6
P
8
.
6
2
7
.
9
2
3
.
6
3
1
5
5
7
.
7
4
6
.
2
1
J
X
E
J
X
D
A
3
3
B
M
S
6
P
A
C
3
3
B
M
S
6
P
2
.
8
2
4
.
1
3
7
.
4
3
1
5
5
7
.
5
4
2
.
3
1
K
X
E
K
X
D
6
3
B
M
S
6
P
C
6
3
B
M
S
6
P
1
.
9
2
4
.
2
3
6
.
9
3
1
5
5
2
5
6
.
1
1
L
X
E
L
X
D
A
6
3
B
M
S
6
P
A
C
6
3
B
M
S
6
P
8
.
0
3
2
.
4
3
8
.
7
3
1
5
5
9
.
9
4
2
1
M
X
E
M
X
D
9
3
B
M
S
6
P
C
9
3
B
M
S
6
P
6
.
1
3
1
.
5
3
9
.
2
4
1
5
5
4
.
6
5
6
.
0
1
N
X
E
N
X
D
A
9
3
B
M
S
6
P
A
C
9
3
B
M
S
6
P
3
.
3
3
1
.
7
3
1
4
1
5
5
9
.
3
5
2
.
1
1
P
X
E
P
X
D
3
4
B
M
S
6
P
C
3
4
B
M
S
6
P
8
.
4
3
7
.
8
3
3
.
7
4
1
5
5
9
.
1
6
6
.
9
Q
X
E
Q
X
D
P6SMB Series
Surface Mount Transient Voltage Suppressor
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - P6SMB68C

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
P6SMB68C TSC-P6SMB68C Datasheet
69Kb / 4P
   Surface Mount Transient Voltage Suppressor
logo
Pan Jit International I...
P6SMB68C PANJIT-P6SMB68C Datasheet
109Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
P6SMB68C SUNMATE-P6SMB68C Datasheet
1,004Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
logo
UN Semiconducctor INC
P6SMB68CA UNSEMI-P6SMB68CA Datasheet
3Mb / 7P
   6.8 To 600V 600W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Weitron Technology
P6SMB68CA WEITRON-P6SMB68CA Datasheet
1Mb / 4P
   600W Surface Mount Transient Voltage Suppressors
More results

Similar Description - P6SMB68C

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com