Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB2030CT Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SB2030CT
Description  20A Dual Schottky Barrier Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SB2030CT Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SB2030CT Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SB2030CT Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
4
8
12
16
20
10
40
60
80
100
120
140150
T , CASE TEMPERATURE (º C)
Fig. 1 Forward Current Derating Curve
C
Single Pulse Half-Wave
60 Hz Resistive or Inductive Load
100
1000
2000
0.1
1.0
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
T = 25ºC
j
f = 1MHz
0
50
100
150
200
250
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Maximum Non-Repetitive Peak Fwd Surge Current
8.3ms Single Half Sine-Wave
JEDEC Method
1
10
20
40
0
0.5
1.0
1.5
2.0
2.5
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
2020CT - 2045CT
2050CT - 2060CT
T = 25ºC
Pulse Width = 300 s
2% Duty Cycle
j
µ
2080CT - 20100CT
SB2020CT-SB20100CT
20A Dual Schottky Barrier Rectifier
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - SB2030CT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB2030CT PANJIT-SB2030CT Datasheet
45Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 20.0 Ampere)
logo
Won-Top Electronics
SB2030CT WTE-SB2030CT Datasheet
39Kb / 3P
   20A SCHOTTKY BARRIER RECTIFIER
logo
Micro Commercial Compon...
SB2030CT MCC-SB2030CT Datasheet
380Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Won-Top Electronics
SB2030CT WTE-SB2030CT Datasheet
49Kb / 4P
   20A DUAL SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB2030CT PANJIT-SB2030CT Datasheet
427Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SB2030CT

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB2020CT WTE-SB2020CT_06 Datasheet
49Kb / 4P
   20A DUAL SCHOTTKY BARRIER RECTIFIER
S20D30C WTE-S20D30C Datasheet
48Kb / 4P
   20A DUAL SCHOTTKY BARRIER RECTIFIER
SB2020FCT WTE-SB2020FCT_06 Datasheet
50Kb / 4P
   20A DUAL SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
MBR2030CT DIODES-MBR2030CT Datasheet
65Kb / 2P
   20A SCHOTTKY BARRIER RECTIFIER
DS23016 Rev. G-2
SBL2030PT DIODES-SBL2030PT Datasheet
62Kb / 2P
   20A SCHOTTKY BARRIER RECTIFIER
DS23047 Rev. B-2
logo
DIYI Electronic Technol...
MBR20H200CTD DYELEC-MBR20H200CTD Datasheet
2Mb / 4P
   20A SCHOTTKY BARRIER RECTIFIER
MBR20H200CT DYELEC-MBR20H200CT Datasheet
1Mb / 4P
   20A SCHOTTKY BARRIER RECTIFIER
logo
Chongqing Pingwei Enter...
MBR20100CT CHONGQING-MBR20100CT Datasheet
213Kb / 1P
   20A Schottky Barrier Rectifier
logo
Diodes Incorporated
MBRD20150CT DIODES-MBRD20150CT_15 Datasheet
475Kb / 5P
   20A SCHOTTKY BARRIER RECTIFIER
logo
Wisdom technologies Int...
MBRF20150CT WISDOM-MBRF20150CT Datasheet
1Mb / 3P
   20A SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com