Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFF1005G Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SFF1005G
Description  Isolated10.0AMP. Glass Passivated Supper Fast Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SFF1005G Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SFF1005G Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SFF1005G Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.6- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50
NONINDUCTIVE
NON
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
PULSE
GENERATOR
(NOTE 2)
DUT
(+)
50Vdc
(approx)
(-)
NOTES: 1. Rise Time=7ns max. Input Impedance=
1 megohm 22pf
2. Rise Time=10ns max. Sourse Impedance=
50 ohms
(-)
(+)
10
NONINDUCTIVE
-1.0A
-0.25A
0
+0.5A
trr
1cm
SET TIME BASE FOR
5/ 10ns/ cm
RATINGS AND CHARACTERISTIC CURVES (SFF1001G THRU SFF1008G)
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
0
50
100
150
0
4
8
12
16
20
CASE TEMPERATURE. ( C)
o
FIG.3- MAXIMUM NON-REPETITIVE FORWARD SURGE
CURRENT PER LEG
1
2
5
10
20
100
50
150
120
90
60
30
0
NUMBER OF CYCLES AT 60Hz
TJ=125 C
0
8.3ms Single Half Sine Wave
JEDEC Method
FIG.4- TYPICAL JUNCTION CAPACITANCE PER LEG
15
2
10
20
50
100
200
500
50
60
70
80
90
100
REVERSE VOLTAGE. (V)
Tj=25 C
0
1000
40
FIG.2- TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
120
140
1000
0.1
1
10
100
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
TJ=25 C
0
TJ=100 C
0
TJ=75 C
0
FIG.5- TYPICAL FORWARD CHARACTERISTICS
PER LEG
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.01
0.1
0.03
1
0.3
10
3
30
100
FORWARD VOLTAGE. (V)
Tj=25 C
Pulse Width=300 s
1% Duty Cycle
o
SFF1007G~SFF1008G
SFF1001G-SFF1008G
Isolated10.0AMP. Glass Passivated Supper Fast Rectifiers
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - SFF1005G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SFF1005G TSC-SFF1005G Datasheet
116Kb / 2P
   Isolation 10.0 AMPS. Glass Passivated Super Fast Rectifiers
SFF1005G TSC-SFF1005G Datasheet
334Kb / 2P
   Isolation 10.0 AMPS. Glass Passivated Super Fast Rectifiers
SFF1005G TSC-SFF1005G Datasheet
186Kb / 2P
   10.0AMPS Isolated Glass Passivated Super Fast Rectifier
SFF1005G TSC-SFF1005G Datasheet
400Kb / 4P
   Isolated Glass Passivated Super Fast Rectifiers
logo
Thinki Semiconductor Co...
SFF1005G THINKISEMI-SFF1005G Datasheet
822Kb / 2P
   10.0 Ampere Insulated Common Cathode Super Fast Recovery Rectifiers
More results

Similar Description - SFF1005G

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SFF1601G LUGUANG-SFF1601G Datasheet
223Kb / 2P
   Isolated16.0AMP. Glass Passivated Supper Fast Rectifiers
logo
Fairchild Semiconductor
EGF1A FAIRCHILD-EGF1A_01 Datasheet
51Kb / 3P
   Fast Rectifiers (Glass Passivated)
FES16AT FAIRCHILD-FES16AT_01 Datasheet
50Kb / 3P
   Fast Rectifiers (Glass Passivated)
logo
SeCoS Halbleitertechnol...
R1800FG SECOS-R1800FG Datasheet
211Kb / 2P
   Glass Passivated Fast Rectifiers
logo
Fairchild Semiconductor
FEP16DTA FAIRCHILD-FEP16DTA Datasheet
68Kb / 3P
   Fast Rectifiers (Glass Passivated)
FEP16DT FAIRCHILD-FEP16DT Datasheet
68Kb / 3P
   Fast Rectifiers (Glass Passivated)
1N4933GP FAIRCHILD-1N4933GP_01 Datasheet
46Kb / 3P
   Fast Rectifiers (Glass Passivated)
logo
SeCoS Halbleitertechnol...
FR101G SECOS-FR101G_15 Datasheet
42Kb / 2P
   Glass Passivated Fast Rectifiers
logo
Lite-On Technology Corp...
STPR805DB LITEON-STPR805DB Datasheet
37Kb / 2P
   SUPER FAST GLASS PASSIVATED RECTIFIERS
STPR2010CT LITEON-STPR2010CT Datasheet
40Kb / 2P
   SUPER FAST GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com