Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMTPA100 Datasheet(PDF) 6 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SMTPA100
Description  Telecommunication Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SMTPA100 Datasheet(HTML) 6 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SMTPA100 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SMTPA100 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd SMTPA100 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd SMTPA100 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd SMTPA100 Datasheet HTML 5Page - Shenzhen Luguang Electronic Technology Co., Ltd SMTPA100 Datasheet HTML 6Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
FIG.3 -- RELATIVE VARIATION OF HOLDING CURRENT
VERSUS JUNCTION TEMPERATURE
FIG.4 -- RELATIVE VARIATION OF BREAKOVER
VOLTAGE VERSUS JUNCTION TEMPERATURE
FFFFFIG.5 -- RELATIVE VARIATION OF LEAKAGE CURRENT
VERSUS JUNCTION TEMPERATURE (TYPICAL VALUES).
FIG.6 -- RELATIVE VARIATION OF THERMAL
IMPEDANCE VERSUS PULSE DURATION
FIG.7 -- RELATIVE VARIATION OF JUNCTION CAPACITANCE VERSUS
REVERSE VOLTAGE APPLIED (TYPICAL VALUES)
2000
10
100
25
TJ( )
1
1000
50
100
75
125
IRM[TJ]/IRM[TJ=25 ]
VR=VRM
0.8
0.6
0.2
0.4
0.0
-40
-20
20
060
40
80
100
1.0
1.2
1.4
2.0
1.6
1.8
TJ(°C)
120
1.5
1
0
1
100
10
VR(V)
.5
300
F=1MH Z
2
5
220
50
2.5
C[VR]/C[VR=50V]
1.02
1
.9 6
.9 8
.9 4
-4 0
-2 0
2 0
01 2 0
40
60
80
100
1.04
1.08
1.06
T J (
)
1E+1
1E-1
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2
1E+0
1E+2
tp(s)
5E+2
ZTH(J-A)(
/W)
SMTPA Series
Telecommunication Protection
Ratings AND Charactieristic Curves
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - SMTPA100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMTPA100 STMICROELECTRONICS-SMTPA100 Datasheet
61Kb / 5P
   TRISILETM
SMTPA100 STMICROELECTRONICS-SMTPA100 Datasheet
106Kb / 10P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
SMTPA100 STMICROELECTRONICS-SMTPA100 Datasheet
129Kb / 11P
   Trisil for telecom equipment protection
logo
Galaxy Semi-Conductor H...
SMTPA100 BILIN-SMTPA100 Datasheet
346Kb / 6P
   TELECOMMUNICATION PROTECTION BREAKDOWN VOLTAGE: 62 --- 270 V
logo
Frontier Electronics.
SMTPA100 FRONTIER-SMTPA100 Datasheet
123Kb / 4P
   TELECOM EQUIPMENT PROTECTION竊숿RISILTM
More results

Similar Description - SMTPA100

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
SMTPB62 TAYCHIPST-SMTPB62 Datasheet
18Mb / 2P
   TELECOMMUNICATION PROTECTION
logo
Galaxy Semi-Conductor H...
TPA BILIN-TPA Datasheet
119Kb / 4P
   TELECOMMUNICATION PROTECTION
logo
Shenzhen Luguang Electr...
TPA62 LUGUANG-TPA62 Datasheet
2Mb / 4P
   Telecommunication Protection
logo
Shenzhen Taychipst Elec...
TPA TAYCHIPST-TPA Datasheet
1Mb / 2P
   TELECOMMUNICATION PROTECTION ARRESTORS
logo
Chongqing Pingwei Enter...
STPA62 CHONGQING-STPA62 Datasheet
34Kb / 1P
   SOLID STATE TELECOMMUNICATION PROTECTION ARRESTOR
logo
STMicroelectronics
SMP-0SCMC STMICROELECTRONICS-SMP-0SCMC Datasheet
86Kb / 7P
   Trisil for telecommunication equipment protection
logo
Vishay Siliconix
PTCTL VISHAY-PTCTL Datasheet
118Kb / 4P
   PTC Thermistors, Overload Protection for Telecommunication
Revision: 13-Nov-15
232266.9 VISHAY-232266.9 Datasheet
75Kb / 4P
   PTC Thermistors, Overload Protection For Telecommunication
Revision: 10-Oct-03
PTCTL VISHAY-PTCTL_V01 Datasheet
106Kb / 4P
   PTC Thermistors, Overload Protection for Telecommunication
01-Jan-2022
2322661 VISHAY-2322661 Datasheet
68Kb / 4P
   PTC Thermistors, Overload Protection For Telecommunication
Revision: 10-Oct-03
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com