Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR1520CT Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SR1520CT
Description  Dual Schottky Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SR1520CT Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SR1520CT Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SR1520CT Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.001
10
1
0
60
.1
80
100
TJ=25℃
TJ=75℃
TJ=125℃
.01
40
20
SR1520CT-SR1540CT
SR1550CT-SR1560CT
100
1
10
1000
4000
100
0.1
TJ=25
SR1520CT-SR1540CT
SR1550CT-SR1560CT
0
3
9
6
15
12
0
50
100
150
18
Resistive or inductive load
FIG.4 -- PEAK FORWARD SURGE CURRENT
CASE TEMPERATURE,
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
FIG.2 -- TYPICAL REVERSE CHARACTERISTICS
PER LEG
FIG.1 --FORWARD CURRENT DERATING CURVE
NUMBER OF CYCLE AT 60Hz
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
PULSE DURATION, Sec
FIG.3 -- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS PER LEG
REVERSE VOLTAGE, VOLTS
FIG.5 -- TYPICAL JUNCTION CAPACITANCE
FIG.6 -- TYPICAL TRANSIENT THERMAL IMPEDANCE
.01
50
.4
1
.5
.7
.8
SR1520CT-SR1540CT
0
.1
.2 .3
1.2
1.0
.1
10
SR1550CT-SR1560CT
TJ=125
TJ=25
Pulse width = 300
µs
1% Duty Cycle
200
0
12
5
10
25
75
50
125
100
150
175
20
50
100
TJ=TJMAX.
8.3ms Single Half Sine-Wave
(JEDEC Method)
0.1
1
0.01
0.1
10
1
10
100
100
SR1520CT-SR1560CT
Dual Schottky Rectifiers
Ratings AND Charactieristic Curves
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - SR1520CT

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SR1520CT BILIN-SR1520CT Datasheet
94Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
logo
Diode Semiconductor Kor...
SR1520CT DSK-SR1520CT Datasheet
104Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
More results

Similar Description - SR1520CT

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
MBRF2070CT SEMTECH_ELEC-MBRF2070CT Datasheet
197Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
logo
Galaxy Semi-Conductor H...
MBRF1635CT BILIN-MBRF1635CT Datasheet
137Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
logo
Diode Semiconductor Kor...
MBRB1635CT DSK-MBRB1635CT Datasheet
205Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
logo
Galaxy Semi-Conductor H...
MBRB1635CT BILIN-MBRB1635CT Datasheet
136Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
MBRF2070CT BILIN-MBRF2070CT Datasheet
157Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
SR1620CT BILIN-SR1620CT Datasheet
93Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
SR2020CT BILIN-SR2020CT Datasheet
90Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
logo
Shenzhen Luguang Electr...
SR2020CT LUGUANG-SR2020CT Datasheet
200Kb / 2P
   Dual Schottky Rectifiers
logo
Diode Semiconductor Kor...
MBR1635PT DSK-MBR1635PT Datasheet
209Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
SR1020CT DSK-SR1020CT Datasheet
113Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
MBR1680PT DSK-MBR1680PT Datasheet
234Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com