Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMTPA62 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SMTPA62
Description  Telecommunication Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SMTPA62 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SMTPA62 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SMTPA62 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd SMTPA62 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd SMTPA62 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd SMTPA62 Datasheet HTML 5Page - Shenzhen Luguang Electronic Technology Co., Ltd SMTPA62 Datasheet HTML 6Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
V
I
I PP
I H
I RM
I BO
VRM
VBR VBO
I R
10/1000 s50
8/20μs
100
10/560μs55
5/310μs65
10/160μs75
1/20μs
100
2/10μs
150
8/20μs2.5
kA
t=20m s
30
t=16.6ms
32
t=0.2s
17
t=2s
9
t=16.6ms
8.5
t=20m s
9
-55to+150
150
260
Symbol
Value
Unlt
Rth(j-l)
20
/W
Rth(j-a)
100
/W
I H
C
C
min.
Note
3
typ.
Note
4
typ.
Note
5
μA
V
mA
V
V
mA
V
m
A
mA
pF
pF
56
62
85
82
150
30
50
61
68
93
90
150
30
45
90
100
135
133
150
20
40
108
120
160
160
150
20
40
117
130
173
173
150
20
35
162
180
235
240
150
15
30
180
200
262
267
150
15
30
198
220
285
293
150
15
30
216
240
300
320
150
15
30
243
270
350
360
150
15
30
Symbol
VRM
IRM
VR
VBR
VBO
IH
IBO
IPP
C
Note
4: V
R=50V bias, V RMS=1V , F=1MHz.
Note
5: V
R=2V bias , V RMS=1V , F=1MHz.
2
1.0
800
800
SMTPA68
T68
SMTPA100
T100
SMTPA120
T120
SMTPA130
T130
SMTPA180
T180
A
THERMAL RESISTANCES
TL
Storage temperature range Maximum junction temperature
Ipp
Repetitive peak pulse current
STATIC
VBO @ IBO
max.
Note
2
Parameter
Junction to leads
Junction to ambient with recom mended footprint
DYNAMIC VBO
@ I BO
max.
Note
1
ABSOLUTE MAXIMUM RATINGS (TA=25 )
Parameter
Symbol
Unit
Value
A
IFSM
IFS
Tstg
Tj
Storage temperature range
Maxim um
junction temperature
Fail safe mode: maximum current
Non repetitive surge peak on-state current (Sinusoidal)
I2t
I2t vallue for fusing
A2s
IR @ VR
max.
SMTPA200
T200
SMTPA220
T220
SMTPA62
T62
Type
IRM @ VRM
max.
SMTPA240
T240
SMTPA270
T270
ELECTRICAL CHARACTERISTICS (TA=25
)
Leakage current at stand-off voltage
Capacitance
Parameter
Stand-off voltage
Note : See functional break over voltage test circuit 1.
Note
2: See test circuit2.
Note
3: See functional holding current test circuit 3.
Break over voltage
Holding current
Break over current
Peak pulse current
Continuous
reverse voltage
Break
down voltage
1
Device
Marking
Code
SMTPA Series
Telecommunication Protection


Similar Part No. - SMTPA62

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMTPA62 STMICROELECTRONICS-SMTPA62 Datasheet
61Kb / 5P
   TRISILETM
SMTPA62 STMICROELECTRONICS-SMTPA62 Datasheet
106Kb / 10P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
SMTPA62 STMICROELECTRONICS-SMTPA62 Datasheet
129Kb / 11P
   Trisil for telecom equipment protection
logo
Galaxy Semi-Conductor H...
SMTPA62 BILIN-SMTPA62 Datasheet
346Kb / 6P
   TELECOMMUNICATION PROTECTION BREAKDOWN VOLTAGE: 62 --- 270 V
logo
Frontier Electronics.
SMTPA62 FRONTIER-SMTPA62 Datasheet
123Kb / 4P
   TELECOM EQUIPMENT PROTECTION竊숿RISILTM
More results

Similar Description - SMTPA62

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
SMTPB62 TAYCHIPST-SMTPB62 Datasheet
18Mb / 2P
   TELECOMMUNICATION PROTECTION
logo
Galaxy Semi-Conductor H...
TPA BILIN-TPA Datasheet
119Kb / 4P
   TELECOMMUNICATION PROTECTION
logo
Shenzhen Luguang Electr...
TPA62 LUGUANG-TPA62 Datasheet
2Mb / 4P
   Telecommunication Protection
logo
Shenzhen Taychipst Elec...
TPA TAYCHIPST-TPA Datasheet
1Mb / 2P
   TELECOMMUNICATION PROTECTION ARRESTORS
logo
Chongqing Pingwei Enter...
STPA62 CHONGQING-STPA62 Datasheet
34Kb / 1P
   SOLID STATE TELECOMMUNICATION PROTECTION ARRESTOR
logo
STMicroelectronics
SMP-0SCMC STMICROELECTRONICS-SMP-0SCMC Datasheet
86Kb / 7P
   Trisil for telecommunication equipment protection
logo
Vishay Siliconix
PTCTL VISHAY-PTCTL Datasheet
118Kb / 4P
   PTC Thermistors, Overload Protection for Telecommunication
Revision: 13-Nov-15
232266.9 VISHAY-232266.9 Datasheet
75Kb / 4P
   PTC Thermistors, Overload Protection For Telecommunication
Revision: 10-Oct-03
PTCTL VISHAY-PTCTL_V01 Datasheet
106Kb / 4P
   PTC Thermistors, Overload Protection for Telecommunication
01-Jan-2022
2322661 VISHAY-2322661 Datasheet
68Kb / 4P
   PTC Thermistors, Overload Protection For Telecommunication
Revision: 10-Oct-03
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com