Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL4019B Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # SL4019B
Description  Quad AND/OR Select Gate
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL4019B Datasheet(HTML) 1 Page - System Logic Semiconductor

  SL4019B Datasheet HTML 1Page - System Logic Semiconductor SL4019B Datasheet HTML 2Page - System Logic Semiconductor SL4019B Datasheet HTML 3Page - System Logic Semiconductor SL4019B Datasheet HTML 4Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SL4019B
System Logic
Semiconductor
SLS
Quad AND/OR Select Gate
High-Voltage Silicon-Gate CMOS
The SL4019B types consist of four AND/OR select gate
configurations, each consisting of two 2-input AND gates driving a
single 2-input gate. Selection is accomplished by control bits Sa and
Sb .In addition to selection of either channel A or channel B
information, the control bits can be applied simultaneously to
accomplish the logical A + B function
• Operating Voltage Range: 3.0 to 18 V
• Maximum input current of 1 µA at 18 V over full package-
temperature range; 100 nA at 18 V and 25
°C
• Noise margin (over full package temperature range):
1.0 V min @ 5.0 V supply
2.0 V min @ 10.0 V supply
2.5 V min @ 15.0 V supply
ORDERING INFORMATION
SL4019BN Plastic
SL4019BD SOIC
TA = -55
° to 125° C for all packages
LOGIC DIAGRAM
PIN 16 =VCC
PIN 8 = GND
PIN ASSIGNMENT
FUNCTION TABLE
Inputs
Outputs
Sa
Sb
A
B
Y
H
L
H
X
H
H
L
L
X
L
L
H
X
H
H
L
H
X
L
L
L
L
X
X
L
H
H
L
L
L
H
H
L
H
H
H
H
H
L
H
H
H
H
H
H


Similar Part No. - SL4019B

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL4011B SLS-SL4011B Datasheet
30Kb / 4P
   Quad 2-Input NAND Gate
SL4011BD SLS-SL4011BD Datasheet
30Kb / 4P
   Quad 2-Input NAND Gate
SL4011BN SLS-SL4011BN Datasheet
30Kb / 4P
   Quad 2-Input NAND Gate
SL4012B SLS-SL4012B Datasheet
30Kb / 4P
   Dual 4-Input NAND Gate
SL4012BD SLS-SL4012BD Datasheet
30Kb / 4P
   Dual 4-Input NAND Gate
More results

Similar Description - SL4019B

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MMC4019 MICRO-ELECTRONICS-MMC4019 Datasheet
102Kb / 4P
   QUAD AND OR SELECT GATE
logo
Fairchild Semiconductor
CD4019BC FAIRCHILD-CD4019BC Datasheet
59Kb / 6P
   Quad AND-OR Select Gate
logo
STMicroelectronics
HCC4019B STMICROELECTRONICS-HCC4019B Datasheet
281Kb / 13P
   QUAD AND/OR SELECT GATE
logo
National Semiconductor ...
CD4019BM NSC-CD4019BM Datasheet
107Kb / 4P
   Quad AND-OR Select Gate
logo
List of Unclassifed Man...
IW4019B ETC1-IW4019B Datasheet
245Kb / 5P
   Quad AND/OR Select Gate
logo
STMicroelectronics
HCF4019B STMICROELECTRONICS-HCF4019B_01 Datasheet
405Kb / 9P
   QUAD AND/OR SELECT GATE
logo
Texas Instruments
CD4019B TI-CD4019B Datasheet
515Kb / 11P
[Old version datasheet]   CMOS Quad AND/OR Select Gate
logo
Intersil Corporation
CD4019BMS INTERSIL-CD4019BMS Datasheet
112Kb / 9P
   CMOS Quad AND/OR Select Gate
November 1994
logo
KODENSHI_AUK CORP.
KK4019B KODENSHI-KK4019B Datasheet
259Kb / 5P
   Quad AND/OR Select Gate High-Voltage Silicon-Gate CMOS
logo
Texas Instruments
CD4019B TI1-CD4019B_15 Datasheet
938Kb / 16P
[Old version datasheet]   CMOS Quad AND/OR Gate
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com