Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRF2050 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SRF2050
Description  Isolated 20.0AMP. Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SRF2050 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SRF2050 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SRF2050 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES (SRF2020 THRU SRF20150)
FIG.1- FORWARD CURRENT DERATING CURVE
0
50
100
150
0
4.0
8.0
12.0
16.0
20.0
CASE TEMPERATURE. ( C)
o
FIG.2- MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT PER LEG
1
2
5
10
20
100
50
25
50
200
150
100
250
300
NUMBER OF CYCLES AT 60Hz
8.3ms SINGLE HALF SINE WAVE
PER LEG. (JEDGE METHOD)
Tj=Tj max.
Tj=100 C
0
Tj=25
C
0
FIG.4- TYPICAL REVERSE CHARACTERISTICS
PER LEG
0
20
40
60
80
100
120
140
.001
.01
.10
1.0
10
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.6- TYPICAL TRANSIENT THERMAL IMPEDANCE
PER LEG
1
0.01
0.1
10
100
0.1
10.0
1
100
T, PULSE DURATION. (sec)
Tj=25 C
f=1.0MHz
Vsig=50mVp-p
0
SRF2020-2040
FIG.3- TYPICAL FORWARD CHARACTERISTICS
PER LEG
.2
.3
.4
.5
.6
.7
.8
.9
0.1
1.0
10
100
INSTANTANEOUS FORWARD VOLTAGE. (V)
FIG.5- TYPICAL JUNCTION CAPACITANCE PER LEG
0.1
1.0
0.4
4
10
40
80100
100
200
400
600
800
2000
1000
4000
REVERSE VOLTAGE. (V)
Tj=25 C
PULSE WIDTH-300 S
1% DUTY CYCLE
O
SRF2090-20150
SRF2050-2060
1.0
SRF2020-SRF20150
Isolated 20.0AMP. Schottky Barrier Rectifiers
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - SRF2050

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SRF2050 TSC-SRF2050 Datasheet
109Kb / 2P
   Isolation 20.0 AMPS. Schottky Barrier Rectifiers
SRF2050 TSC-SRF2050 Datasheet
203Kb / 2P
   Isolated 20.0 AMPS. Schottky Barrier Rectifiers
logo
Jinan Jingheng (Group) ...
SRF2050 JINANJINGHENG-SRF2050 Datasheet
73Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Taiwan Semiconductor Co...
SRF2050 TSC-SRF2050 Datasheet
190Kb / 2P
   20.0AMPS. Isolated Schottky Barrier Rectifiers
SRF2050 TSC-SRF2050 Datasheet
224Kb / 4P
   Dual Common Cathode Schottky Rectifier
More results

Similar Description - SRF2050

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
MBRF2035 LUGUANG-MBRF2035 Datasheet
214Kb / 2P
   Isolated 20.0AMP. Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SP2060 SECOS-SP2060_10 Datasheet
653Kb / 2P
   20.0AMP Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
SR2020 LUGUANG-SR2020 Datasheet
280Kb / 2P
   20.0AMP. Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SP20100R SECOS-SP20100R Datasheet
423Kb / 2P
   20.0AMP Schottky Barrier Rectifiers
SP20100R SECOS-SP20100R_10 Datasheet
685Kb / 2P
   20.0AMP Schottky Barrier Rectifiers
SR2020 SECOS-SR2020 Datasheet
270Kb / 2P
   20.0AMP Schottky Barrier Rectifiers
SR20200 SECOS-SR20200 Datasheet
184Kb / 2P
   20.0AMP Schottky Barrier Rectifiers
SP2060 SECOS-SP2060 Datasheet
452Kb / 2P
   20.0AMP Schottky Barrier Rectifiers
SP20150 SECOS-SP20150 Datasheet
255Kb / 2P
   20.0AMP Schottky Barrier Rectifiers
SBR2040F SECOS-SBR2040F_10 Datasheet
637Kb / 2P
   20.0AMP Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com