Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL4051 Datasheet(PDF) 5 Page - System Logic Semiconductor

Part # SL4051
Description  Analog Multiplexer Demultiplexer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL4051 Datasheet(HTML) 5 Page - System Logic Semiconductor

  SL4051 Datasheet HTML 1Page - System Logic Semiconductor SL4051 Datasheet HTML 2Page - System Logic Semiconductor SL4051 Datasheet HTML 3Page - System Logic Semiconductor SL4051 Datasheet HTML 4Page - System Logic Semiconductor SL4051 Datasheet HTML 5Page - System Logic Semiconductor SL4051 Datasheet HTML 6Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SL4051B
System Logic
Semiconductor
SLS
ADDITIONAL APPLICATION CHARACTERISTICS
VCC
VIS
Limit
*
Symbol
Parameter
Test Conditions
V
V
25
°C Unit
BW
Maximum On-
Channel
Bandwidth or
Minimum
Frequency
Response (-3db)
VEE=GND
RL=1k
20 log(VOS/VIS)=-3db
VOS at Common OUT/IN
10
5
*
20
MHz
VOS at Any Channel
10
5
*
60
(-40db)
Feedthrough
Frequency (All
Channels OFF)
VEE=GND
RL=1k
20 log(VOS/VIS)=-40db
VOS at Common OUT/IN
10
5
*
12
VOS at Any Channel
10
5
*
8
(-40db)
Signal Crosstalk
Frequency
VEE=GND
RL=1k
20 log(VOS/VIS)=-40db
Between Any 2 Channels
10
5
*
3
THD
Total Harmonic
Distortion
VEE=GND
fIS=1kHz sine wave
5
10
15
2*
3*
5*
0.3
0.2
012
%
-
Address-or
Enable to Signal
Crosstalk
VEE=GND, RL=10k
Ω**
tr,tf=20ns
Square Wave
10
-
65
mv
(Peak)
* Peak-to-peak voltage symmetrical about (VCC-VEE)/2.
** Both ends of channel.


Similar Part No. - SL4051

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL4050B SLS-SL4050B Datasheet
32Kb / 4P
   Hex Buffer/Converter
SL4050BD SLS-SL4050BD Datasheet
32Kb / 4P
   Hex Buffer/Converter
SL4050BN SLS-SL4050BN Datasheet
32Kb / 4P
   Hex Buffer/Converter
SL4052B SLS-SL4052B Datasheet
61Kb / 6P
   Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
SL4052BD SLS-SL4052BD Datasheet
61Kb / 6P
   Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
More results

Similar Description - SL4051

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVXT8053 ONSEMI-MC74LVXT8053 Datasheet
243Kb / 12P
   Analog Multiplexer/Demultiplexer
March, 2000 ??Rev. 2
MC74LVX4052 ONSEMI-MC74LVX4052 Datasheet
142Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 4
logo
System Logic Semiconduc...
SL4053B SLS-SL4053B Datasheet
61Kb / 6P
   Analog Multiplexer Demultiplexer
logo
ON Semiconductor
MC74LVX4051 ONSEMI-MC74LVX4051_14 Datasheet
168Kb / 15P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
MC74LVX8053 ONSEMI-MC74LVX8053_14 Datasheet
172Kb / 12P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
MC74LVX4053 ONSEMI-MC74LVX4053_14 Datasheet
160Kb / 14P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
logo
System Logic Semiconduc...
SL74HC4053 SLS-SL74HC4053 Datasheet
87Kb / 8P
   Analog Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74LVXT4052 ONSEMI-MC74LVXT4052 Datasheet
142Kb / 16P
   Analog Multiplexer Demultiplexer
January, 2002 ??Rev. 3
MC74LVX4051 ONSEMI-MC74LVX4051 Datasheet
158Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 5
NLAST4051 ONSEMI-NLAST4051_06 Datasheet
152Kb / 12P
   Analog Multiplexer/ Demultiplexer
April, 2006 ??Rev. 4
MC74LVXT8051 ONSEMI-MC74LVXT8051_11 Datasheet
185Kb / 13P
   Analog Multiplexer/Demultiplexer
May, 2011 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com