Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2091ETP+ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX2091ETP+
Description  50MHz to 500MHz Analog VGA, 1735MHz to 1935MHz Upconverting Mixer with Image Filtering, Threshold Alarm Circuit, and Error Amplifier for Level Control
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2091ETP+ Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX2091ETP+ Datasheet HTML 1Page - Maxim Integrated Products MAX2091ETP+ Datasheet HTML 2Page - Maxim Integrated Products MAX2091ETP+ Datasheet HTML 3Page - Maxim Integrated Products MAX2091ETP+ Datasheet HTML 4Page - Maxim Integrated Products MAX2091ETP+ Datasheet HTML 5Page - Maxim Integrated Products MAX2091ETP+ Datasheet HTML 6Page - Maxim Integrated Products MAX2091ETP+ Datasheet HTML 7Page - Maxim Integrated Products MAX2091ETP+ Datasheet HTML 8Page - Maxim Integrated Products MAX2091ETP+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
50MHz to 500MHz Analog VGA, 1735MHz to 1935MHz
Upconverting Mixer with Image Filtering, Threshold
Alarm Circuit, and Error Amplifier for Level Control
MAX2091
5
AC ELECTRICAL CHARACTERISTICS (continued)
(Typical Application Circuit with analog attenuator set to maximum gain, VCC = 4.75V to 5.8V, fRF = 1835MHz, fLO = 1485MHz,
fIF = 350MHz, fRF = fLO + fIF, PLO = -10dBm to -4dBm, TC = -40°C to +95°C, and IF_IN, LO+, and RF_OUT ports are connected
to 50ω sources and loads, unless otherwise noted. Typical values are at TC = +25°C, VCC = 5.5V, PLO = -7dBm, PIF = -25dBm,
VPLVLSET = 2.5V, CTRL1 = logic 1, CTRL2 = logic 0. Min/max specifications apply over supply, process, and temperature, unless
otherwise noted. (Notes 5, 7, 8)
Note 5: Min and max limits are production tested, and guaranteed at TC = +95NC for worst-case supply voltage and frequency.
Note 6: Recommended functional range, not production tested. Operation outside this range is possible, but with degraded
performance of some parameters.
Note 7: All limits include external component and PCB losses. Output measurements taken at the RF port of the Typical Application
Circuit.
Note 8: It is advisable not to continuously operate the VGA IF_IN and MIX_IN above +11dBm.
Note 9: Gain variation after slope compensation with external equalizer in position R2–R4 in the Typical Application Circuit.
Typical Operating Characteristics
(Typical Application Circuit configured for AGC amp only (IF_IN to IF_OUT), analog attenuator set to maximum gain (VPLVLSET = 2.5V),
VCC = 5.5V, TC = +25NC, fIF_IN = 350MHz, PIF_IN = -25dBm, RSOURCE = RLOAD = 50I, CTRL1 = 1, CTRL2 = 0, ALM_THRES = ALM =
open, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ERROR AMPLIFIER AND ALARM CIRCUIT (CTRL1 = CTRL2 = LOGIC 1)
Maximum AMP_OUT
Capacitance to GND
(Note 6)
20
pF
ALM Threshold
Input = DET_VIN
1.35
V
GAIN vs. IF FREQUENCY
IF FREQUENCY (MHz)
28
24
50
500
410
320
230
140
TC = +95°C
TC = +25°C
25
26
27
TC = -40°C
GAIN vs. IF FREQUENCY
IF FREQUENCY (MHz)
28
24
50
500
410
320
230
140
25
26
27
VCC = 4.75V, 5.00V, 5.50V, 5.80V
GAIN OVER PLVSET SETTING
vs. IF FREQUENCY
IF FREQUENCY (MHz)
-10
0
10
20
30
-20
0V
1.5V
2.5V
2.0V
0.5V
50
500
410
320
230
140
1.0V


Similar Part No. - MAX2091ETP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2091ETP++ MAXIM-MAX2091ETP+ Datasheet
6Mb / 29P
   50MHz to 500MHz Analog VGA, 1735MHz to 1935MHz Upconverting Mixer
2015
MAX2091ETP+T MAXIM-MAX2091ETP+T Datasheet
6Mb / 29P
   50MHz to 500MHz Analog VGA, 1735MHz to 1935MHz Upconverting Mixer
2015
More results

Similar Description - MAX2091ETP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2091 MAXIM-MAX2091_V01 Datasheet
6Mb / 29P
   50MHz to 500MHz Analog VGA, 1735MHz to 1935MHz Upconverting Mixer
2015
MAX2090 MAXIM-MAX2090 Datasheet
1Mb / 14P
   50MHz to 1000MHz Analog VGA with Threshold Alarm Circuit and Error Amplifier for Level Control
Rev 1; 9/12
MAX2090 MAXIM-MAX2090_V01 Datasheet
688Kb / 14P
   50MHz to 1000MHz Analog VGA with Threshold Alarm Circuit and Error Amplifier for Level Control
2015
MAX2092 MAXIM-MAX2092 Datasheet
2Mb / 15P
   700MHz to 2700MHz Analog VGA with Threshold Alarm Circuit and Error Amplifier for Level Control
Rev 0; 6/12
logo
Linear Technology
LT5506 LINER-LT5506 Datasheet
321Kb / 12P
   40MHz to 500MHz Quadrature Demodulator with VGA
LT5506 LINER-LT5506_15 Datasheet
322Kb / 12P
   40MHz to 500MHz Quadrature Demodulator with VGA
logo
Maxim Integrated Produc...
MAX2067 MAXIM-MAX2067 Datasheet
299Kb / 23P
   50MHz to 1000MHz High-Linearity, Serial/Analog-Controlled VGA
Rev 0; 4/08
logo
Linear Technology
LT5511 LINER-LT5511_15 Datasheet
289Kb / 16P
   High Signal Level Upconverting Mixer
LT5511 LINER-LT5511 Datasheet
283Kb / 16P
   High Signal Level Upconverting Mixer
logo
Maxim Integrated Produc...
MAX2064 MAXIM-MAX2064 Datasheet
3Mb / 20P
   Dual 50MHz to 1000MHz High-Linearity, Serial/Analog-Controlled VGA
Rev 0; 12/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com