Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R-6 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # R-6
Description  Plastic Silicon Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

R-6 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  R-6 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd R-6 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
25
0
0
50
S i n g l e P h a s e
H a l f W a v e 6 0 H Z
R e s i s t i v e o r
I n du c t i v e Loa d
2
4
6
8
100
75
125
175
150
0.01
0.02
0.06
0.04
20
0.4
TJ=25
Pulse Width=300uS
0.7
0.8
0.9
1.0
1.1
1.2
0.1
0.2
1.0
2
4
10
.2
10
.1
.4
1.0
2
100
200
4
10 20
40
100
f=1MHz
TJ=25
AMBIENT TEMPERATURE,
℃                                        INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.1--FORWARDDERATINGCURVE
FIG.2--TYPICALFORWARDCHARACTERISTICS
NUMBER OF CYCLES AT 60Hz
SURGE CURRENT
FIG.3--MAXIMUMNON-REPETITIVEFORWARD
FIG.4--TYPICALJUNCTIONCAPACITANCE
REVERSE VOLTAGE, VOLTS
1
2
4
10
8
20
40
60 80 100
0
TJ=125
8.3ms Single Half
Sine-Wave
100
200
300
400
8A05-8A10
Plastic Silicon Rectifiers
Ratings AND Charactieristic Curves
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - R-6

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
R-6 LUGUANG-R-6 Datasheet
178Kb / 2P
   Plastic Silicon Rectifiers
R-6 LUGUANG-R-6 Datasheet
173Kb / 2P
   Plastic Silicon Rectifiers
R-6 LUGUANG-R-6 Datasheet
237Kb / 4P
   TVS Transient Voltage Suppressor
logo
Recom International Pow...
R-611.8D RECOM-R-611.8D Datasheet
83Kb / 4P
   INNOLINE DC/DC-Converter
R-611.8D RECOM-R-611.8D Datasheet
93Kb / 4P
   1-2 AMP SIP12 Vertical & Horizontal
More results

Similar Description - R-6

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
CT4A01 CTC-CT4A01 Datasheet
41Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
HY ELECTRONIC CORP.
1N4001 HY-1N4001 Datasheet
35Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
P600A SEMTECH_ELEC-P600A Datasheet
238Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Pan Jit International I...
1N4001 PANJIT-1N4001_10 Datasheet
64Kb / 2P
   PLASTIC SILICON RECTIFIERS
BY127M PANJIT-BY127M_09 Datasheet
68Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Shenzhen Luguang Electr...
6A05S LUGUANG-6A05S Datasheet
136Kb / 2P
   Plastic Silicon Rectifiers
EM513 LUGUANG-EM513 Datasheet
157Kb / 2P
   Plastic Silicon Rectifiers
P600A LUGUANG-P600A Datasheet
173Kb / 2P
   Plastic Silicon Rectifiers
logo
Yea Shin Technology Co....
1N4001 YEASHIN-1N4001 Datasheet
120Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Compact Technology Corp...
1N5391 CTC-1N5391_15 Datasheet
61Kb / 2P
   PLASTIC SILICON RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com