Electronic Components Datasheet Search |
|
MAX6311 Datasheet(PDF) 9 Page - Maxim Integrated Products |
|
MAX6311 Datasheet(HTML) 9 Page - Maxim Integrated Products |
9 / 11 page 5-Pin, Multiple-Input, Programmable Reset ICs 9 MAX6309 5V 3.3V RST IN MR GND VCC RESET RESET IN 3.3V µP Typical Operating Circuit Ordering Information (continued) † The MAX6306/MAX6307/MAX6309/MAX6310/MAX6312/ MAX6313 are available with factory-set VCC reset thresholds from 2.5V to 5V, in 0.1V increments. Insert the desired nominal reset threshold (from Table 1) into the blanks following the letters UK. All parts also offer factory-programmed reset timeout periods. Insert the number corresponding to the desired nominal timeout period index following the “D” in the part number (D1 = 1ms min, D2 = 20ms min, D3 = 140ms min, and D4 = 1120ms min). There are 10 standard versions with a required order increment of 2,500 pieces. Sample stock is generally held on the standard versions only (see Standard Versions table). Required order increment is 10,000 pieces for non-standard versions. Contact factory for avail- ability of non-standard versions. All devices available in tape-and- reel only. Devices are available in both leaded and lead-free packaging. Specify lead-free by replacing “-T” with “+T” when ordering. Standard Versions Table PART† TEMP RANGE PIN- PACKAGE MAX6306UK_ _D_-T -0°C to +70°C 5 SOT23 MAX6306EUK_ _D_-T -40°C to +85°C 5 SOT23 MAX6307UK_ _D_-T -0°C to +70°C 5 SOT23 MAX6307EUK_ _D_-T -40°C to +85°C 5 SOT23 MAX6308UK00D_-T -0°C to +70°C 5 SOT23 MAX6308EUK00D_-T -40°C to +85°C 5 SOT23 MAX6309UK_ _D_-T -0°C to +70°C 5 SOT23 MAX6309EUK_ _D_-T -40°C to +85°C 5 SOT23 MAX6310UK_ _D_-T -0°C to +70°C 5 SOT23 MAX6310EUK_ _D_-T -40°C to +85°C 5 SOT23 MAX6311UK00D_-T -0°C to +70°C 5 SOT23 MAX6311EUK00D_-T -40°C to +85°C 5 SOT23 MAX6312UK_ _D_-T -0°C to +70°C 5 SOT23 MAX6312EUK_ _D_-T -40°C to +85°C 5 SOT23 MAX6305UK00D3-T MAX6309UK29D3-T MAX6306UK29D3-T MAX6309UK46D3-T MAX6306UK46D3-T MAX6311UK00D3-T MAX6307UK46D3-T MAX6312UK29D3-T MAX6308UK00D3-T MAX6312UK46D3-T |
Similar Part No. - MAX6311 |
|
Similar Description - MAX6311 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |