Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL70D0948 Datasheet(PDF) 9 Page - System Logic Semiconductor

Part # SL70D0948
Description  48 OUTPUT LED DRIVER / 9 BIT PWM CONTROLLER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL70D0948 Datasheet(HTML) 9 Page - System Logic Semiconductor

Back Button SL70D0948 Datasheet HTML 5Page - System Logic Semiconductor SL70D0948 Datasheet HTML 6Page - System Logic Semiconductor SL70D0948 Datasheet HTML 7Page - System Logic Semiconductor SL70D0948 Datasheet HTML 8Page - System Logic Semiconductor SL70D0948 Datasheet HTML 9Page - System Logic Semiconductor SL70D0948 Datasheet HTML 10Page - System Logic Semiconductor SL70D0948 Datasheet HTML 11Page - System Logic Semiconductor SL70D0948 Datasheet HTML 12Page - System Logic Semiconductor SL70D0948 Datasheet HTML 13Page - System Logic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
SLS System Logic Semiconductor
SL70D0948
LED2
LED1
LED48
LED47
LED46
LED45
DIN8~DIN0
SHCLK
DATA INPUT
STROBE
Data Register DATA (internal)
Data Register(1)
LED1[8:0]
LED2[8:0]
LED3[8:0]
LED4[8:0]
LED5[8:0]
LED48[8:0]
LED47[8:0]
INPUT TIMING DIAGRAM
LED46[8:0]
DOUT TIMING DIAGRAM
LED48[8:0]
LED47[8:0]
LED46[8:0]
LED45[8:0]
LED44[8:0]
LED43[8:0]
DIN8~DIN0
SHCLK
DATA INPUT
DOUT8~DOUT6
LED47[8:0]
LED46[8:0]
LED43[8:0]
LED45[8:0]
LED44[8:0]
DATA OUTPUT
SHCLK
(After 48 clocks)
54
49
50
51
52
53
6
1
2
3
4
5
Data Register(2)
Data Register(3)
Data Register(4)
Data Register(5)
Data Register(46)
Data Register(47)
Data Register(48)


Similar Part No. - SL70D0948

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SL7-100-L-RG-24LED ETC2-SL7-100-L-RG-24LED Datasheet
186Kb / 3P
   Complete24-V LED RG
SL7-100-L-RYG-24LED ETC2-SL7-100-L-RYG-24LED Datasheet
183Kb / 3P
   Complete 24-VLED 100-mm base
SL7-AP24 ETC2-SL7-AP24 Datasheet
269Kb / 3P
   Acoustic device,
SL7-AP24-E ETC2-SL7-AP24-E Datasheet
236Kb / 3P
   Acoustic device
SL7-AP24-M ETC2-SL7-AP24-M Datasheet
426Kb / 3P
   Acoustic device,
More results

Similar Description - SL70D0948

ManufacturerPart #DatasheetDescription
logo
LDT Co., Ltd
LD1048C LDT-LD1048C Datasheet
450Kb / 28P
   10 bit PWM Controller 48Channel Output LED Driver
LD1510 LDT-LD1510 Datasheet
389Kb / 25P
   3Channel Output LED Driver with 12 bit PWM Controller
logo
Texas Instruments
TLC59581 TI1-TLC59581 Datasheet
525Kb / 28P
[Old version datasheet]   48-Channel, 16-Bit ES-PWM LED Driver
logo
LDT Co., Ltd
LD1048 LDT-LD1048 Datasheet
200Kb / 27P
   48 Channel Output LED DRIVER
logo
Renesas Technology Corp
ISL68225 RENESAS-ISL68225 Datasheet
2Mb / 107P
   Digital Dual Output, 9-Phase PWM Controller
Oct.1.20
logo
Mean Well Enterprises C...
IDPV-25 MEANWELL-IDPV-25 Datasheet
140Kb / 6P
   25W PWM Output LED Driver
IDLV-45 MEANWELL-IDLV-45 Datasheet
660Kb / 6P
   45W PWM Output LED Driver
IDLV-65 MEANWELL-IDLV-65 Datasheet
270Kb / 6P
   65W PWM Output LED Driver
IDPV-65 MEANWELL-IDPV-65 Datasheet
152Kb / 6P
   65W PWM Output LED Driver
IDPV-45 MEANWELL-IDPV-45 Datasheet
158Kb / 6P
   45W PWM Output LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com