Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOD-323 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SOD-323
Description  Schottky Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SOD-323 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SOD-323 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SOD-323 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Low current rectifier Schottky diode
Low voltage, low inductance
For power supply
Maximum Ratings
Parameter
Symbol
Limits
Unit
Peak reverse voltage
VRM
30
V
DC reverse voltage
VR
20
V
Mean rectifying current
IO
0.5
A
Peak forward surge current
IFSM
2
A
Junction temperature
Tj
125
Storage temperature
Tstg
-40~+125
Electrical Ratings
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Forward voltage
VF
0.36
0.47
V
IF=100mA
IF=500mA
Reverse current
IR
100
μA
VR=20V
RB551V-30
Schottky Diodes
Maximum Ratings and Electrical Characteristics
Rating at 25oC ambient temperature unless otherwise specified.
Dimensions in inches and (millimeters)
SOD-323
Features
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - SOD-323

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SOD-323 DIODES-SOD-323 Datasheet
174Kb / 12P
   SUGGESTED PAD LAYOUT
AP02001 Rev. 38
logo
SHENZHEN YONGERJIA INDU...
SOD-323 WINNERJOIN-SOD-323 Datasheet
129Kb / 2P
   FAST SWITCHING DIODE
logo
Shenzhen Luguang Electr...
SOD-323 LUGUANG-SOD-323 Datasheet
240Kb / 2P
   Schottky Barrier Diode
SOD-323 LUGUANG-SOD-323 Datasheet
401Kb / 3P
   Silicon Epitaxial Planar Diodes
SOD-323 LUGUANG-SOD-323 Datasheet
272Kb / 1P
   Surface Mounting Schottky Diode
More results

Similar Description - SOD-323

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
logo
Unisonic Technologies
SD106WS UTC-SD106WS Datasheet
84Kb / 3P
   SCHOTTKY DIODES
logo
General Semiconductor
SD101A GE-SD101A Datasheet
107Kb / 3P
   Schottky Diodes
BAT17 GE-BAT17 Datasheet
81Kb / 1P
   SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
   Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
   Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
   SCHOTTKY DIODES
LL41 GE-LL41 Datasheet
42Kb / 2P
   Schottky Diodes
LL103A GE-LL103A Datasheet
131Kb / 3P
   Schottky Diodes
logo
Rectron Semiconductor
SD101AWS RECTRON-SD101AWS Datasheet
52Kb / 3P
   SCHOTTKY DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com