Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL105 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # RL105
Description  Plastic Silicon Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

RL105 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  RL105 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd RL105 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.2
2
1
.1
4
.4
1.0
2
40
10
20
60
100
4
10
20
40
100
f=1MHz
TJ=25
0.6 0.8
1.0
1.2
1.4
1.6
0.01
0.02
0.06
0.04
0.1
0.2
0.4
1.0
2
4
10
100
TJ=25
Pulse Width=300us
0
0.2
0.4
0.6
0.8
0
255075100
125
Single Phase
Half Wave60HZ
Resistive or
InductiveLoad
150
1.0
1
5
10
15
25
20
30
40
35
45
20
TJ=125
8.3ms Single Half
Sine-Wave
24
10
8
100
40
60 80
FIG.3 -- PEAK FORWARD SURGE CURRENT
FIG.4 --TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,VOLTS
AMBIENT TEMPERATURE,
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
NUMBER OF CYCLES AT 60Hz
FIG.1 -- FORWARD DERATING CURVE
FIG.2 -- TYPICAL FORWARD CHARACTERISTIC
RL101-RL107
Plastic Silicon Rectifiers
Ratings AND Charactieristic Curves
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - RL105

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
RL105 GOOD-ARK-RL105 Datasheet
199Kb / 2P
   GENERAL PURPOSE PLASITC RECTIFIER
logo
Micro Commercial Compon...
RL105 MCC-RL105 Datasheet
243Kb / 5P
   1 Amp Rectifier 50 - 1000 Volts
RL105 MCC-RL105 Datasheet
78Kb / 3P
   1 Amp Rectifier 50 - 1000 Volts
logo
Sangdest Microelectroni...
RL105 SMC-RL105 Datasheet
178Kb / 4P
   PASSIVATED SILICON RECTIFIER
logo
DAESAN ELECTRONIC CORP.
RL105 DAESAN-RL105 Datasheet
304Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
More results

Similar Description - RL105

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
CT4A01 CTC-CT4A01 Datasheet
41Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
HY ELECTRONIC CORP.
1N4001 HY-1N4001 Datasheet
35Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
P600A SEMTECH_ELEC-P600A Datasheet
238Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Pan Jit International I...
1N4001 PANJIT-1N4001_10 Datasheet
64Kb / 2P
   PLASTIC SILICON RECTIFIERS
BY127M PANJIT-BY127M_09 Datasheet
68Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Shenzhen Luguang Electr...
6A05S LUGUANG-6A05S Datasheet
136Kb / 2P
   Plastic Silicon Rectifiers
8A05 LUGUANG-8A05 Datasheet
171Kb / 2P
   Plastic Silicon Rectifiers
EM513 LUGUANG-EM513 Datasheet
157Kb / 2P
   Plastic Silicon Rectifiers
P600A LUGUANG-P600A Datasheet
173Kb / 2P
   Plastic Silicon Rectifiers
logo
Yea Shin Technology Co....
1N4001 YEASHIN-1N4001 Datasheet
120Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Compact Technology Corp...
1N5391 CTC-1N5391_15 Datasheet
61Kb / 2P
   PLASTIC SILICON RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com