Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD103ATW Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SD103ATW
Description  Surface Mount Schottky Barrier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SD103ATW Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SD103ATW Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SD103ATW Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Low forward voltage drop.
Guard ring construction for transient
protection.
Fast switching.
Low leakage current.
Three fully isolated schottky diodes.
Also available in lead free version.
High speed switching.
Type No.
Marking
Package Code
SD103ATW
KLL
SOT-363
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Symbol
Characteristic
Value
Unit
VRRM
VRWM
VR
Peak Repetitive reverse Voltage
Working peak reverse voltage
DC blocking voltage
40
V
VR(RMS)
RMS reverse Voltage
28
V
IFM
Forward continuous current (max.)
350
mA
IO
Average rectified current
175
mA
IFSM
Non-Repetitive peak forward surge current
@t
≤10ms
1.0
A
RθJA
Thermal resistance, Junction to ambient air
500
℃/W
PD
Power Dissipation
200
mW
Tj,Tstg
Junction and Storage Temperature
-55 to+125
SD103ATW
Surface Mount Schottky Barrier Diodes
Features
Applications
Ordering Information
Dimensions in inches and (millimeters)
SOT-363
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - SD103ATW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SD103ATW DIODES-SD103ATW Datasheet
55Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
DS30374 Rev. 1 - 2
logo
Nanjing International G...
SD103ATW DGNJDZ-SD103ATW Datasheet
1Mb / 4P
   S0T-363 Plastic-Encapsulate Diodes
logo
Diodes Incorporated
SD103ATW DIODES-SD103ATW Datasheet
83Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
DS30374 Rev. 6 - 2
SD103ATW DIODES-SD103ATW Datasheet
122Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
DS30374 Rev. 9 - 2
logo
SeCoS Halbleitertechnol...
SD103ATW SECOS-SD103ATW Datasheet
140Kb / 2P
   Surface Mount Schottky Diode Array
More results

Similar Description - SD103ATW

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
BAS40 WEITRON-BAS40 Datasheet
203Kb / 2P
   Surface Mount Schottky Barrier Diodes
SD103AW WEITRON-SD103AW Datasheet
79Kb / 3P
   Surface Mount Schottky Barrier Diodes
WSD751S WEITRON-WSD751S Datasheet
560Kb / 3P
   Surface Mount Schottky Barrier Diodes
B5817WS WEITRON-B5817WS Datasheet
369Kb / 3P
   Surface Mount Schottky Barrier Diodes
logo
Pan Jit International I...
SD103AW PANJIT-SD103AW Datasheet
62Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
PACELEADER INDUSTRIAL
BAS40 PACELEADER-BAS40 Datasheet
336Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
BAS70 PACELEADER-BAS70 Datasheet
346Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
BAS70W PACELEADER-BAS70W Datasheet
673Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Continental Device Indi...
BAS70W CDIL-BAS70W Datasheet
346Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
PACELEADER INDUSTRIAL
PSD490 PACELEADER-PSD490 Datasheet
173Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
PSD520S-40 PACELEADER-PSD520S-40 Datasheet
396Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com