Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD103CWS Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SD103CWS
Description  Surface Mount Schottky Barrier Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SD103CWS Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SD103CWS Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SD103CWS Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Low Forward Voltage Drop
Guard Ring Construction for
Transient Protection
Negligible Reverse Recovery Time
Low Reverse Capacitance
Ultra-Small Surface Mount Package
Case: SOD-323, Plastic
Case material - UL Flammability Rating
Classification 94V-0
Polarity: Cathode Band
Weight: 0.004 grams (approx.)
Notes:
1. Short duration test pulse used to minimize self-heating effect.
Electrical Characteristics
Symbol
SD103AWS
SD103BWS
SD103CWS
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
40
30
20
V
RMS Reverse Voltage
VR(RMS)
28
21
14
V
Forward Continuous Current
IFM
350
mA
Non-Repetitive Peak Forward Surge Current
@ t
£ 1.0s
IFSM
1.5
A
Power Dissipation
Pd
200
mW
Thermal Resistance, Junction to Ambient Air
RqJA
625
°C/W
Operating and Storage Temperature Range
Tj,TSTG
-65 to +125
°C
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 1)
SD103AWS
SD103BWS
SD103CWS
V(BR)R
40
30
20
¾¾
V
IR = 10
mA
IR = 10
mA
IR = 10
mA
Forward Voltage Drop (Note 1)
VFM
¾¾
0.37
0.60
V
IF = 20mA
IF = 200mA
Peak Reverse Current (Note 1)
SD103AWS
SD103BWS
SD103CWS
IRM
¾¾
5.0
mA
VR = 30V
VR = 20V
VR = 10V
Total Capacitance
CT
¾
50
¾
pF
VR = 0V, f = 1.0MHz
Reverse Recovery Time
trr
¾
10
¾
ns
IF = IR = 200mA,
Irr = 0.1 x IR,RL = 100
W
SD103AWS-SD103CWS
Surface Mount Schottky Barrier Diode
Maximum Ratings and Electrical Characteristics
Rating at 25oC ambient temperature unless otherwise specified.
Features
Mechanical Data
SOD-323
Dimensions in inches and (millimeters)
Type Number
Maximum Ratings
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - SD103CWS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SD103CWS PANJIT-SD103CWS Datasheet
56Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
logo
Nanjing International G...
SD103CWS DGNJDZ-SD103CWS Datasheet
83Kb / 3P
   Surface Mount Schottky Barrier Diodes
logo
Dongguan Pingjingsemi T...
SD103CWS PJSEMI-SD103CWS Datasheet
714Kb / 3P
   Surface Mount Schottky Barrier Diode
logo
SEMTECH ELECTRONICS LTD...
SD103CWS SEMTECH_ELEC-SD103CWS Datasheet
212Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Formosa MS
SD103CWS FORMOSA-SD103CWS Datasheet
90Kb / 7P
   350mA Surface Mount Small Signal Schottky Diode -20V-40v
More results

Similar Description - SD103CWS

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
SD101AWS KEXIN-SD101AWS Datasheet
36Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
SD103BWS KEXIN-SD103BWS Datasheet
34Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
BAS40 SEMTECH_ELEC-BAS40 Datasheet
119Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Weitron Technology
WSD751H WEITRON-WSD751H Datasheet
309Kb / 3P
   Surface Mount Schottky Barrier Diode
logo
GTM CORPORATION
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS400SD GTM-GS400SD Datasheet
148Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS402SD GTM-GS402SD Datasheet
163Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Taiwan Semiconductor Co...
BAT46W TSC-BAT46W Datasheet
29Kb / 1P
   Surface Mount Schottky Barrier Diode
logo
Diodes Incorporated
SDMK0340L DIODES-SDMK0340L_08 Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 10 - 2 June 2008
SDMG0340L DIODES-SDMG0340L_08 Datasheet
125Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 12 - 2 July 2008
SDM10K45 DIODES-SDM10K45_10 Datasheet
79Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 15 - 2 June 2010
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com