Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AE0203D16DF Datasheet(PDF) 6 Page - NEC

Part # AE0203D16DF
Description  Multilayer Piezoelectric Actuators
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

AE0203D16DF Datasheet(HTML) 6 Page - NEC

Back Button AE0203D16DF Datasheet HTML 2Page - NEC AE0203D16DF Datasheet HTML 3Page - NEC AE0203D16DF Datasheet HTML 4Page - NEC AE0203D16DF Datasheet HTML 5Page - NEC AE0203D16DF Datasheet HTML 6Page - NEC AE0203D16DF Datasheet HTML 7Page - NEC AE0203D16DF Datasheet HTML 8Page - NEC AE0203D16DF Datasheet HTML 9Page - NEC AE0203D16DF Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2011.06.22 9307MPAVOL06E1106H2
Standard Parts List
Performance
Model
Displacement
[μm]
Overall length
[mm]
Generated force
[N]
Stiffness
[N/um]
Resonance
frequency
[kHz]
Capacitance
[μF]
Insulation
resistance
[MΩ]
Maximum
driving voltage
[150VDC]
AE0203D04F
4.6
±1.5
5
200
43.5
261
0.09
100
AE0203D04DF
AE0203D08F
9.1
±1.5
10
200
22.0
138
0.18
100
AE0203D08DF
AE0203D16F
17.4
±2.0
20
200
11.5
69
0.35
50
AE0203D16DF
AE0203D44H40F
42.0
±6.6
40
200
4.8
34
0.82
20
AE0203D44H40DF
AE0505D08F
9.1
±1.5
10
850
93.4
138
0.75
50
AE0505D08DF
AE0505D16F
17.4
±2.0
20
850
48.9
69
1.4
10
AE0505D16DF
AE0505D44H40F
42.0
±6.6
40
850
20.2
34
3.4
5
AE0505D44H40DF
AE1010D16F
18.4
±3.5
20
3,500
190.2
69
5.4
5
AE1010D16DF
AE1010D44H40F
42.0
±6.6
40
3,500
83.3
34
13.6
2
AE1010D44H40DF
AE1414D16F
18.4
±3.5
20
7,000
380.4
69
10.8
2
AE2525D15F
15.6
±2.0
20
20,000
1,282.0
69
30.5
0.4
*Tow coating types are available. AE
****D**DF has thinner coating thickness.
*For detail information of measurement conditions and outer dimension, please refer to
“Performance” and “Outer Dimension” sections.
Item
Standard
Conditions
Operating temperature range
ー25 to +85℃
When applied with a DC voltage: Ambient temperature
When driven by an AC voltage: Ambient temperature + Temperature
rise due to generated heat
Recommended Storage
condition
ー5 to +40℃ / less than 40%R.H
Recommend storage at room temperature.
No condensation.
Maximum driving voltage
150VDC
Displacement
See the standard parts list
At 150VDC
Generated force
(compression resistance)
See the standard parts list
The force required for restricting the displacement to 0 when the
maximum driving voltage is applied.
Capacitance
See the standard parts list
f
=1kHz, V=1Vrms
Capacitance allowance
+/ー20 %
Dissipation factor
5% or less
Insulation resistance
See the standard parts list
Value obtained in 1 minute at 150 VDC
Resonance frequency
See the standard parts list
With both ends of element in free state
Typical value of the element under our test conditions
Tensile strength
1/10 of generated force
Typical value of the element under our test conditions
Young's modulus
4.4
×1010N/m2
Typical value of the element under our test conditions
Temperature cycle test
Displacement: Initial value
±20%
Capacitance: Initial value
±30%
tan
δ: Less than initial rated value
Insulation resistance: 1M
Ω or more
Appearance: No noticeable defect
Room temperature
(3 min)
–25
℃(30 min.)
Room temperature
(3 min)
+85
℃(30 min)
Repetition of 10 cycles of the above
6 Multilayer Piezoelectric Actuators Vol.06


Similar Part No. - AE0203D16DF

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
AE0203D16DF KEMET-AE0203D16DF Datasheet
476Kb / 13P
   Multilayer Piezoelectric Actuators
AE0203D16DF KEMET-AE0203D16DF Datasheet
5Mb / 30P
   Multilayer Piezoelectric Actuators AE Series Resin Coated
More results

Similar Description - AE0203D16DF

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
AE0505D44H40DF KEMET-AE0505D44H40DF Datasheet
476Kb / 13P
   Multilayer Piezoelectric Actuators
ASB170C801ND0LF KEMET-ASB170C801ND0LF Datasheet
460Kb / 12P
   Multilayer Piezoelectric Actuators
logo
HOKURIKU ELECTRIC INDUS...
E3462AA HOKURIKU-E3462AA Datasheet
118Kb / 1P
   Piezoelectric Actuators
logo
Kemet Corporation
AE0505D44H40D-H0F KEMET-AE0505D44H40D-H0F Datasheet
5Mb / 30P
   Multilayer Piezoelectric Actuators AE Series Resin Coated
AER13.6X10X10DF KEMET-AER13.6X10X10DF Datasheet
1Mb / 17P
   Multilayer Piezoelectric Actuators AER Series Resin Coated, Ring Shape
AE1010D44H40DF KEMET-AE1010D44H40DF Datasheet
70Kb / 1P
   KEMET, AE, Piezo Actuators, Multilayer
AE035035D18H18DF KEMET-AE035035D18H18DF Datasheet
65Kb / 1P
   KEMET, AE, Piezo Actuators, Multilayer
AE0707D16DF KEMET-AE0707D16DF Datasheet
70Kb / 1P
   KEMET, AE, Piezo Actuators, Multilayer
AER20X15.4X10DF KEMET-AER20X15.4X10DF Datasheet
63Kb / 1P
   KEMET, AER, Piezo Actuators, Multilayer
AE0505D08D-H0F KEMET-AE0505D08D-H0F Datasheet
64Kb / 1P
   KEMET, AE, Piezo Actuators, Multilayer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com