Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7843 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7843
Description  TOUCH SCREEN CONTROLLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7843 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS7843 Datasheet HTML 6Page - Texas Instruments ADS7843 Datasheet HTML 7Page - Texas Instruments ADS7843 Datasheet HTML 8Page - Texas Instruments ADS7843 Datasheet HTML 9Page - Texas Instruments ADS7843 Datasheet HTML 10Page - Texas Instruments ADS7843 Datasheet HTML 11Page - Texas Instruments ADS7843 Datasheet HTML 12Page - Texas Instruments ADS7843 Datasheet HTML 13Page - Texas Instruments ADS7843 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
ADS7843
10
SBAS090B
www.ti.com
FIGURE 8. Ideal Input Voltages and Output Codes.
0V
FS = Full-Scale Voltage = V
REF
(1)
1LSB = V
REF
(1)/4096
FS – 1LSB
11...111
11...110
11...101
00...010
00...001
00...000
1LSB
NOTES: (1) Reference voltage at converter: +REF – (–REF). See Figure 2.
(2) Input voltage at converter, after multiplexer: +IN – (–IN). See Figure 2
Input Voltage(2) (V)
This is possible provided that each conversion completes
within 1.6ms of starting. Otherwise, the signal that has been
captured on the input sample-and-hold may droop enough to
affect the conversion result. Note that the ADS7843 is fully
powered while other serial communications are taking place
during a conversion.
Digital Timing
Figure 7 and Table VI provide detailed timing for the digital
interface of the ADS7843.
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tACQ
Acquisition Time
1.5
µs
tDS
DIN Valid Prior to DCLK Rising
100
ns
tDH
DIN Hold After DCLK HIGH
10
ns
tDO
DCLK Falling to DOUT Valid
200
ns
tDV
CS Falling to DOUT Enabled
200
ns
tTR
CS Rising to DOUT Disabled
200
ns
tCSS
CS Falling to First DCLK Rising
100
ns
tCSH
CS Rising to DCLK Ignored
0
ns
tCH
DCLK HIGH
200
ns
tCL
DCLK LOW
200
ns
tBD
DCLK Falling to BUSY Rising
200
ns
tBDV
CS Falling to BUSY Enabled
200
ns
tBTR
CS Rising to BUSY Disabled
200
ns
TABLE VI. Timing Specifications (+VCC = +2.7V and Above,
TA = –40°C to +85°C, CLOAD = 50pF).
FIGURE 7. Detailed Timing Diagram.
PD0
t
BDV
t
DH
t
CH
t
CL
t
DS
t
CSS
t
DV
t
BD
t
BD
t
TR
t
BTR
t
D0
t
CSH
DCLK
CS
11
DOUT
BUSY
DIN
10
Data Format
The ADS7843 output data is in Straight Binary format, as
shown in Figure 8. This figure shows the ideal output code for
the given input voltage and does not include the effects of
offset, gain, or noise.
8-Bit Conversion
The ADS7843 provides an 8-bit conversion mode that can be
used when faster throughput is needed and the digital result
is not as critical. By switching to the 8-bit mode, a conversion
is complete four clock cycles earlier. This could be used in
conjunction with serial interfaces that provide 12-bit transfers
or two conversions could be accomplished with three 8-bit
transfers. Not only does this shorten each conversion by four
bits (25% faster throughput), but each conversion can actu-
ally occur at a faster clock rate. This is because the internal
settling time of the ADS7843 is not as critical—settling to
better than 8 bits is all that is needed. The clock rate can be
as much as 50% faster. The faster clock rate and fewer clock
cycles combine to provide a 2x increase in conversion rate.


Similar Part No. - ADS7843

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843-Q1 TI1-ADS7843-Q1 Datasheet
1Mb / 21P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843E BURR-BROWN-ADS7843E Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7843E BURR-BROWN-ADS7843E Datasheet
285Kb / 13P
   EVALUATION FIXTURE
logo
Texas Instruments
ADS7843IDBQRQ1 TI1-ADS7843IDBQRQ1 Datasheet
1Mb / 21P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
More results

Similar Description - ADS7843

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
logo
List of Unclassifed Man...
XPT2046 ETC2-XPT2046 Datasheet
821Kb / 30P
   Touch Screen Controller
2007
logo
Burr-Brown (TI)
ADS7845 BURR-BROWN-ADS7845 Datasheet
173Kb / 12P
   TOUCH SCREEN CONTROLLER
logo
Integrated Circuit Syst...
MK715 ICST-MK715 Datasheet
376Kb / 22P
   Touch Screen Controller
logo
Analog Devices
AD7877 AD-AD7877 Datasheet
1,002Kb / 44P
   Touch Screen Controller
REV. A
logo
Anpec Electronics Corop...
APT7846 ANPEC-APT7846 Datasheet
583Kb / 15P
   Touch Screen Controller
logo
Silicon Standard Corp.
SS7646 SSC-SS7646 Datasheet
836Kb / 13P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com