Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FME0H223ZF Datasheet(PDF) 8 Page - NEC

Part # FME0H223ZF
Description  Super Capacitors
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

FME0H223ZF Datasheet(HTML) 8 Page - NEC

Back Button FME0H223ZF Datasheet HTML 4Page - NEC FME0H223ZF Datasheet HTML 5Page - NEC FME0H223ZF Datasheet HTML 6Page - NEC FME0H223ZF Datasheet HTML 7Page - NEC FME0H223ZF Datasheet HTML 8Page - NEC FME0H223ZF Datasheet HTML 9Page - NEC FME0H223ZF Datasheet HTML 10Page - NEC FME0H223ZF Datasheet HTML 11Page - NEC FME0H223ZF Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2010.11.8 9565SCAVOL12E
8 Super Capacitors Vol.12
HV Series
HV
0E
106
N
F
Environmental pollutant reduced
Capacitance tolerance
±
30%
Nominal capacitance(μF)
First two digits represent significant fifure
Third digit specifies number of zeroes to follow microfarad code.
Maximum operating voltage
0E:2.7Vdc
Series name


Similar Part No. - FME0H223ZF

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
FME0H223ZF KEMET-FME0H223ZF Datasheet
54Kb / 1P
   Supercapacitors, Radial Molded, Commercial Grade, FME, 0.022 F, -20/80%, 5.5 V, Wire Leads, Lead Spacing = 5mm
FME0H223ZF-L116 KEMET-FME0H223ZF-L116 Datasheet
560Kb / 17P
   Supercapacitors
12/16/2022
FME0H223ZF-L118 KEMET-FME0H223ZF-L118 Datasheet
560Kb / 17P
   Supercapacitors
12/16/2022
FME0H223ZFL116 KEMET-FME0H223ZFL116 Datasheet
764Kb / 18P
   Supercapacitors FM Series
FME0H223ZFL118 KEMET-FME0H223ZFL118 Datasheet
764Kb / 18P
   Supercapacitors FM Series
More results

Similar Description - FME0H223ZF

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
305DCN2R7Q ILLINOISCAPACITOR-305DCN2R7Q Datasheet
404Kb / 2P
   Super Capacitors
106DCR2R3SGU ILLINOISCAPACITOR-106DCR2R3SGU Datasheet
172Kb / 2P
   Radial Leaded Super Capacitors
105DER2R5SFN ILLINOISCAPACITOR-105DER2R5SFN Datasheet
261Kb / 3P
   Radial Leaded Super Capacitors
logo
Taiyo Yuden (U.S.A.), I...
EMK105SD152KV-F TAIYO-YUDEN-EMK105SD152KV-F Datasheet
311Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CLG04P050L28 ETC2-CLG04P050L28 Datasheet
907Kb / 26P
   Super Capacitors To Improve Power Performance.
logo
Taiyo Yuden (U.S.A.), I...
UMK107SD272KA-T TAIYO-YUDEN-UMK107SD272KA-T Datasheet
312Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
TMK316SD104KL-T TAIYO-YUDEN-TMK316SD104KL-T Datasheet
312Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
TMK316SD563KF-T TAIYO-YUDEN-TMK316SD563KF-T Datasheet
312Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
UMK107SD102KA-T TAIYO-YUDEN-UMK107SD102KA-T Datasheet
313Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
UMK212SD472KD-T TAIYO-YUDEN-UMK212SD472KD-T Datasheet
312Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com