Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF-240U Datasheet(PDF) 8 Page - NEC

Part # LF-240U
Description  Noise Filters
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

LF-240U Datasheet(HTML) 8 Page - NEC

Back Button LF-240U Datasheet HTML 4Page - NEC LF-240U Datasheet HTML 5Page - NEC LF-240U Datasheet HTML 6Page - NEC LF-240U Datasheet HTML 7Page - NEC LF-240U Datasheet HTML 8Page - NEC LF-240U Datasheet HTML 9Page - NEC LF-240U Datasheet HTML 10Page - NEC LF-240U Datasheet HTML 11Page - NEC LF-240U Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
Noise Filters VOL.11
8
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9615NFSVOL11E1106E1
Casing Type
Plastic box
100
110
90
80
70
60
50
40
30
20
10
0
Frequency (MHz)
0.1
0.5
1.0
5.0
10
20 30
Plastic Case Three-Phase Noise Filter
LF-SF Series
[RoHS Compliant]
Plastic Case Three-Phase Noise Filter
LF-SF Series
[RoHS Compliant]
Plastic Case Three-Phase Noise Filter
LF-SF Series
[RoHS Compliant]
※1:Model names ending with "10" indicate normal types, and those ending with "20" indicate DIN rail types. ※2:Normal type / DIN rail type (DIN rails not included in the products)
Model
※1
LF-3100SF-10/20
LF-3200SF-10/20
LF-3300SF-10/20
LF-3500SF-10/20
Rated
voltage
AC/DC(V)
520
520
520
520
Rated
current
AC/DC(A)
10
20
30
50
Withstanding
voltage 2 sec.,
line to ground
AC(V)
3000
3000
3000
3000
Insulation resistance
500VDC 1 min.,
line to ground
(MΩ)min.
6000
6000
6000
6000
Leakage
current
380V/50Hz,
(mA)max.
0.48
0.48
0.48
0.48
Certified
standard
UL
、CSA、ENEC14
UL
、CSA、ENEC14
UL
、CSA、ENEC14
UL
、CSA、ENEC14
Weight
(g)
※2
520 / 540
520 / 540
520 / 540
950 / 960
Self-
temperature
rise
(K)max.
50
50
50
50
Operating
temperature
range
(℃)
-25
∼+100
-25
∼+100
-25
∼+100
-25
∼+100
Common mode
Normal mode
Plastic shell of the product eliminates resin filling (weight reduction)
DIN rail installation types available
Featuring mechanism of self-jump-up to prevent loss of screw (easy to install)
Safety cover integrating contact terminal
Features
Industrial equipment, machine tools
Applications
Normal type10,20,30A
Normal type 50A
DIN rail type10,20,30A
DIN rail type 50A
Model
A
150
177
150
177
B
50
65
50
65
C
78
84
78
84
E
140
162
140
162
F
32
44
32
44
G
4.3x5.5
5.3x6.5
4.3x5.5
5.3x6.5
H
1.5
1.5
1.5
1.5
J
M4
M5
M4
M5
X
9.7
9.7
Shape and Dimensions
LF-3**0SF-10(Normal type)
LF-3**0SF-20(DIN rail type)
[mm]
Circuit Diagram
Measuring Circuit
Attenuation(Static Characteristics)
Representative example: 50A
Common mode
Normal mode
E
4
5
6
3
2
1
LINE
LOAD
B
E
G
A
3
1
2 LINE
6
LOAD
4
5
H
F
C
J
*Recommended torque (N・m) max. ◆Line terminal (M4: 1.20, M5: 2.20) ◆Earth terminal (M4: 1.20, M5: 2.20)
B
E
G
A
3
1
2 LINE
6
LOAD
4
5
H
F
C
X
J


Similar Part No. - LF-240U

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
LF-24004-0800 ICE-LF-24004-0800 Datasheet
255Kb / 2P
   Line Filters
LF-24004-0800 ICE-LF-24004-0800 Datasheet
235Kb / 2P
   Line Filters
LF-24005-0500 ICE-LF-24005-0500 Datasheet
255Kb / 2P
   Line Filters
LF-24005-0500 ICE-LF-24005-0500 Datasheet
235Kb / 2P
   Line Filters
LF-24006-0350 ICE-LF-24006-0350 Datasheet
255Kb / 2P
   Line Filters
More results

Similar Description - LF-240U

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
RZR-6815N OKAYA-RZR-6815N Datasheet
80Kb / 1P
   NOISE FILTERS
logo
KOA Speer Electronics, ...
KC1JLTD KOA-KC1JLTD Datasheet
116Kb / 8P
   Noise Filters
logo
TDK Electronics
MDF2016BSS270CTD25 TDK-MDF2016BSS270CTD25 Datasheet
171Kb / 3P
   Noise Suppression Filters
MAF0603FAL470BT000 TDK-MAF0603FAL470BT000 Datasheet
146Kb / 3P
   Noise Suppression Filters
MDF2016BSS420CTD25 TDK-MDF2016BSS420CTD25 Datasheet
172Kb / 3P
   Noise Suppression Filters
MAF0603FAL330BT000 TDK-MAF0603FAL330BT000 Datasheet
147Kb / 3P
   Noise Suppression Filters
MDF1005GAD102ATD25 TDK-MDF1005GAD102ATD25 Datasheet
160Kb / 3P
   Noise Suppression Filters
MDF2016BSS120CTD25 TDK-MDF2016BSS120CTD25 Datasheet
170Kb / 3P
   Noise Suppression Filters
MDF2016BSS600CTD25 TDK-MDF2016BSS600CTD25 Datasheet
173Kb / 3P
   Noise Suppression Filters
MDF2016BSS180CTD25 TDK-MDF2016BSS180CTD25 Datasheet
171Kb / 3P
   Noise Suppression Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com