Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL74HC163N Datasheet(PDF) 5 Page - System Logic Semiconductor

Part # SL74HC163N
Description  Presettable Counters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74HC163N Datasheet(HTML) 5 Page - System Logic Semiconductor

  SL74HC163N Datasheet HTML 1Page - System Logic Semiconductor SL74HC163N Datasheet HTML 2Page - System Logic Semiconductor SL74HC163N Datasheet HTML 3Page - System Logic Semiconductor SL74HC163N Datasheet HTML 4Page - System Logic Semiconductor SL74HC163N Datasheet HTML 5Page - System Logic Semiconductor SL74HC163N Datasheet HTML 6Page - System Logic Semiconductor SL74HC163N Datasheet HTML 7Page - System Logic Semiconductor SL74HC163N Datasheet HTML 8Page - System Logic Semiconductor SL74HC163N Datasheet HTML 9Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SL74HC163
System Logic
Semiconductor
SLS
TIMING REQUIREMENTS (C
L=50pF,Input t r=tf=6.0 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
25
°C to
-55
°C
≤85°C
≤125°C
Unit
tsu
Minimum Setup Time, Preset Data Inputs to Clock
(Figure 4)
2.0
4.5
6.0
40
15
12
60
20
18
80
30
20
ns
tsu
Minimum Setup Time, Load to Clock
(Figure 4)
2.0
4.5
6.0
60
15
12
75
20
18
90
30
20
ns
tsu
Minimum Setup Time, Reset to Clock
(Figure 3)
2.0
4.5
6.0
60
20
17
75
25
23
90
35
25
ns
tsu
Minimum Setup Time, Enable T or Enable P to
Clock (Figure 5)
2.0
4.5
6.0
80
20
17
95
25
23
110
35
25
ns
th
Minimum Hold Time, Clock to Load or Preset Data
Inputs (Figure 4)
2.0
4.5
6.0
3
3
3
3
3
3
3
3
3
ns
th
Minimum Hold Time, Clock to Reset
(Figure 3)
2.0
4.5
6.0
3
3
3
3
3
3
3
3
3
ns
th
Minimum Hold Time, Clock to Enable T or Enable
P (Figure 5)
2.0
4.5
6.0
3
3
3
3
3
3
3
3
3
ns
trec
Minimum Recovery Time, Load Inactive to Clock
(Figure 4)
2.0
4.5
6.0
80
15
12
95
20
17
110
26
23
ns
tw
Minimum Pulse Width, Clock (Figure 1)
2.0
4.5
6.0
60
12
10
75
15
13
90
18
15
ns
tw
Minimum Pulse Width, Reset (Figure 3)
2.0
4.5
6.0
60
12
10
75
15
13
90
18
15
ns
tr, tf
Maximum Input Rise and Fall Times
(Figure 1)
2.0
4.5
6.0
1000
500
400
1000
500
400
1000
500
400
ns


Similar Part No. - SL74HC163N

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HC161 SLS-SL74HC161 Datasheet
85Kb / 9P
   Presettable Counters
SL74HC161D SLS-SL74HC161D Datasheet
85Kb / 9P
   Presettable Counters
SL74HC161N SLS-SL74HC161N Datasheet
85Kb / 9P
   Presettable Counters
SL74HC164 SLS-SL74HC164 Datasheet
50Kb / 5P
   8-Bit Serial-Input/Parallel-Output8-Bit Serial-Input/Parallel-Output Shift Register
SL74HC164D SLS-SL74HC164D Datasheet
50Kb / 5P
   8-Bit Serial-Input/Parallel-Output8-Bit Serial-Input/Parallel-Output Shift Register
More results

Similar Description - SL74HC163N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC163 ONSEMI-MC74HC163 Datasheet
144Kb / 16P
   Presettable Counters
June, 2001 ??Rev. 9
logo
System Logic Semiconduc...
SL74HC161 SLS-SL74HC161 Datasheet
85Kb / 9P
   Presettable Counters
logo
ON Semiconductor
MC74HC161A ONSEMI-MC74HC161A_13 Datasheet
167Kb / 15P
   Presettable Counters
May, 2013 ??Rev. 13
logo
Integral Corp.
IN74HC163A INTEGRAL-IN74HC163A Datasheet
190Kb / 9P
   PRESETTABLE COUNTERS
IN74HCT163A INTEGRAL-IN74HCT163A Datasheet
188Kb / 8P
   PRESETTABLE COUNTERS
IN74ACT163 INTEGRAL-IN74ACT163 Datasheet
217Kb / 7P
   PRESETTABLE COUNTERS
logo
ON Semiconductor
MC74HC161A ONSEMI-MC74HC161A Datasheet
284Kb / 16P
   Presettable Counters
March, 2000 ??Rev. 8
logo
Integral Corp.
IN74HC161A INTEGRAL-IN74HC161A Datasheet
189Kb / 9P
   PRESETTABLE COUNTERS
logo
National Semiconductor ...
DM74197 NSC-DM74197 Datasheet
86Kb / 4P
   PRESETTABLE BINARY COUNTERS
DM74LS197 NSC-DM74LS197 Datasheet
117Kb / 6P
   Presettable Binary Counters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com