Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC716UB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DAC716UB
Description  16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC716UB Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC716UB Datasheet HTML 3Page - Texas Instruments DAC716UB Datasheet HTML 4Page - Texas Instruments DAC716UB Datasheet HTML 5Page - Texas Instruments DAC716UB Datasheet HTML 6Page - Texas Instruments DAC716UB Datasheet HTML 7Page - Texas Instruments DAC716UB Datasheet HTML 8Page - Texas Instruments DAC716UB Datasheet HTML 9Page - Texas Instruments DAC716UB Datasheet HTML 10Page - Texas Instruments DAC716UB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
®
DAC716
FIGURE 1. DAC716 Block Diagram.
FIGURE 2. Equivalent Circuit of Digital Inputs.
FIGURE 3. Relationship of Offset and Gain Adjustments.
Gain Adjustment
Apply the digital input that gives the maximum positive
voltage output. Adjust the gain potentiometer or the gain
adjust D/A converter for this positive full scale voltage.
GAIN AND OFFSET ADJUSTMENTS
Figure 3 illustrates the relationship of offset and gain adjust-
ments for a unipolar connected D/A converter. Offset should
be adjusted first to avoid interaction of adjustments. See
Table I for calibration values and codes. These adjustments
have a minimum range of
±0.3%.
Offset Adjustment
Apply the digital input code, 0000, that produces 0V and adjust
the offset potentiometer or the offset adjust D/A converter for
0V.
Shift Register
DAC Latch
14
12
+10V
Reference
8
6
7
DCOM
+V
CC
ACOM
V
REF OUT
Gain Adjust
4
SDI
5
SDO
16
2
A
0
3
A
1
1
16
CLK
CLR
15
– V
CC
Offset
Adjust
13
NC
11
NC
10
9
V
OUT
D/A Switches
–V
CC
+2.5V
15k
180
9.75k
5k
R
R = 1k
Ω: A
0, A1, CLK, CLR, SDI
ESD Protection Circuit
6.8V
5pF
Digital
Input
–V
CC
+V
CC
1LSB
Range of
Offset Adjust
Offset Adj.
Translates
the Line
Digital Input
FFFF
H
8000
H
0000
H
Full Scale
Range
Gain Adjust
Rotates the Line
Zero
Range of
Gain Adjust
≈ ±0.3%
≈ ±0.3%
+ Full Scale


Similar Part No. - DAC716UB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC716UB BURR-BROWN-DAC716UB Datasheet
201Kb / 13P
   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
More results

Similar Description - DAC716UB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC716 BURR-BROWN-DAC716 Datasheet
201Kb / 13P
   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
logo
Texas Instruments
DAC714 TI1-DAC714 Datasheet
779Kb / 22P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
logo
Burr-Brown (TI)
DAC714 BURR-BROWN-DAC714 Datasheet
127Kb / 14P
   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
logo
Texas Instruments
DAC715 TI1-DAC715 Datasheet
230Kb / 14P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712 TI1-DAC712 Datasheet
434Kb / 23P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
logo
Burr-Brown (TI)
DAC715 BURR-BROWN-DAC715 Datasheet
288Kb / 11P
   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712 BURR-BROWN-DAC712 Datasheet
302Kb / 12P
   16-BIT DIGITAL-TO-ANALOG CONVERTER With 16-Bit Bus Interface
PCM2702 BURR-BROWN-PCM2702 Datasheet
117Kb / 11P
   16-Bit Stereo DIGITAL-TO-ANALOG CONVERTER with Interface
DAC4814 BURR-BROWN-DAC4814 Datasheet
235Kb / 12P
   Quad 12-Bit Digital-to-Analog Converter Serial Interface
DAC2814 BURR-BROWN-DAC2814 Datasheet
210Kb / 11P
   DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com