Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC900E Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DAC900E
Description  10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC900E Datasheet(HTML) 11 Page - Texas Instruments

Back Button DAC900E Datasheet HTML 7Page - Texas Instruments DAC900E Datasheet HTML 8Page - Texas Instruments DAC900E Datasheet HTML 9Page - Texas Instruments DAC900E Datasheet HTML 10Page - Texas Instruments DAC900E Datasheet HTML 11Page - Texas Instruments DAC900E Datasheet HTML 12Page - Texas Instruments DAC900E Datasheet HTML 13Page - Texas Instruments DAC900E Datasheet HTML 14Page - Texas Instruments DAC900E Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
DAC900
11
SBAS093B
APPLICATION INFORMATION
THEORY OF OPERATION
The architecture of the DAC900 uses the current steering
technique to enable fast switching and a high update rate. The
core element within the monolithic DAC is an array of
segmented current sources, which are designed to deliver a
full-scale output current of up to 20mA, as shown in Figure 1.
An internal decoder addresses the differential current switches
each time the DAC is updated and a corresponding output
current is formed by steering all currents to either output
summing node, IOUT or IOUT. The complementary outputs
deliver a differential output signal that improves the dynamic
performance through reduction of even-order harmonics,
common-mode signals (noise), and double the peak-to-peak
output signal swing by a factor of two, compared to single-
ended operation.
The segmented architecture results in a significant reduction
of the glitch energy, and improves the dynamic performance
(SFDR) and DNL. The current outputs maintain a very high
output impedance of greater than 200k
Ω.
The full-scale output current is determined by the ratio of the
internal reference voltage (1.24V) and an external resistor,
RSET. The resulting IREF is internally multiplied by a factor
of 32 to produce an effective DAC output current that can
range from 2mA to 20mA, depending on the value of RSET.
The DAC900 is split into a digital and an analog portion,
each of which is powered through its own supply pin. The
digital section includes edge-triggered input latches and the
decoder logic, while the analog section comprises the cur-
rent source array with its associated switches and the refer-
ence circuitry.
DAC TRANSFER FUNCTION
The total output current, IOUTFS, of the DAC900 is the
summation of the two complementary output currents:
IOUTFS = IOUT + IOUT
(1)
The individual output currents depend on the DAC code and
can be expressed as:
IOUT = IOUTFS • (Code/1024)
(2)
IOUT = IOUTFS • (1023 – Code/1024)
(3)
where ‘Code’ is the decimal representation of the DAC data
input word. Additionally, IOUTFS is a function of the refer-
ence current IREF, which is determined by the reference
voltage and the external setting resistor, RSET.
IOUTFS = 32 • IREF = 32 • VREF/RSET
(4)
In most cases the complementary outputs will drive resistive
loads or a terminated transformer. A signal voltage will
develop at each output according to:
VOUT = IOUT • RLOAD
(5)
VOUT = IOUT • RLOAD
(6)
FIGURE 1. Functional Block Diagram of the DAC900.
PMOS
Current
Source
Array
LSB
Switches
Segmented
MSB
Switches
+1.24V Ref
Latches and Switch
Decoder Logic
10-Bit Data Input
D9...D0
DAC900
Full-Scale
Adjust
Resistor
Ref
Control
Amp
Ref
Buffer
BW
+V
D
+V
A
R
SET
2k
CLK
DGND
Ref
Input
0.1
µF
INT/EXT
I
OUT
I
OUT
BYP
PD
20pF
50
50
20pF
1:1
V
OUT
0.1
µF
400pF
0.1
µF
+3V to +5V
Analog
Bandwidth
Control
+3V to +5V
Digital
FSA
REF
IN
AGND
Analog
Ground
Digital
Ground
Power Down
(internal pull-down)
Clock
Input
NOTE: Supply bypassing not shown.


Similar Part No. - DAC900E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC900E BURR-BROWN-DAC900E Datasheet
192Kb / 16P
   10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC900E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC900 BURR-BROWN-DAC900 Datasheet
192Kb / 16P
   10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC902 BURR-BROWN-DAC902 Datasheet
216Kb / 16P
   12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC904 BURR-BROWN-DAC904 Datasheet
192Kb / 16P
   14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC904 TI1-DAC904 Datasheet
789Kb / 23P
[Old version datasheet]   14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC908 TI1-DAC908 Datasheet
789Kb / 23P
[Old version datasheet]   8-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC908 BURR-BROWN-DAC908 Datasheet
180Kb / 15P
   8-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC902 TI1-DAC902 Datasheet
802Kb / 24P
[Old version datasheet]   12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
ADC101C021 TI1-ADC101C021_15 Datasheet
1Mb / 44P
[Old version datasheet]   10-Bit Analog-to-Digital Converter
logo
List of Unclassifed Man...
KAD2710C ETC2-KAD2710C Datasheet
414Kb / 17P
   10-Bit, 275MSPS Analog-to-Digital Converter
KAD2710L ETC2-KAD2710L Datasheet
417Kb / 17P
   10-Bit, 275MSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com