Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC712UKG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DAC712UKG4
Description  16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC712UKG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC712UKG4 Datasheet HTML 6Page - Texas Instruments DAC712UKG4 Datasheet HTML 7Page - Texas Instruments DAC712UKG4 Datasheet HTML 8Page - Texas Instruments DAC712UKG4 Datasheet HTML 9Page - Texas Instruments DAC712UKG4 Datasheet HTML 10Page - Texas Instruments DAC712UKG4 Datasheet HTML 11Page - Texas Instruments DAC712UKG4 Datasheet HTML 12Page - Texas Instruments DAC712UKG4 Datasheet HTML 13Page - Texas Instruments DAC712UKG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
TYPICAL CHARACTERISTICS
2.0
-0.85
0
2.55
4.25
5.95
6.8
1.0
0
-1.0
-2.0
0.85
1.7
3.4
5.1
DATA
WR,A ,A
0
1
CLR
VDigitalInput
Frequency(Hz)
1k
10
100
1k
10k
100k
1M
100
10
1
0.1
+V
CC
-VCC
Time(10 s/div)
m
Time(1 s/div)
m
2500
2000
1500
1000
500
0
-500
-1000
-1500
-2000
-2500
+5V
0V
Time(1 s/div)
m
2500
2000
1500
1000
500
0
-500
-1000
-1500
-2000
-2500
+5V
0V
1000
100
10
1
1
10
100
1k
10k
100k
1M
10M
Frequency(Hz)
DAC712
SBAS023A – SEPTEMBER 2000 – REVISED JULY 2009 ................................................................................................................................................. www.ti.com
At TA = +25°C and VCC = ±15V, unless otherwise noted.
POWER-SUPPLY REJECTION vs
POWER-SUPPLY RIPPLE FREQUENCY
LOGIC vs V LEVEL
Figure 2.
Figure 3.
± FULL-SCALE OUTPUT SWING
SETTLING TIME, +10V TO –10V
Figure 4.
Figure 5.
SETTLING TIME, +10V TO –10V
SPECTRAL NOISE DENSITY
Figure 6.
Figure 7.
10
Submit Documentation Feedback
Copyright © 2000–2009, Texas Instruments Incorporated
Product Folder Link(s): DAC712


Similar Part No. - DAC712UKG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC712U BURR-BROWN-DAC712U Datasheet
302Kb / 12P
   16-BIT DIGITAL-TO-ANALOG CONVERTER With 16-Bit Bus Interface
DAC712UB BURR-BROWN-DAC712UB Datasheet
302Kb / 12P
   16-BIT DIGITAL-TO-ANALOG CONVERTER With 16-Bit Bus Interface
More results

Similar Description - DAC712UKG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC715 TI1-DAC715 Datasheet
230Kb / 14P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
logo
Burr-Brown (TI)
DAC715 BURR-BROWN-DAC715 Datasheet
288Kb / 11P
   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712 BURR-BROWN-DAC712 Datasheet
302Kb / 12P
   16-BIT DIGITAL-TO-ANALOG CONVERTER With 16-Bit Bus Interface
PCM2702 BURR-BROWN-PCM2702 Datasheet
117Kb / 11P
   16-Bit Stereo DIGITAL-TO-ANALOG CONVERTER with Interface
logo
Texas Instruments
DAC716 TI1-DAC716 Datasheet
176Kb / 16P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
logo
Burr-Brown (TI)
DAC716 BURR-BROWN-DAC716 Datasheet
201Kb / 13P
   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
logo
Texas Instruments
DAC714 TI1-DAC714 Datasheet
779Kb / 22P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
logo
Burr-Brown (TI)
DAC714 BURR-BROWN-DAC714 Datasheet
127Kb / 14P
   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com