Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGM46-68B-12L Datasheet(PDF) 8 Page - NEC

Part # TGM46-68B-12L
Description  Piezoelectric Ceramics
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

TGM46-68B-12L Datasheet(HTML) 8 Page - NEC

Back Button TGM46-68B-12L Datasheet HTML 4Page - NEC TGM46-68B-12L Datasheet HTML 5Page - NEC TGM46-68B-12L Datasheet HTML 6Page - NEC TGM46-68B-12L Datasheet HTML 7Page - NEC TGM46-68B-12L Datasheet HTML 8Page - NEC TGM46-68B-12L Datasheet HTML 9Page - NEC TGM46-68B-12L Datasheet HTML 10Page - NEC TGM46-68B-12L Datasheet HTML 11Page - NEC TGM46-68B-12L Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
2010.03.19 9307PIEVOL04E
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
8 Piezoelectric Ceramics Vol.04
NEP
b)
VoItage output constant
This is the intensity of the electric field caused when
a specified amount of stress is applied to a material
that is in the condition of zero displacement. Voltage
output constant is calculated with Eq. 16.
Constants d and constants g can be d31,d33, or d15,
and g31, g33, or g15, depending on the type of vibration.
This is the temperature at which polarization
disappears and the piezoelectric qualities are lost. It is
also the temperature at which the value of the
dielectric constant becomes maximum.
g
d
Vm N
=⋅
(
)
ε
/
7) Curie temperature
· · · · · · · · · · · · · · · · · · · · · · · · (16)
The temperature coefficient is a measure of the
variation of the resonant frequency and static
capacitance with change in temperature. Temperature
coefficient is calculated with Eqs. 17 and 18.
Where TK(f) : Temperature coefficient of resonant
frequency (PPm/˚C)
f (t1) : Resonant frequency at temperature
t1˚C(Hz)
f (t2) : Resonant frequency at temperature
t2˚C(Hz)
f20
: Resonant frequency at temperature
20˚C(Hz)
TK(C) : Temperature coefficient of static
capacitance (PPm/˚C)
C (t1) : Static capacitance (F) at temperature
t1˚C
C (t2) : Static capacitance (F) at temperature
t2˚C
C20 : Static capacitance at 20˚C(F)
Δt
: Temperature difference (t2–t1) (˚C
)
8) Temperature coefficient
· · · · (17)
· · (18)
The aging rate is an index of the change in resonant
frequency and static capacitance with age. To
calculate this rate, after polarization the electrodes of a
transducer are shorted together, and are heated for a
specified period of time. Measurements are taken of
the resonant frequency and static capacity every 2
n
days. (That is, at 1, 2, 4, and 8 days.) The aging rate
is calculated with Eq. 19.
Where
(AR) : Aging rate for resonant frequency or
static capacitance
t1,t2 : Number of days aged after polarization
Xt1,Xt2 : Resonant frequency or static
capacitance at t1 and t2 days after
polarization
()
log
log
AR
tt
Xt
Xt
Xt
=
1
21
2
1
1
The density is calculated with Eq. 20, after
determining the volume and weight of the specified
ceramic material.
Where W : Weight (kg) of ceramic material
V : Volume (m3) of material
D
W
V
kg m
=
(
)
/
3
9) Aging rate
10) Density
· · · · · · · · · · · · (19)
· · · · · · · · · · · · · · · · · · · · · · · · · (20)
TK f
t
ft
ft
f
PPm C
TK C
t
Ct
Ct
C
PPm C
()
()
( )
(/
)
()
()
( )
(/
)
=⋅
×°
=⋅
×°
1
10
1
10
12
20
12
20
6
6
Δ
Δ


Similar Part No. - TGM46-68B-12L

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TGM TRANSKO-TGM Datasheet
583Kb / 2P
   CERAMIC SMD LVDS/LVPECL OUTPUT OSCILLATOR (7.0 x 5.0 x 1.6mm)
Rev.3: Jan. 2016
logo
HALO Electronics, Inc.
TGM-010P3RL HALO-TGM-010P3RL Datasheet
560Kb / 3P
   Low Profile SMD Isolation Modules
TGM-020P3RL HALO-TGM-020P3RL Datasheet
560Kb / 3P
   Low Profile SMD Isolation Modules
TGM-030P3RL HALO-TGM-030P3RL Datasheet
560Kb / 3P
   Low Profile SMD Isolation Modules
logo
Teledyne Technologies I...
TGM-04-0001 TELEDYNE-TGM-04-0001 Datasheet
897Kb / 2P
   Module Amplifier 0.5 GHz - 4 GHz
More results

Similar Description - TGM46-68B-12L

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-C4CG-08000-M05 FUJITSU-FAR-C4CG-08000-M05 Datasheet
200Kb / 9P
   Piezoelectric Resonator
FAR-C4SB-14746-L12-T FUJITSU-FAR-C4SB-14746-L12-T Datasheet
305Kb / 11P
   Piezoelectric Resonator
logo
Murata Manufacturing Co...
7BB-27-4L0 MURATA1-7BB-27-4L0_V01 Datasheet
197Kb / 2P
   Piezoelectric Diaphragms
12/26/2022
7BB-41-2CL0 MURATA1-7BB-41-2CL0_V01 Datasheet
200Kb / 2P
   Piezoelectric Diaphragms
12/26/2022
7BB-41-2 MURATA1-7BB-41-2_V01 Datasheet
197Kb / 2P
   Piezoelectric Diaphragms
12/26/2022
7BB-41-2C MURATA1-7BB-41-2C_V01 Datasheet
198Kb / 2P
   Piezoelectric Diaphragms
12/26/2022
logo
Amphenol Wilcoxon Sensi...
F7-1 WILCOXON-F7-1 Datasheet
202Kb / 1P
   Piezoelectric shaker
Rev.G 10/21
logo
CUI Devices
CEB-27D44 CUID-CEB-27D44 Datasheet
237Kb / 3P
   PIEZOELECTRIC DIAPHRAGM
08/05/2022
logo
Murata Manufacturing Co...
7BB-12-9 MURATA-7BB-12-9 Datasheet
180Kb / 2P
   Piezoelectric Diaphragms
7BB-35-3 MURATA-7BB-35-3_17 Datasheet
180Kb / 2P
   Piezoelectric Diaphragms
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com