Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP1811-I-22 Datasheet(PDF) 7 Page - NEC

Part # FP1811-I-22
Description  Ferrite Cores
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

FP1811-I-22 Datasheet(HTML) 7 Page - NEC

Back Button FP1811-I-22 Datasheet HTML 3Page - NEC FP1811-I-22 Datasheet HTML 4Page - NEC FP1811-I-22 Datasheet HTML 5Page - NEC FP1811-I-22 Datasheet HTML 6Page - NEC FP1811-I-22 Datasheet HTML 7Page - NEC FP1811-I-22 Datasheet HTML 8Page - NEC FP1811-I-22 Datasheet HTML 9Page - NEC FP1811-I-22 Datasheet HTML 10Page - NEC FP1811-I-22 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 71 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9603FERVOL05E1001T0
Ferrite Cores VOL.05
7
tan
δ==
= tan
δ
h
+ tan
δ
e
+ tan
δ
r
= h1
× i + e
1
f + r1
Here Rm: loss resistance (
Ω) of the magnetic core alone
Reff: loss resistance (
Ω) of the coil including the mangetic core
Rw: loss resistance (
Ω) of the windings alone
L: inductance (H) of the coil including the magnetic core
V: magnetic core volume (mm)
i: current (A)
ω: angular frequency 2π f(rad/s)
f: frequency (Hz)
tan
δ
h
: hysteresis loss factor
tan
δ
e
: vortex current loss factor
tan
δ
r
: residual loss factor
h1: hysteresis loss coefficient
e1: vortex current loss coefficient
r1: residual loss coefficient
However with ferrite, separate calculation of tan
δ
e
and tan
δ
r
is
difficult, so it is convenient to express them together as follows.
tan
δ = tan δ
h
+ tan
δ
f
●Relative loss factor tan
δ / μi
This refers to the value of the loss factor divided by the alternat-
ing current initial magnetic permeability.
=
Note: The following formula applies when the magnetic circuit
gap is small.
with gap
without gap
●Relative hysteresis loss factor h
10
As shown in the next formula, this refers to the value when
h1=1000.
h10 = h1
●Relative temperature factor for initial magnetic permeability
αμγ
"Relative temperature factor for initial magnetic permeability" re-
fers to the "temperature factor for initial magnetic permeability"
divided by "initial magnetic permeability"
μ
1
.
αμ ==
.
(T
2 > T1)
αμγ =
.
(T
2 > T1)
μ
1
: initial magnetic permeability at temperature T1
μ
2
: initial magnetic permeability at temperature T2
1
T2---T1
μ
2
---
μ
1
μ2
1
1
T2---T1
μ
2
---
μ
1
μ
1
αμ
i
μ
i
3
2
1000
μ
tan
δ
μ
i
tan
δ
μ
e
μ"s
(
μ's)2
tan
δ
μ
i
L
V
Reff---Rw
ωL
Rm
ωL
フェライトコア5版_E 10.1.23 13:24 ページ 7


Similar Part No. - FP1811-I-22

ManufacturerPart #DatasheetDescription
logo
NEC
FP1 NEC-FP1 Datasheet
146Kb / 8P
   on-chip resistor PNP silicon epitaxial transistor For mid-speed switching
logo
Littelfuse
FP1 LITTELFUSE-FP1 Datasheet
189Kb / 2P
   Style PCB Fuse Rated 32V
logo
Amphenol Corporation
FP10 AMPHENOL-FP10 Datasheet
1Mb / 16P
   Thermometrics temperature sensor solutions
logo
TRIAD MAGNETICS
FP10-1200 TRIAD-FP10-1200 Datasheet
43Kb / 1P
   FP10-1200
FP10-1200 TRIAD-FP10-1200_13 Datasheet
53Kb / 1P
   Power Transformer PC Mount: Flat Pack
More results

Similar Description - FP1811-I-22

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTT CT-CTT Datasheet
1Mb / 12P
   Ferrite Toroidal Cores
logo
Laird Tech Smart Techno...
28R2170-100 LSTD-28R2170-100 Datasheet
1Mb / 38P
   Ferrite EMI Cable Cores
2017
logo
YUXIANG Magnetc materia...
EE85A YUXIANG-EE85A Datasheet
105Kb / 2P
   Large Size Ferrite Cores
logo
TDK Electronics
EPC TDK-EPC Datasheet
290Kb / 2P
   Ferrite Cores For Power Supply and Signal Transformer EPC Cores
logo
PREMO CORPORATION S.L
PM400-04HA PREMO-PM400-04HA Datasheet
378Kb / 5P
   Common mode chokes with Ferrite cores
PC470-3V1 PREMO-PC470-3V1 Datasheet
437Kb / 4P
   Common mode chokes with Ferrite cores
SC-050-X PREMO-SC-050-X Datasheet
166Kb / 2P
   Common mode chokes with Ferrite cores-SMD format
logo
Panasonic Semiconductor
KR16TT090610 PANASONIC-KR16TT090610 Datasheet
202Kb / 6P
   Panasonic Industrial Company FERRITE CORES FOR NOISE REDUCTION
logo
PREMO CORPORATION S.L
HC140-02V1 PREMO-HC140-02V1 Datasheet
1Mb / 6P
   Common mode chokes with Nanocrystalline cores & Common mode chokes with Ferrite cores - SMD format
logo
Panasonic Semiconductor
ELC-08D100E PANASONIC-ELC-08D100E Datasheet
551Kb / 8P
   Adoption of High -m and High Bm ferrite cores
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com