Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4360-9BCPZRL7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADF4360-9BCPZRL7
Description  Clock Generator PLL with Integrated VCO
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4360-9BCPZRL7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADF4360-9BCPZRL7 Datasheet HTML 4Page - Analog Devices ADF4360-9BCPZRL7 Datasheet HTML 5Page - Analog Devices ADF4360-9BCPZRL7 Datasheet HTML 6Page - Analog Devices ADF4360-9BCPZRL7 Datasheet HTML 7Page - Analog Devices ADF4360-9BCPZRL7 Datasheet HTML 8Page - Analog Devices ADF4360-9BCPZRL7 Datasheet HTML 9Page - Analog Devices ADF4360-9BCPZRL7 Datasheet HTML 10Page - Analog Devices ADF4360-9BCPZRL7 Datasheet HTML 11Page - Analog Devices ADF4360-9BCPZRL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADF4360-9
Data Sheet
Rev. B | Page 8 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
–20
–40
–60
–80
–100
–120
–140
–160
1k
10k
100k
1M
10M
FREQUENCY (Hz)
Figure 4. Open-Loop VCO Phase Noise at 218 MHz, L1, L2 = 56 nH
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
1k
100
10k
100k
1k
10M
FREQUENCY OFFSET (Hz)
Figure 5. VCO Phase Noise, 360 MHz, 1 MHz PFD, 40 kHz Loop Bandwidth,
RMS Jitter = 1.4 ps
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
1k
100
10k
100k
1M
10M
FREQUENCY OFFSET (Hz)
Figure 6. DIVOUT Phase Noise, 180 MHz, VCO = 360 MHz,
PFD Frequency = 1 MHz, Loop Bandwidth = 40 kHz, Jitter = 1.3 ps,
Divide-by-A Selected, A = 2
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
1k
100
10k
100k
1M
10M
FREQUENCY (Hz)
Figure 7. DIVOUT Phase Noise, 95 MHz, VCO = 380 MHz,
PFD Frequency = 1 MHz, Loop Bandwidth = 40 kHz, Jitter = 1.3 ps,
Divide-by-A/2 Selected, A = 2
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
1k
100
10k
100k
1M
10M
FREQUENCY OFFSET (Hz)
Figure 8. DIVOUT Phase Noise, 80 MHz, VCO = 320 MHz,
PFD Frequency = 1 MHz, Loop Bandwidth = 40 kHz, Jitter = 1.3 ps,
Divide-by-A/2 Selected, A = 2
100
1k
10k
100k
1M
FREQUENCY OFFSET (Hz)
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
Figure 9. DIVOUT Phase Noise, 52 MHz, VCO = 312 MHz,
PFD Frequency = 1.6 MHz, Loop Bandwidth = 40 kHz, Jitter = 1.4 ps,
Divide-by-A/2 Selected, A = 3


Similar Part No. - ADF4360-9BCPZRL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4360-9BCPZRL7 AD-ADF4360-9BCPZRL7 Datasheet
533Kb / 24P
   Clock Generator PLL with Integrated VCO
More results

Similar Description - ADF4360-9BCPZRL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4360-9 AD-ADF4360-9_16 Datasheet
533Kb / 24P
   Clock Generator PLL with Integrated VCO
HMC1034LP6GE AD-HMC1034LP6GE Datasheet
921Kb / 14P
   CLOCK GENERATOR WITH FRACTIONAL-N PLL INTEGRATED VCO, 125 - 3000 MHz
HMC1032LP6GE AD-HMC1032LP6GE Datasheet
1Mb / 12P
   CloCk Generator with FraCtional-N PLL & inteGrated VCo, 125 - 350 Mhz
logo
Asahi Kasei Microsystem...
AK8185A AKM-AK8185A Datasheet
190Kb / 12P
   Low - Jitter Clock Generator with Integrated VCO
AK8186B AKM-AK8186B Datasheet
1Mb / 69P
   Multi Output Clock Generator with Integrated 2.0GHz VCO
logo
Analog Devices
AD9516-0 AD-AD9516-0 Datasheet
76Kb / 2P
   14-Channel Clock Generator with Integrated 2.8 GHz VCO
Rev. prA
AD9517-2 AD-AD9517-2_15 Datasheet
1Mb / 80P
   12-Output Clock Generator with Integrated 2.2 GHz VCO
Rev. E
AD9518-4 AD-AD9518-4_15 Datasheet
1Mb / 61P
   6-Output Clock Generator with Integrated 1.6 GHz VCO
Rev. D
AD9516-4 AD-AD9516-4 Datasheet
1Mb / 84P
   14-Output Clock Generator with Integrated 1.6 GHz VCO
REV. 0
AD9516-3 AD-AD9516-3 Datasheet
957Kb / 84P
   14-Output Clock Generator with Integrated 2.0 GHz VCO
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com