Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B-01-ATF Datasheet(PDF) 38 Page - NEC

Part # B-01-ATF
Description  DC Line Fileters
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

B-01-ATF Datasheet(HTML) 38 Page - NEC

Back Button B-01-ATF Datasheet HTML 34Page - NEC B-01-ATF Datasheet HTML 35Page - NEC B-01-ATF Datasheet HTML 36Page - NEC B-01-ATF Datasheet HTML 37Page - NEC B-01-ATF Datasheet HTML 38Page - NEC B-01-ATF Datasheet HTML 39Page - NEC B-01-ATF Datasheet HTML 40Page - NEC B-01-ATF Datasheet HTML 41Page - NEC B-01-ATF Datasheet HTML 42Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 45 page
background image
38
DC Line Filters VOL.10
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9634DCLVOL10E1106E2
SMD Type
Common Mode Signal Line
EMC Chip Filters
M-500CT/M-600T Series
[RoHS Compliant]
EMC Chip Filters
M-500CT/M-600T Series
[RoHS Compliant]
608
Lot No.
1
2
4
3
5.5
9.0
Lot No.
bM-521CT, M-522CT, M-523CT, M-524CT
1
2
3
6
5
4
9.0
5.6
bM-532CT
1
2
3
8
Lot No.
7
6
1
2
3
6
5
4
9.0
5.8
Lot No.
.
bM-538CT
45
9.0
5.6
tolerance±0.2
bM-542CT
1
2
3
8
Lot No.
7
6
45
8.9
5.5
tolerance±0.2
bM-543CT
1
2
3
4
9.7±0.5
(1.5)
6.0±0.2
(1.3)
3.0±0.3
bM-608T, M-614T, M-620T
Shape and Dimensions
• Tape and Reel Dimensions (see page 44-46)
• Precautions (see page 43)
M-521CT
50
1.0
700 (at 10 MHz)
100
–25 to +85
M-522CT
50
1.0
200 (at 20 MHz)
100
–25 to +85
M-523CT
50
1.5
200 (at 20 MHz)
65
–25 to +85
M-524CT
80
0.5
700 (at 10 MHz)
100
–25 to +85
M-532CT
50
0.5
450 (at 100 MHz)
90
–25 to +85
M-538CT
50
0.1
800 (at 100 MHz)
220
–25 to +70
M-542CT
50
0.5
200 (at 10 MHz)
120
–20 to +75
M-543CT
50
1.0
700 (at 10 MHz)
100
–25 to +85
Rated voltage
Rated current
Impedance
DC resistance
Operating
Model
DC (V)
DC (A)
( ) min.(m ) max.
temperature range
(˚C)
M-500CT Series
M-608T
50
0.1
300 (at 100 MHz)
80
–20 to +80
M-614T
50
0.1
1000 (at 50 MHz)
120
–20 to +80
M-620T
50
0.1
1000 (at 30 MHz)
160
–20 to +80
Rated voltage
Rated current
Impedance
DC resistance
Operating
Model
DC (V)
DC (A)
( ) min.(m ) max.
temperature range
(˚C)
M-600T Series
• Insulation resistance: more than 10M
(100V DC, between lines)
[mm]


Similar Part No. - B-01-ATF

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
B-01-A KEMET-B-01-A Datasheet
74Kb / 1P
   KEMET, BEAD L, DC Line Filters, Normal Mode
B-01-A1 KEMET-B-01-A1 Datasheet
79Kb / 1P
   KEMET, BEAD L, DC Line Filters, Normal Mode
B-01-A2 KEMET-B-01-A2 Datasheet
80Kb / 1P
   KEMET, BEAD L, DC Line Filters, Normal Mode
More results

Similar Description - B-01-ATF

ManufacturerPart #DatasheetDescription
logo
CUI INC
VFM-50 CUI-VFM-50_V01 Datasheet
779Kb / 5P
   DC POWER LINE FILTER
01/25/2022
VFM-30-UW CUI-VFM-30-UW Datasheet
796Kb / 7P
   DC POWER LINE FILTER
VFM-30-UW CUI-VFM-30-UW_V01 Datasheet
863Kb / 5P
   DC POWER LINE FILTER
01/14/2022
VFM-03 CUI-VFM-03_V01 Datasheet
811Kb / 5P
   DC POWER LINE FILTER
01/25/2022
VFM-70 CUI-VFM-70_V01 Datasheet
776Kb / 5P
   DC POWER LINE FILTER
01/25/2022
VFM-30-W CUI-VFM-30-W Datasheet
793Kb / 7P
   DC POWER LINE FILTER
VFM-30-W CUI-VFM-30-W_V01 Datasheet
781Kb / 5P
   DC POWER LINE FILTER
01/14/2022
VFM-50-UW CUI-VFM-50-UW_V01 Datasheet
874Kb / 5P
   DC POWER LINE FILTER
01/25/2022
VFM-70 CUI-VFM-70 Datasheet
787Kb / 7P
   DC POWER LINE FILTER
VFM-03 CUI-VFM-03 Datasheet
1Mb / 7P
   DC POWER LINE FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com