Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Si4777-A20-GM Datasheet(PDF) 8 Page - Silicon Laboratories

Part # Si4777-A20-GM
Description  HIGH-PERFORMANCE CONSUMER ELECTRONICS
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si4777-A20-GM Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button Si4777-A20-GM Datasheet HTML 4Page - Silicon Laboratories Si4777-A20-GM Datasheet HTML 5Page - Silicon Laboratories Si4777-A20-GM Datasheet HTML 6Page - Silicon Laboratories Si4777-A20-GM Datasheet HTML 7Page - Silicon Laboratories Si4777-A20-GM Datasheet HTML 8Page - Silicon Laboratories Si4777-A20-GM Datasheet HTML 9Page - Silicon Laboratories Si4777-A20-GM Datasheet HTML 10Page - Silicon Laboratories Si4777-A20-GM Datasheet HTML 11Page - Silicon Laboratories Si4777-A20-GM Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
Si4770/77-A20
8
Rev. 0.9
Figure 2. Digital Zero-IF I/Q
Table 4. Digital Zero-IF I/Q Interface Characteristics (Si4777 Only)1
(TAMB = –40 to 85 °C, VA = 4.5 to 5.5 V, VD = 2.7 to 3.6 V, VIO1 = 1.7 to 3.6 V, VIO2 = 1.2 to 3.6 V)
Parameter
Symbol
Test
Condition
Min
Typ
Max
Unit
IQCLK Output Cycle Time
tCYC:IQCLK
0.8 x per
per2
1.2 x per
ns
IQCLK Output Pulse Width High
tHI:IQCLK
0.22 x per
0.59 x per
ns
IQCLK Output Pulse Width Low
tLO:IQCLK
0.41 x per
0.78 x per
ns
IQFS Output Delay
tPD:IQFS
0
(0.5 x per) + 18
ns
IQFS Output Setup to IQCLK
Rise3
tSU:IQFS
(0.5 x per) – 18
ns
IOUT Output Delay
tPD:IOUT
0
(0.5 x per) + 18
ns
QOUT Output Delay
tPD:QOUT
0
(0.5 x per) + 18
ns
IOUT Output Setup to IQCLK rise3
tSU:IOUT
(0.5 x per) – 18
ns
QOUT Output Setup to IQCLK
Rise3
tSU:QOUT
(0.5 x per) – 18
ns
Notes:
1.
Guaranteed by characterization.
2.
per is the IQCLK I/Q bit clock period. Refer to Table 15 on page 35 for IQCLK bit clock frequencies.
3.
Minimum time the Si4770/77-A20 will produce between valid output and the next rising edge of IQCLK
IQCLK out
IQFS out
tCYC:IQCLK Max
tCYC:IQCLK Min
tHI:IQCLK MIN
tLO:IQCLK MAX
tHI:IQCLK MAX
tLO:IQCLK MIN
tPD:IQFS MAX
tPD:IQFS MIN
tSU:IQFS
IOUT out
tPD:IOUT MAX
tPD:IOUT MIN
tSU:IOUT
QOUT out
tPD:QOUT MAX
tPD:QOUT MIN
tSU:QOUT


Similar Part No. - Si4777-A20-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4777-A20 SILABS-SI4777-A20 Datasheet
1,004Kb / 3P
   High-Performance Consumer Electronics Broadcast Radio Receiver and HD Radio Tuner
More results

Similar Description - Si4777-A20-GM

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASTMLP ABRACON-ASTMLP Datasheet
5Mb / 13P
   Consumer electronics
06.30.15
logo
Silicon Laboratories
EZR32HG320 SILABS-EZR32HG320 Datasheet
1Mb / 87P
   Consumer electronics
EZR32HG220 SILABS-EZR32HG220 Datasheet
1Mb / 86P
   Consumer electronics
SI4770-A20 SILABS-SI4770-A20 Datasheet
1,004Kb / 3P
   High-Performance Consumer Electronics Broadcast Radio Receiver and HD Radio Tuner
logo
Siemens Semiconductor G...
SDA9280 SIEMENS-SDA9280 Datasheet
249Kb / 43P
   ICs for Consumer Electronics
logo
Infineon Technologies A...
TDA16846 INFINEON-TDA16846 Datasheet
351Kb / 28P
   ICs for Consumer Electronics
2000-01-14
logo
Analog Devices
ADV7613 AD-ADV7613 Datasheet
366Kb / 14P
   Integrated consumer electronics control
logo
Siemens Semiconductor G...
SDA525X-2 SIEMENS-SDA525X-2 Datasheet
147Kb / 23P
   ICs for Consumer Electronics
SDA9270 SIEMENS-SDA9270 Datasheet
599Kb / 33P
   ICs for Consumer Electronics
logo
List of Unclassifed Man...
RFM210W-315S1 ETC2-RFM210W-315S1 Datasheet
524Kb / 21P
   Low-Cost Consumer Electronics Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com