Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4010-DKPB-434 Datasheet(PDF) 3 Page - Silicon Laboratories

Part # 4010-DKPB-434
Description  Si4010 DEVELOPMENT KIT USER?셎 GUIDE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

4010-DKPB-434 Datasheet(HTML) 3 Page - Silicon Laboratories

  4010-DKPB-434 Datasheet HTML 1Page - Silicon Laboratories 4010-DKPB-434 Datasheet HTML 2Page - Silicon Laboratories 4010-DKPB-434 Datasheet HTML 3Page - Silicon Laboratories 4010-DKPB-434 Datasheet HTML 4Page - Silicon Laboratories 4010-DKPB-434 Datasheet HTML 5Page - Silicon Laboratories 4010-DKPB-434 Datasheet HTML 6Page - Silicon Laboratories 4010-DKPB-434 Datasheet HTML 7Page - Silicon Laboratories 4010-DKPB-434 Datasheet HTML 8Page - Silicon Laboratories 4010-DKPB-434 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Si4010-DK
Rev. 0.1
3
1.1.1. Burning Adapter (P/N MSC-BA4)
The programming interface board serves as an interface in between the debug adapter and the Socketed Key Fob
Development Board or the Development Key Fob. It provides 6.5 V for NVM programming. The power source is
activated by a sliding switch on the board. It is required when the user wants to program the internal NVM memory
on the chip.
The programming interface board contains an 8-pin header, to which GPIO0 to GPIO5, along with power and
ground, are connected from the development boards. Therefore, the user can tap to that header to control or
monitor the chip pins.
1.1.2. Si4010 Socketed Key Fob Development Board (P/N MSC-DKPE1)
Socketed (both SOIC and MSOP) key fob board with SMA connector.


Similar Part No. - 4010-DKPB-434

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4010-DKKF434 ETC2-4010-DKKF434 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
More results

Similar Description - 4010-DKPB-434

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
4010-DASKF-434 SILABS-4010-DASKF-434 Datasheet
99Kb / 8P
   Si4010 SIMPLIFIED KEY FOB DEMO KIT USER?셎 GUIDE
C8051T620-DK SILABS-C8051T620-DK Datasheet
597Kb / 30P
   C8051T620/2 DEVELOPMENT KIT USER?셎 GUIDE
logo
Microchip Technology
MCP2120 MICROCHIP-MCP2120 Datasheet
2Mb / 64P
   DEVELOPER?셎 KIT USER?셎 GUIDE
2001
logo
Silicon Laboratories
SI4010-RC-DEMO SILABS-SI4010-RC-DEMO Datasheet
384Kb / 10P
   Si4010 EZRADIO짰 REMOTE CONTROL DEMO KIT USER?셎
MSC-F930-PDK SILABS-MSC-F930-PDK Datasheet
1Mb / 17P
   EZRADIOPRO짰 DEVELOPMENT KITS USER?셎 GUIDE
logo
Microchip Technology
PIC24E MICROCHIP-PIC24E Datasheet
2Mb / 30P
   STARTER KIT USER?셎 GUIDE
2010-2011
logo
Sciosense B.V.
AS6031-QF_DK SCIOSENSE-AS6031-QF_DK Datasheet
1Mb / 15P
   Development Kit User Guide
Rev. 5 2021-10-22
logo
Silicon Laboratories
EZR-LEDK1W-434 SILABS-EZR-LEDK1W-434 Datasheet
384Kb / 10P
   Si4010 EZRADIO짰 REMOTE CONTROL DEMO KIT USER?셎
logo
Sciosense B.V.
AS6040-QF_DK SCIOSENSE-AS6040-QF_DK Datasheet
1Mb / 16P
   Development Kit User Guide
Revision: 4 Date: 2021-10-22
logo
Vicor Corporation
DKIT-AC-24-POL-00 VICOR-DKIT-AC-24-POL-00 Datasheet
1Mb / 5P
   Development Kit User Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com