Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL73N1J Datasheet(PDF) 4 Page - Tyco Electronics

Part # RL73N1J
Description  Up to 2 Watts at 70째C
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RL73N1J Datasheet(HTML) 4 Page - Tyco Electronics

  RL73N1J Datasheet HTML 1Page - Tyco Electronics RL73N1J Datasheet HTML 2Page - Tyco Electronics RL73N1J Datasheet HTML 3Page - Tyco Electronics RL73N1J Datasheet HTML 4Page - Tyco Electronics RL73N1J Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SMD Low Ohmic - Current Sense Resistors
Type RL73 Series
1773269 CIS WR 02/2012
Dimensions are in millimeters
Dimensions are shown for
For email, phone or live chat, go to: te.com/help
and inches unless otherwise
reference purposes only.
specified. Values in brackets
Specifications subject
are standard equivalents.
to change.
4
Packaging Quantity & Reel Specifications
Type
øA
øB
øC
WT
Paper
Embossed
Tape
Plastic Tape
RL73 1H (0402)
178.0 ±1.0
60.0 +1.0
13.5 ±0.7
9.5 ±0.1
11.5 ±1.0
1000 / 5000
-
RL(P)73 1E (0402)
178.0 ±1.0
60.0 +1.0
13.5 ±0.7
9.5 ±0.1
11.5 ±1.0
1000 / 5000
-
RL(P)73 1J (0603)
178.0 ±1.0
60.0 +1.0
13.5 ±0.7
9.5 ±0.1
11.5 ±1.0
1000 / 5000
-
RL(P)73 2A (0805)
178.0 ±1.0
60.0 +1.0
13.5 ±0.7
9.5 ±0.1
11.5 ±1.0
1000 / 5000
-
RL(P)73 2B (1206)
178.0 ±1.0
60.0 +1.0
13.5 ±0.7
9.5 ±0.1
11.5 ±1.0
1000 / 5000
-
RL(P)73 2E (1210)
178.0 ±1.0
60.0 +1.0
13.5 ±0.7
9.5 ±0.1
11.5 ±1.0
1000 / 5000
-
RL(P)73 2H (2010)
178.0 ±1.0
60.0 +1.0
13.5 ±0.7
13.5 ±1.0
15.5 ±1.0
-
1000 / 4000
RL(P)73 3A (2512)
178.0 ±1.0
60.0 +1.0
13.5 ±0.7
13.5 ±1.0
15.5 ±1.0
-
1000 / 4000
Paper Tape Specification
Type
A
B
W
E
F
P0
P1
P2
øD0
T
RL73 1H
0.38 ±0.05
0.68 ±0.05
8.0 ±0.20
1.75 ±0.10
3.50 ±0.05
4.00 ±0.10
2.00 ±0.05
2.00 ±0.05 1.50+0.1,-0
0.42 ±0.20
RL(P)73 1E
0.65 ±0.10
1.15 ±0.10
8.0 ±0.20
1.75 ±0.10
3.50 ±0.05
4.00 ±0.10
2.00 ±0.05
2.00 ±0.05 1.50+0.1,-0
0.45 ±0.10
RL(P)73 1J
1.10 ±0.10
1.90 ±0.10
8.0 ±0.20
1.75 ±0.10
3.50 ±0.05
4.00 ±0.10
4.00 ±0.05
2.00 ±0.05 1.50+0.1,-0
0.70 ±0.10
RL(P)73 2A
1.60 ±0.10
2.40 ±0.20
8.0 ±0.20
1.75 ±0.10
3.50 ±0.05
4.00 ±0.10
4.00 ±0.05
2.00 ±0.05 1.50+0.1,-0
0.85 ±0.10
RL(P)73 2B
1.90 ±0.10
3.50 ±0.20
8.0 ±0.20
1.75 ±0.10
3.50 ±0.05
4.00 ±0.10
4.00 ±0.05
2.00 ±0.05 1.50+0.1,-0
0.85 ±0.10
RL(P)73 2E
2.90 ±0.10
3.50 ±0.20
8.0 ±0.20
1.75 ±0.10
3.50 ±0.05
4.00 ±0.10
4.00 ±0.05
2.00 ±0.05 1.50+0.1,-0
0.85 ±0.10


Similar Part No. - RL73N1J

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
RL73N1J TEC-RL73N1J Datasheet
177Kb / 5P
   Values down to R10
RL73N1J TEC-RL73N1J Datasheet
738Kb / 8P
   SMD Low Ohmic ??Current Sense Resistors
RL73N1JR10FTD TEC-RL73N1JR10FTD Datasheet
738Kb / 8P
   SMD Low Ohmic ??Current Sense Resistors
RL73N1JR10FTDF TEC-RL73N1JR10FTDF Datasheet
738Kb / 8P
   SMD Low Ohmic ??Current Sense Resistors
RL73N1JR10FTDG TEC-RL73N1JR10FTDG Datasheet
738Kb / 8P
   SMD Low Ohmic ??Current Sense Resistors
More results

Similar Description - RL73N1J

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
PDL02 P-DUKE-PDL02_15 Datasheet
447Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 2 Watts
logo
FSP TECHNOLOGY INC.
FSP25-FZAP140G FSP-FSP25-FZAP140G Datasheet
59Kb / 1P
   50,000 hours at Tcase of ??70째C
logo
Emerson Network Power
IMP1-3L0-2E2-1Q1-4LL000-A EMERSON-NETWORKPOWER-IMP1-3L0-2E2-1Q1-4LL000-A Datasheet
3Mb / 9P
   Up to 1500 Watts
logo
FSP TECHNOLOGY INC.
FSP25-FZAP070G FSP-FSP25-FZAP070G Datasheet
59Kb / 1P
   50,000 hours at Tcase of ??70째C
logo
Artesyn Technologies
MP4-1Q-4LQ-00 ARTESYN-MP4-1Q-4LQ-00 Datasheet
3Mb / 9P
   Up to 1500 Watts
logo
Wall Industries,Inc.
LANK WALL-LANK Datasheet
95Kb / 2P
   UP TO 4 WATTS
logo
FSP TECHNOLOGY INC.
FSP25-FZAP105G FSP-FSP25-FZAP105G Datasheet
59Kb / 1P
   50,000 hours at Tcase of ??70째C
FSP25-FZAP035G FSP-FSP25-FZAP035G Datasheet
59Kb / 1P
   50,000 hours at Tcase of ??70째C
logo
Power Mate Technology C...
PDL09 P-DUKE-PDL09 Datasheet
904Kb / 5P
   2:1 WIDE INPUT RANGE UP TO 9 Watts
PDS03 P-DUKE-PDS03_15 Datasheet
517Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 3 Watts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com