Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTSSOP-24 Datasheet(PDF) 11 Page - Texas Instruments

Part # HTSSOP-24
Description  Dual-Port, Differential VDSL2 Line Driver Amplifiers
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HTSSOP-24 Datasheet(HTML) 11 Page - Texas Instruments

Back Button HTSSOP-24 Datasheet HTML 7Page - Texas Instruments HTSSOP-24 Datasheet HTML 8Page - Texas Instruments HTSSOP-24 Datasheet HTML 9Page - Texas Instruments HTSSOP-24 Datasheet HTML 10Page - Texas Instruments HTSSOP-24 Datasheet HTML 11Page - Texas Instruments HTSSOP-24 Datasheet HTML 12Page - Texas Instruments HTSSOP-24 Datasheet HTML 13Page - Texas Instruments HTSSOP-24 Datasheet HTML 14Page - Texas Instruments HTSSOP-24 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
60
65
70
75
80
85
90
95
100
105
110
-
-
-
-
-
-
-
-
-
-
-
Frequency(Hz)
400k
1M
40M
G
=10V/V
G
=1V/V
V
=
R =100
DIFF
CM
O
PP
L
2V
W
2ndHarmonic
3rdHarmonic
10M
60
70
80
90
100
110
-
-
-
-
-
-
OutputVoltage(V
)
PP
0.5
1
20
G
=10V/V
G
=1V/V
R =100
DIFF
CM
L
W
f=1MHz
2ndHarmonic
3rdHarmonic
10
70
75
80
85
90
95
100
105
-
-
-
-
-
-
-
-
SupplyVoltage( V )
± S
4
5
12
G
=10V/V
G
=1V/V
V
=2V
R =100
DIFF
CM
O
PP
L
W
f=1MHz
2ndHarmonic
3rdHarmonic
11
10
9
8
7
6
65
75
85
95
105
115
125
-
-
-
-
-
-
-
Resistance(
)
W
50
100
1k
G
=10V/V
G
=1V/V
V
=2V
DIFF
CM
O
PP
f=1MHz
2ndHarmonic
3rdHarmonic
65
75
85
95
105
115
125
-
-
-
-
-
-
-
Gain(V/V)
1
10
30
G
=10V/V
G
=1V/V
V
=2V
R =100
DIFF
CM
O
PP
L
W
f=1MHz
2ndHarmonic
3rdHarmonic
55
50
45
40
35
30
25
20
15
Frequency(MHz)
0
5
30
10
15
20
25
G
=10V/V
G
=1V/V
DIFF
CM
THS6204
www.ti.com ................................................................................................................................................... SBOS416C – OCTOBER 2007 – REVISED APRIL 2009
TYPICAL CHARACTERISTICS: VS = ±12V, Full Bias (continued)
At TA = +25°C, GDIFF = +10V/V, GCM = 1V/V, RADJ = 0Ω, RF = 1.24kΩ, and RL = 100Ω, unless otherwise noted.
HARMONIC DISTORTION vs FREQUENCY
HARMONIC DISTORTION vs OUTPUT VOLTAGE
Figure 8.
Figure 9.
HARMONIC DISTORTION vs SUPPLY VOLTAGE
HARMONIC DISTORTION vs LOAD RESISTANCE
Figure 10.
Figure 11.
HARMONIC DISTORTION vs NONINVERTING GAIN
2-TONE, 3RD-ORDER INTERMODULATION INTERCEPT
Figure 12.
Figure 13.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): THS6204


Similar Part No. - HTSSOP-24

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
HTSSOP-14 GMT-HTSSOP-14 Datasheet
126Kb / 1P
   Package Outline
logo
Texas Instruments
HTSSOP-16EP TI1-HTSSOP-16EP Datasheet
999Kb / 30P
[Old version datasheet]   LM25575/LM25575-Q1 SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
logo
Rohm
HTSSOP-A44 ROHM-HTSSOP-A44 Datasheet
41Kb / 2P
   LSI Assembly
HTSSOP-A44R ROHM-HTSSOP-A44R Datasheet
86Kb / 2P
   LSI Assembly
HTSSOP-B20 ROHM-HTSSOP-B20 Datasheet
38Kb / 2P
   LSI Assembly
More results

Similar Description - HTSSOP-24

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6214 TI-THS6214 Datasheet
1Mb / 41P
[Old version datasheet]   Dual-Port, Differential, VDSL2 Line Driver Amplifiers
THS6204 TI1-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
logo
Intersil Corporation
ISL1550IRZ INTERSIL-ISL1550IRZ Datasheet
709Kb / 13P
   Single Port, VDSL2 Differential Line Driver
March 16, 2012
logo
Renesas Technology Corp
ISL1539 RENESAS-ISL1539 Datasheet
763Kb / 11P
   Dual Channel Differential VDSL2 Line Driver
June 21, 2013
logo
Intersil Corporation
ISL1550 INTERSIL-ISL1550 Datasheet
709Kb / 13P
   Single Port, VDSL2 Differential Line Driver
logo
Renesas Technology Corp
ISL1550 RENESAS-ISL1550 Datasheet
934Kb / 13P
   Single Port, VDSL2 Differential Line Driver
logo
Intersil Corporation
ISL1539A INTERSIL-ISL1539A Datasheet
91Kb / 2P
   Dual Port VDSL2 Line Driver
logo
Renesas Technology Corp
ISL1539A RENESAS-ISL1539A Datasheet
2Mb / 23P
   Dual Port VDSL2 Line Driver
September 23, 2009
logo
Intersil Corporation
ISL1539IRZ INTERSIL-ISL1539IRZ Datasheet
569Kb / 11P
   Dual Channel Differential VDSL2 Line Driver
ISL1539AIRZ INTERSIL-ISL1539AIRZ Datasheet
1Mb / 23P
   Dual Port VDSL2 Line Driver
September 23, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com