Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC5662IPFBG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # DAC5662IPFBG4
Description  DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5662IPFBG4 Datasheet(HTML) 4 Page - Texas Instruments

  DAC5662IPFBG4 Datasheet HTML 1Page - Texas Instruments DAC5662IPFBG4 Datasheet HTML 2Page - Texas Instruments DAC5662IPFBG4 Datasheet HTML 3Page - Texas Instruments DAC5662IPFBG4 Datasheet HTML 4Page - Texas Instruments DAC5662IPFBG4 Datasheet HTML 5Page - Texas Instruments DAC5662IPFBG4 Datasheet HTML 6Page - Texas Instruments DAC5662IPFBG4 Datasheet HTML 7Page - Texas Instruments DAC5662IPFBG4 Datasheet HTML 8Page - Texas Instruments DAC5662IPFBG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
ELECTRICAL CHARACTERISTICS
DAC5662
SLAS425B – JULY 2004 – REVISED MAY 2007 ................................................................................................................................................................ www.ti.com
over operating free-air temperature range, AVDD = DVDD = 3.3 V, IOUTFS = 20 mA, independent gain set mode (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC Specifications
Resolution
12
Bits
DC Accuracy(1)
INL
Integral nonlinearity
-2
0.3
2
LSB
1 LSB = IOUTFS/2
12, T
A = 25°C
DNL
Differential nonlinearity
-2
0.2
2
LSB
Analog Output
Offset error
0.03
%FSR
With external reference
±0.25
%FSR
Gain error
With internal reference
0.5
%FSR
Minimum full-scale output current(2)
2
mA
Maximum full-scale output current(2)
20
mA
Gain mismatch
With internal reference
-2
0.07
+2
%FSR
Output voltage compliance range(3)
-1
1.25
V
RO
Output resistance
300
k
CO
Output capacitance
5
pF
Reference Output
Reference voltage
1.14
1.2
1.26
V
Reference output current(4)
100
nA
Reference Input
VEXTIO
Input voltage
0.1
1.25
V
RI
Input resistance
1
M
Small signal bandwidth
300
kHz
CI
Input capacitance
100
pF
Temperature Coefficients
ppm of
Offset drift
0
FSR/°C
ppm of
With external reference
50
FSR/°C
Gain drift
ppm of
With internal reference
50
FSR/°C
Reference voltage drift
20
ppm/°C
(1)
Measured differentially through 50
Ω to AGND.
(2)
Nominal full-scale current, IOUTFS, equals 32x the IBIAS current.
(3)
The lower limit of the output compliance is determined by the CMOS process. Exceeding this limit may result in transistor breakdown,
resulting in reduced reliability of the DAC5662 device. The upper limit of the output compliance is determined by the load resistors and
full-scale output current. Exceeding the upper limit adversely affects distortion performance and intergral nonlinearity.
(4)
Use an external buffer amplifier with high impedance input to drive any external load.
4
Submit Documentation Feedback
Copyright © 2004–2007, Texas Instruments Incorporated
Product Folder Link(s): DAC5662


Similar Part No. - DAC5662IPFBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5662IPFB TI-DAC5662IPFB Datasheet
299Kb / 22P
[Old version datasheet]   DUAL, 12-BIT 200 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662IPFBR TI-DAC5662IPFBR Datasheet
299Kb / 22P
[Old version datasheet]   DUAL, 12-BIT 200 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662IPFBRG4 TI-DAC5662IPFBRG4 Datasheet
299Kb / 22P
[Old version datasheet]   DUAL, 12-BIT 200 MSPS DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC5662IPFBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5662 TI-DAC5662_15 Datasheet
683Kb / 26P
[Old version datasheet]   DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662A TI1-DAC5662A Datasheet
655Kb / 26P
[Old version datasheet]   DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652A TI1-DAC5652A_18 Datasheet
1Mb / 34P
[Old version datasheet]   Dual, 10-Bit, 275-MSPS Digital-to-Analog Converter
DAC5652 TI1-DAC5652 Datasheet
642Kb / 27P
[Old version datasheet]   DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5672A TI-DAC5672A Datasheet
1Mb / 26P
[Old version datasheet]   DUAL,14-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5672 TI1-DAC5672 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL, 14-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652A TI-DAC5652A_15 Datasheet
645Kb / 26P
[Old version datasheet]   DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652A_1809 TI1-DAC5652A_1809 Datasheet
1Mb / 34P
[Old version datasheet]   Dual, 10-Bit, 275-MSPS Digital-to-Analog Converter
DAC5652A TI1-DAC5652A Datasheet
644Kb / 25P
[Old version datasheet]   DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652 TI-DAC5652 Datasheet
323Kb / 22P
[Old version datasheet]   DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com