Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC5672-EP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5672-EP
Description  DUAL 14-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5672-EP Datasheet(HTML) 11 Page - Texas Instruments

Back Button DAC5672-EP Datasheet HTML 7Page - Texas Instruments DAC5672-EP Datasheet HTML 8Page - Texas Instruments DAC5672-EP Datasheet HTML 9Page - Texas Instruments DAC5672-EP Datasheet HTML 10Page - Texas Instruments DAC5672-EP Datasheet HTML 11Page - Texas Instruments DAC5672-EP Datasheet HTML 12Page - Texas Instruments DAC5672-EP Datasheet HTML 13Page - Texas Instruments DAC5672-EP Datasheet HTML 14Page - Texas Instruments DAC5672-EP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
www.ti.com
f − Frequency − MHz
−100
−80
−60
−40
−20
0
0.0
7.8
15.6
23.4
31.2
39.0
fdata = 78 MSPS
fOUT = 15 MHz
Dual Bus Mode
G007
f − Frequency − MHz
−100
−80
−60
−40
−20
0
0.0
16.5
33.0
49.5
66.0
82.5
fdata = 165 MSPS
fOUT = 30.1 MHz
Dual Bus Mode
G008
fout1 − Output Frequency − MHz
60
65
70
75
80
85
90
95
0
5
10
15
20
25
30
35
fdata = 78 MSPS
Dual Bus Mode
fout2 = fout1 + 1 MHz
G009
fout1 − Output Frequency − MHz
50
55
60
65
70
75
80
85
90
95
100
0
10
20
30
40
50
fdata = 165 MSPS
Dual Bus Mode
fout2 = fout1 + 1 MHz
G010
DAC5672-EP
SGLS339A – JUNE 2006 – REVISED OCTOBER 2006
TYPICAL CHARACTERISTICS (continued)
SINGLE-TONE SPECTRUM
SINGLE-TONE SPECTRUM
Figure 8.
Figure 9.
TWO-TONE IMD3
TWO-TONE IMD3
vs
vs
OUTPUT FREQUENCY
OUTPUT FREQUENCY
Figure 10.
Figure 11.
11
Submit Documentation Feedback


Similar Part No. - DAC5672-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5672-EP TI-DAC5672-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL 14-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC5672-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5672 TI-DAC5672 Datasheet
818Kb / 23P
[Old version datasheet]   DUAL, 14-BIT 200 MSPS DIGITAL - TO - ANALOG CONVERTER
DAC5672-EP TI-DAC5672-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL 14-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652-EP TI-DAC5652-EP_15 Datasheet
636Kb / 28P
[Old version datasheet]   DUAL 10-BIT, 200 MSPS, DIGITAL-TO-ANALOG CONVERTER
DAC5662-EP TI1-DAC5662-EP Datasheet
670Kb / 29P
[Old version datasheet]   DUAL 12-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662 TI-DAC5662 Datasheet
299Kb / 22P
[Old version datasheet]   DUAL, 12-BIT 200 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652-EP TI1-DAC5652-EP Datasheet
643Kb / 27P
[Old version datasheet]   DUAL 10-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC3174 TI-DAC3174_15 Datasheet
723Kb / 41P
[Old version datasheet]   Dual 14-bit 500 MSPS Digital to Analog Converter
DAC5672A TI-DAC5672A Datasheet
1Mb / 26P
[Old version datasheet]   DUAL,14-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
ADS5553 TI-ADS5553 Datasheet
533Kb / 24P
[Old version datasheet]   Dual 14 BIT, 65 MSPS Analog-to-Digital Converter
DAC3174 TI-DAC3174 Datasheet
779Kb / 40P
[Old version datasheet]   Dual 14-bit 500 MSPS Digital to Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com