Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC5672IPFBG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # DAC5672IPFBG4
Description  DUAL, 14-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5672IPFBG4 Datasheet(HTML) 4 Page - Texas Instruments

  DAC5672IPFBG4 Datasheet HTML 1Page - Texas Instruments DAC5672IPFBG4 Datasheet HTML 2Page - Texas Instruments DAC5672IPFBG4 Datasheet HTML 3Page - Texas Instruments DAC5672IPFBG4 Datasheet HTML 4Page - Texas Instruments DAC5672IPFBG4 Datasheet HTML 5Page - Texas Instruments DAC5672IPFBG4 Datasheet HTML 6Page - Texas Instruments DAC5672IPFBG4 Datasheet HTML 7Page - Texas Instruments DAC5672IPFBG4 Datasheet HTML 8Page - Texas Instruments DAC5672IPFBG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
DAC5672
SLAS440C – NOVEMBER 2004 – REVISED DECEMBER 2010
www.ti.com
ABSOLUTE MAXIMUM RATINGS
over TA (unless otherwise noted)
(1)
UNIT
AVDD(2)
-0.5 V to 4 V
Supply voltage range
DVDD(3)
-0.5 V to 4 V
Voltage between AGND and DGND
-0.5 V to 0.5 V
Voltage between AVDD and DVDD
-0.5 V to 0.5 V
DA[13:0] and DB[13:0](3)
-0.5 V to DVDD + 0.5 V
MODE, SLEEP, CLKA, CLKB, WRTA, WRTB(3)
-0.5 V to DVDD + 0.5 V
Supply voltage range
IOUTA1, IOUTA2, IOUTB1, IOUTB2(2)
-1 V to AVDD + 0.5 V
EXTIO, BIASJ_A, BIASJ_B, GSET(2)
-0.5 V to AVDD + 0.5 V
Peak input current (any input)
+20 mA
Peak total input current (all inputs)
-30 mA
Operating free-air temperature range
-40 °C to 85 °C
Storage temperature range
-65 °C to 150 °C
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only and functional operation of these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Measured with respect to AGND.
(3)
Measured with respect to DGND.
ELECTRICAL CHARACTERISTICS
over TA, AVDD = DVDD = 3.3 V, IOUTFS = 20 mA, independent gain set mode (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC Specifications
Resolution
14
Bits
DC Accuracy(1)
INL
Integral nonlinearity
-4
±1.1
4
LSB
1 LSB = IOUTFS/2
14, T
MIN to TMAX
DNL
Differential nonlinearity
-3
±0.75
3
LSB
Analog Output
Offset error
Midscale value
±0.03
%FSR
Offset mismatch
Midscale value
±0.03
%FSR
With external reference
±0.25
%FSR
Gain error
With internal reference
±0.25
%FSR
Minimum full-scale output current(2)
2
mA
Maximum full-scale output current(2)
20
mA
With external reference
-2
0.2
2
%FSR
Gain mismatch
With internal reference
-2
0.2
2
%FSR
Output voltage compliance range(3)
-1
1.25
V
RO
Output resistance
300
k
CO
Output capacitance
5
pF
Reference Output
Reference voltage
1.14
1.2
1.26
V
Reference output current(4)
100
nA
Reference Input
VEXTIO
Input voltage
0.1
1.25
V
(1)
Measured differentially through 50
Ω to AGND.
(2)
Nominal full-scale current, IOUTFS, equals 32x the IBIAS current.
(3)
The lower limit of the output compliance is determined by the CMOS process. Exceeding this limit may result in transistor breakdown,
resulting in reduced reliability of the DAC5672 device. The upper limit of the output compliance is determined by the load resistors and
full-scale output current. Exceeding the upper limit adversely affects distortion performance and integral nonlinearity.
(4)
Use an external buffer amplifier with high-impedance input to drive any external load.
4
Submit Documentation Feedback
Copyright © 2004–2010, Texas Instruments Incorporated
Product Folder Link(s): DAC5672


Similar Part No. - DAC5672IPFBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5672IPFB TI-DAC5672IPFB Datasheet
818Kb / 23P
[Old version datasheet]   DUAL, 14-BIT 200 MSPS DIGITAL - TO - ANALOG CONVERTER
DAC5672IPFBR TI-DAC5672IPFBR Datasheet
818Kb / 23P
[Old version datasheet]   DUAL, 14-BIT 200 MSPS DIGITAL - TO - ANALOG CONVERTER
More results

Similar Description - DAC5672IPFBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5672A TI-DAC5672A Datasheet
1Mb / 26P
[Old version datasheet]   DUAL,14-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652A TI1-DAC5652A_18 Datasheet
1Mb / 34P
[Old version datasheet]   Dual, 10-Bit, 275-MSPS Digital-to-Analog Converter
DAC5652 TI1-DAC5652 Datasheet
642Kb / 27P
[Old version datasheet]   DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652A TI-DAC5652A_15 Datasheet
645Kb / 26P
[Old version datasheet]   DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652A_1809 TI1-DAC5652A_1809 Datasheet
1Mb / 34P
[Old version datasheet]   Dual, 10-Bit, 275-MSPS Digital-to-Analog Converter
DAC5652A TI1-DAC5652A Datasheet
644Kb / 25P
[Old version datasheet]   DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662 TI1-DAC5662 Datasheet
680Kb / 25P
[Old version datasheet]   DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662 TI-DAC5662_15 Datasheet
683Kb / 26P
[Old version datasheet]   DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652 TI-DAC5652 Datasheet
323Kb / 22P
[Old version datasheet]   DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662A TI1-DAC5662A Datasheet
655Kb / 26P
[Old version datasheet]   DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com