Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RLP73N2B Datasheet(PDF) 3 Page - Tyco Electronics

Part # RLP73N2B
Description  Up to 2 Watts at 70째C
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RLP73N2B Datasheet(HTML) 3 Page - Tyco Electronics

  RLP73N2B Datasheet HTML 1Page - Tyco Electronics RLP73N2B Datasheet HTML 2Page - Tyco Electronics RLP73N2B Datasheet HTML 3Page - Tyco Electronics RLP73N2B Datasheet HTML 4Page - Tyco Electronics RLP73N2B Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SMD Low Ohmic - Current Sense Resistors
Type RL73 Series
3
1773269 CIS WR 02/2012
Dimensions are in millimeters
Dimensions are shown for
For email, phone or live chat, go to: te.com/help
and inches unless otherwise
reference purposes only.
specified. Values in brackets
Specifications subject
are standard equivalents.
to change.
Dimensions
Part Number
LW
C
D
t
RL73 1H (0201)
0.58 ±0.05
0.29 ±0.05
0.15 ±0.05
0.12 ±0.05
0.23 ±0.05
RL(P)73 1E (0402)
1.00 ±0.05
0.50 ±0.05
0.20 ±0.10
0.25 ±0.10
0.32 ±0.10
RL(P)73 1J (0603)
1.60 ±0.10
0.80 ±0.10
0.30 ±0.20
0.30 ±0.20
0.45 ±0.10
RL(P)73 2A (0805)
2.00 ±0.15
1.25 ±0.15
0.40 ±0.25
0.30 ±0.20
0.55 ±0.10
RL(P)73 2B (1206)
3.10 ±0.10
1.55 ±0.15
0.40 ±0.25
0.50 ±0.30
0.55 ±0.10
RL(P)73 2E (1210)
3.10 ±0.10
2.50 ±0.15
0.50 ±0.25
0.50 ±0.30
0.55 ±0.10
RL(P)73 2H (2010)
5.00 ±0.20
2.50 ±0.15
0.50 ±0.25
0.60 ±0.30
0.60 ±0.15
RL73 3A (2512)
6.35 ±0.20
3.10 ±0.15
0.55 ±0.25
0.60 ±0.30
0.60 ±0.10
RLP73 3A (2512) <R10
6.35 ±0.20
3.15 ±0.15
0.55 ±0.25
0.60 ±0.30
0.74 ±0.10
RLP73 3A (2512) ≥R10
6.35 ±0.20
3.15 ±0.15
2.10 ±0.10
0.60 ±0.30
0.74 ±0.10
L
D
W
t
C
1. Alumina Substrate
2. Bottom Electrode (Ag)
3. Top Electrode (Ag-Pd)
4. Edge Electrode (NiCr)
5. Barrier Layer (Ni)
6. External Electrode (Sn)
7. Resistor Layer (NiCr)
8. Overcoat (Epoxy)
9. Marking
Recommend Land Pattern
Type
AB
C
RL73 1H (0201)
0.25
0.3
0.40 ±0.2
RL(P)73 1E (0402)
0.5
0.5
0.60 ±0.2
RL(P)73 1J (0603)
0.8
1.0
0.90 ±0.2
RL(P)73 2A (0805)
1.0
1.0
1.35 ±0.2
RL(P)73 2B (1206)
2.0
1.15
1.70 ±0.2
RL(P)73 2E (1210)
2.0
1.15
2.50 ±0.2
RL(P)73 2H (2010)
3.6
1.4
2.50 ±0.2
RL73 3A (2512)
4.9
1.6
3.10 ±0.2
RLP73 3A (2512) <R10
4.9
1.6
3.10 ±0.2
RLP73 3A (2512) ≥R10
1.0
3.55
3.10 ±0.2


Similar Part No. - RLP73N2B

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
RLP73N2B TEC-RLP73N2B Datasheet
177Kb / 5P
   Values down to R10
RLP73N2B TEC-RLP73N2B Datasheet
738Kb / 8P
   SMD Low Ohmic ??Current Sense Resistors
RLP73N2BR10FTD TEC-RLP73N2BR10FTD Datasheet
738Kb / 8P
   SMD Low Ohmic ??Current Sense Resistors
RLP73N2BR10FTDF TEC-RLP73N2BR10FTDF Datasheet
738Kb / 8P
   SMD Low Ohmic ??Current Sense Resistors
RLP73N2BR10FTDG TEC-RLP73N2BR10FTDG Datasheet
738Kb / 8P
   SMD Low Ohmic ??Current Sense Resistors
More results

Similar Description - RLP73N2B

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
PDL02 P-DUKE-PDL02_15 Datasheet
447Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 2 Watts
logo
FSP TECHNOLOGY INC.
FSP25-FZAP140G FSP-FSP25-FZAP140G Datasheet
59Kb / 1P
   50,000 hours at Tcase of ??70째C
logo
Emerson Network Power
IMP1-3L0-2E2-1Q1-4LL000-A EMERSON-NETWORKPOWER-IMP1-3L0-2E2-1Q1-4LL000-A Datasheet
3Mb / 9P
   Up to 1500 Watts
logo
FSP TECHNOLOGY INC.
FSP25-FZAP070G FSP-FSP25-FZAP070G Datasheet
59Kb / 1P
   50,000 hours at Tcase of ??70째C
logo
Artesyn Technologies
MP4-1Q-4LQ-00 ARTESYN-MP4-1Q-4LQ-00 Datasheet
3Mb / 9P
   Up to 1500 Watts
logo
Wall Industries,Inc.
LANK WALL-LANK Datasheet
95Kb / 2P
   UP TO 4 WATTS
logo
FSP TECHNOLOGY INC.
FSP25-FZAP105G FSP-FSP25-FZAP105G Datasheet
59Kb / 1P
   50,000 hours at Tcase of ??70째C
FSP25-FZAP035G FSP-FSP25-FZAP035G Datasheet
59Kb / 1P
   50,000 hours at Tcase of ??70째C
logo
Power Mate Technology C...
PDL09 P-DUKE-PDL09 Datasheet
904Kb / 5P
   2:1 WIDE INPUT RANGE UP TO 9 Watts
PDS03 P-DUKE-PDS03_15 Datasheet
517Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 3 Watts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com