Electronic Components Datasheet Search |
|
54ACT11138 Datasheet(PDF) 1 Page - Texas Instruments |
|
54ACT11138 Datasheet(HTML) 1 Page - Texas Instruments |
1 / 7 page 54ACT11138, 74ACT11138 3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS SCAS050A – D3266, JANUARY 1989 – REVISED APRIL 1993 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 Copyright © 1993, Texas Instruments Incorporated 2–1 • Designed Specifically for High-Speed Memory Decoders and Data Transmission Systems • Incorporates Three Enable Inputs to Simplify Cascading and/or Data Reception • Flow-Through Architecture Optimizes PCB Layout • Center-Pin V CC and GND Configurations Minimize High-Speed Switching Noise • EPICt (Enhanced-Performance Implanted CMOS) 1- mm Process • 650-mA Typical Latch-Up Immunity at 125 °C • Package Options Include Plastic Small-Outline Packages, Plastic Thin Shrink Small-Outline Packages, Ceramic Chip Carriers, and Standard Plastic and Ceramic 300-mil DIPs description The ′ACT11138 circuit is designed to be used in high-performance memory-decoding or data- routing applications requiring very short propagation delay times. In high-performance memory systems, this decoder can be used to minimize the effects of system decoding. When employed with high-speed memories utilizing a fast enable circuit, the delay times of this decoder and the enable time of the memory are usually less than the typical access time of the memory. This means that the effective system delay introduced by the decoder is negligible. The conditions at the binary select inputs and the three enable inputs select one of eight input lines. Two active-low and one active-high enable inputs reduce the need for external gates or inverters when expanding. A 24-line decoder can be implemented without external inverters and a 32-line decoder requires only one inverter. An enable input can be used as a data input for demultiplexing applications. The 54ACT11138 is characterized for operation over the full military temperature range of – 55 °C to 125°C. The 74ACT11138 is characterized for operation from – 40 °C to 85°C. 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 Y1 Y2 Y3 GND Y4 Y5 Y6 Y7 Y0 A B C VCC G1 G2A G2B (TOP VIEW) 54ACT11138 ...J PACKAGE 74ACT11138 . . . D, N, OR PW PACKAGE 3 2 1 20 19 910 11 12 13 4 5 6 7 8 18 17 16 15 14 G2A G2B NC Y7 Y6 A Y0 NC Y1 Y2 54ACT11138 . . . FK PACKAGE (TOP VIEW) NC – No internal connection PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. EPIC is a trademark of Texas Instruments Incorporated. |
Similar Part No. - 54ACT11138 |
|
Similar Description - 54ACT11138 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |