Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54F132 Datasheet(PDF) 2 Page - Texas Instruments

Part # 54F132
Description  Quad 2-Input NAND Schmitt Trigger
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

54F132 Datasheet(HTML) 2 Page - Texas Instruments

  54F132 Datasheet HTML 1Page - Texas Instruments 54F132 Datasheet HTML 2Page - Texas Instruments 54F132 Datasheet HTML 3Page - Texas Instruments 54F132 Datasheet HTML 4Page - Texas Instruments 54F132 Datasheet HTML 5Page - Texas Instruments 54F132 Datasheet HTML 6Page - Texas Instruments 54F132 Datasheet HTML 7Page - Texas Instruments 54F132 Datasheet HTML 8Page - Texas Instruments 54F132 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
54F/74F132
Quad 2-Input NAND Schmitt Trigger
General Description
The ’F132 contains four 2-input NAND gates which accept
standard TTL input signals and provide standard TTL output
levels. They are capable of transforming slowly changing in-
put signals into sharply defined, jitter-free output signals. In
addition, they have a greater noise margin than conventional
NAND gates.
Each circuit contains a 2-input Schmitt trigger followed by
level shifting circuitry and a standard FAST® output struc-
ture. The Schmitt trigger uses positive feedback to effectively
speed-up slow input transitions, and provide different input
threshold voltages for positive and negative-going transi-
tions. This hysteresis between the positive-going and
negative-going input threshold (typically 800 mV) is deter-
mined by resistor ratios and is essentially insensitive to tem-
perature and supply voltage variations.
Features
n
Guaranteed 4000V minimum ESD protection
n
Standard Military Drawing (SMD)
n
5962-89487
Ordering Code: See Section 0
Commercial
Military
Package
Package Description
Number
74F132PC
N14A
14-Lead (0.300" Wide) Molded Dual-In-Line
54F132DM (Note 2)
J14A
14-Lead Ceramic Dual-In-Line
74F132SC (Note 1)
M14A
14-Lead (0.150" Wide) Molded Small Outline, JEDEC
74F132SJ (Note 1)
M14D
14-Lead (0.300" Wide) Molded Small Outline, EIAJ
54F132FM (Note 2)
W14B
14-Lead Cerpack
54F132LM (Note 2)
E20A
20-Lead Ceramic Leadless Chip Carrier, Type C
Note 1: Devices also available in 13" reel. Use suffix = SCX and SJX.
Note 2: Military grade device with environmental and burn-in processing. Use suffix = DMQB, FMQB and LMQB.
Logic Symbol
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
IEEE/IEC
DS009477-3
November 1994
© 1997 National Semiconductor Corporation
DS009477
www.national.com
1
PrintDate=1997/08/28 PrintTime=12:25:28 10193 ds009477 Rev. No. 1
cmserv
Proof
1
DSXXX


Similar Part No. - 54F132

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F132DM NSC-54F132DM Datasheet
109Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
54F132FM NSC-54F132FM Datasheet
109Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
54F132LM NSC-54F132LM Datasheet
109Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
More results

Similar Description - 54F132

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GD4093B ETC1-GD4093B Datasheet
180Kb / 2P
   QUAD 2 - INPUT NAND SCHMITT TRIGGER
logo
ON Semiconductor
MC74VHCT132A ONSEMI-MC74VHCT132A_14 Datasheet
97Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
October, 2014 ??Rev. 6
logo
NXP Semiconductors
74LVC132A PHILIPS-74LVC132A Datasheet
89Kb / 15P
   Quad 2-input NAND Schmitt trigger
Rev. 01-15 December 2006
74LV132 PHILIPS-74LV132_15 Datasheet
115Kb / 17P
   Quad 2-input NAND Schmitt trigger
Rev. 05-2 July 2009
logo
ON Semiconductor
MM74HC132 ONSEMI-MM74HC132 Datasheet
251Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.3.0
logo
Nexperia B.V. All right...
74LV132 NEXPERIA-74LV132 Datasheet
251Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 8 - 13 September 2021
74LVC132A NEXPERIA-74LVC132A Datasheet
244Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 4 - 6 July 2020
logo
ON Semiconductor
MC74LVX132 ONSEMI-MC74LVX132 Datasheet
93Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
March, 2005 ??Rev. 2
logo
NXP Semiconductors
74F132 PHILIPS-74F132 Datasheet
71Kb / 8P
   Quad 2-input NAND Schmitt trigger
1991 Jun 26
74AHC132 PHILIPS-74AHC132 Datasheet
106Kb / 16P
   Quad 2-input NAND Schmitt trigger
1999 Sep 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com