Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AC11280DR Datasheet(PDF) 4 Page - Texas Instruments

Part # 74AC11280DR
Description  9-BIT PARITY GENERATOR/CHECKER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74AC11280DR Datasheet(HTML) 4 Page - Texas Instruments

  74AC11280DR Datasheet HTML 1Page - Texas Instruments 74AC11280DR Datasheet HTML 2Page - Texas Instruments 74AC11280DR Datasheet HTML 3Page - Texas Instruments 74AC11280DR Datasheet HTML 4Page - Texas Instruments 74AC11280DR Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
74AC11280
9BIT PARITY GENERATOR/CHECKER
SCAS055A − D3201, APRIL 1989 − REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
2−4
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
Any input
EVEN
1.5
9.8
13.5
1.5
14.9
ns
tPHL
Any input
EVEN
1.5
10.5
13.9
1.5
15.4
ns
tPLH
Any input
ODD
1.5
9.9
13.8
1.5
15.1
ns
tPHL
Any input
ODD
1.5
10.6
14.4
1.5
15.6
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
Any input
EVEN
1.5
5.9
9.1
1.5
10.1
ns
tPHL
Any input
EVEN
1.5
6.7
9.9
1.5
10.9
ns
tPLH
Any input
ODD
1.5
6
9.3
1.5
10.3
ns
tPHL
Any input
ODD
1.5
6.8
10.3
1.5
11.1
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
CL = 50 pF,
f = 1 MHz
68
pF
PARAMETER MEASUREMENT INFORMATION
LOAD CIRCUIT
From Output
Under Test
CL = 50 pF
(see Note A)
500
tPLH
tPHL
50%
50%
VCC
0 V
50% VCC
50% VCC
VOH
VOL
Input
(see Note B)
Output
VOLTAGE WAVEFORMS
NOTES: A. CL includes probe and jig capacitance.
B. Input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr = 3 ns, tf = 3 ns.
C. The outputs are measured one at a time with one input transition per measurement.
Figure 1. Load Circuit and Voltage Waveforms


Similar Part No. - 74AC11280DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11286 TI-74AC11286 Datasheet
94Kb / 7P
[Old version datasheet]   9-BIT PARITY GENERATOR/CHECKER WITH BUS DRIVER PARITY I/O PORTS
74AC11286 TI1-74AC11286 Datasheet
227Kb / 9P
[Old version datasheet]   9-BIT PARITY GENERATOR/CHECKER WITH BUS DRIVER PARITY I/O PORTS
logo
NXP Semiconductors
74AC11286D PHILIPS-74AC11286D Datasheet
181Kb / 7P
   9-bit odd/even parity generator/checker with bus drive l/O port
October 17 1990
logo
Texas Instruments
74AC11286D TI1-74AC11286D Datasheet
227Kb / 9P
[Old version datasheet]   9-BIT PARITY GENERATOR/CHECKER WITH BUS DRIVER PARITY I/O PORTS
74AC11286DR TI-74AC11286DR Datasheet
94Kb / 7P
[Old version datasheet]   9-BIT PARITY GENERATOR/CHECKER WITH BUS DRIVER PARITY I/O PORTS
More results

Similar Description - 74AC11280DR

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74AC280P TOSHIBA-TC74AC280P Datasheet
265Kb / 7P
   9 - BIT PARITY GENERATOR CHECKER
logo
Renesas Technology Corp
HD74AC280 RENESAS-HD74AC280 Datasheet
214Kb / 8P
   9-bit Parity Generator/Checker
logo
National Semiconductor ...
54F280DM NSC-54F280DM Datasheet
152Kb / 8P
   9-Bit Parity Generator/Checker
logo
Toshiba Semiconductor
TC74HC280AP TOSHIBA-TC74HC280AP_07 Datasheet
335Kb / 9P
   9-Bit Parity Generator/Checker
logo
Hitachi Semiconductor
HD74AC280 HITACHI-HD74AC280 Datasheet
52Kb / 9P
   9-bit Parity Generator/Checker
logo
Motorola, Inc
MC54F280 MOTOROLA-MC54F280 Datasheet
39Kb / 3P
   9-BIT PARITY GENERATOR/CHECKER
logo
Fairchild Semiconductor
74F280SCX FAIRCHILD-74F280SCX Datasheet
77Kb / 6P
   9-Bit Parity Generator/Checker
logo
National Semiconductor ...
54AC280 NSC-54AC280 Datasheet
183Kb / 6P
   9-Bit Parity Generator/Checker
logo
Fairchild Semiconductor
74AC280 FAIRCHILD-74AC280 Datasheet
65Kb / 6P
   9-Bit Parity Generator/Checker
DM74S280 FAIRCHILD-DM74S280 Datasheet
62Kb / 5P
   9-Bit Parity Generator/Checker
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com