Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54AC16472 Datasheet(PDF) 1 Page - Texas Instruments

Part # 54AC16472
Description  18-BIT REGISTERED TRANS CIEVERS WITH 3-STATE OUTPUTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

54AC16472 Datasheet(HTML) 1 Page - Texas Instruments

  54AC16472 Datasheet HTML 1Page - Texas Instruments 54AC16472 Datasheet HTML 2Page - Texas Instruments 54AC16472 Datasheet HTML 3Page - Texas Instruments 54AC16472 Datasheet HTML 4Page - Texas Instruments 54AC16472 Datasheet HTML 5Page - Texas Instruments 54AC16472 Datasheet HTML 6Page - Texas Instruments 54AC16472 Datasheet HTML 7Page - Texas Instruments 54AC16472 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
54AC16472, 74AC16472
18BIT REGISTERED TRANSCIEVERS
WITH 3STATE OUTPUTS
SCAS165A − JUNE 1990 − REVISED APRIL 1996
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
D Members of the Texas Instruments
Widebus
 Family
D 3-State True Outputs
D Flow-Through Architecture Optimizes
PCB Layout
D Distributed VCC and GND Pin Configuration
Minimizes High-Speed Switching Noise
D EPIC  (Enhanced-Performance Implanted
CMOS) 1-
µm Process
D 500-mA Typical Latch-Up Immunity at
125
°C
D Package Options Include Plastic 300-mil
Shrink Small-Outline (DL) Package Using
25-mil Center-to-Center Pin Spacings and
380-mil Fine-Pitch Ceramic Flat (WD)
Package Using 25-mil Center-to-Center Pin
Spacings
description
The ’AC16472 are 18-bit registered transceivers
that contain two sets of D-type latches for
temporary storage of data flowing in either
direction.
They can be used as two 9-bit
transceivers or one 18-bit transceiver. Separate
latch-enable (LEAB or LEBA) and output-enable
(OEAB or OEBA) inputs are provided for each
register to permit independent control in either
direction of data flow.
When OEAB and LEAB are both low, the A-to-B
latches are transparent; a subsequent low-to-high
transition of LEAB puts the A latches in the
storage mode. With OEAB low, the B outputs are active and reflect the data present at the output of the A latches.
Data flow from B to A is similar, but requires the use of the LEBA and OEBA inputs.
The 74AC16472 is packaged in TI’s shrink small-outline package (DL), which provides twice the I/O pin count
and functionality of standard small-outline packages in the same printed-circuit-board area.
The 54AC16472 is characterized for operation over the full military temperature range of −55
°C to 125°C. The
74AC16472 is characterized for operation from −40
°C to 85°C.
Copyright
 1996, Texas Instruments Incorporated
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
EPIC and Widebus are trademarks of Texas Instruments Incorporated.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
1OEAB
1LEAB
1A1
GND
1A2
1A3
VCC
1A4
1A5
1A6
GND
1A7
1A8
1A9
2A1
2A2
2A3
GND
2A4
2A5
2A6
VCC
2A7
2A8
GND
2A9
2LEAB
2OEAB
1OEBA
1LEBA
1B1
GND
1B2
1B3
VCC
1B4
1B5
1B6
GND
1B7
1B8
1B9
2B1
2B2
2B3
GND
2B4
2B5
2B6
VCC
2B7
2B8
GND
2B9
2LEBA
2OEBA
54AC16472 . . . WD PACKAGE
74AC16472 . . . DL PACKAGE
(TOP VIEW)
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - 54AC16472

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
54AC164245 STMICROELECTRONICS-54AC164245 Datasheet
285Kb / 22P
   Rad-hard 16-bit transceiver, 3.3 V to 5 V bidirectional level shifter
More results

Similar Description - 54AC16472

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT16475 TI1-74ACT16475 Datasheet
152Kb / 8P
[Old version datasheet]   18-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ALVCH162525 TI-SN74ALVCH162525 Datasheet
167Kb / 11P
[Old version datasheet]   18-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH162525 TI1-SN74ALVCH162525_09 Datasheet
353Kb / 16P
[Old version datasheet]   18-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16524 TI-SN74ALVCH16524 Datasheet
125Kb / 9P
[Old version datasheet]   18-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16525 TI-SN74ALVCH16525 Datasheet
153Kb / 10P
[Old version datasheet]   18-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
74ACT16474 TI1-74ACT16474 Datasheet
142Kb / 7P
[Old version datasheet]   18-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ALVCH16524 TI1-SN74ALVCH16524_09 Datasheet
319Kb / 12P
[Old version datasheet]   18-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Nexperia B.V. All right...
74AVC16835A NEXPERIA-74AVC16835A Datasheet
236Kb / 15P
   18-bit registered driver with Dynamic Controlled Outputs 3-state
logo
Texas Instruments
SN74ALVCHG162282 TI1-SN74ALVCHG162282_08 Datasheet
297Kb / 12P
[Old version datasheet]   18-BIT TO 36-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH16282 TI-SN74ALVCH16282 Datasheet
140Kb / 10P
[Old version datasheet]   18-BIT TO 36-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com