Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACT11191 Datasheet(PDF) 7 Page - Texas Instruments

Part # 74ACT11191
Description  SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT11191 Datasheet(HTML) 7 Page - Texas Instruments

  74ACT11191 Datasheet HTML 1Page - Texas Instruments 74ACT11191 Datasheet HTML 2Page - Texas Instruments 74ACT11191 Datasheet HTML 3Page - Texas Instruments 74ACT11191 Datasheet HTML 4Page - Texas Instruments 74ACT11191 Datasheet HTML 5Page - Texas Instruments 74ACT11191 Datasheet HTML 6Page - Texas Instruments 74ACT11191 Datasheet HTML 7Page - Texas Instruments 74ACT11191 Datasheet HTML 8Page - Texas Instruments 74ACT11191 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
74ACT11191
SYNCHRONOUS 4BIT UP/DOWN BINARY COUNTER
SCAS106A − D3455, FEBRUARY 1990 − REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
2−7
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
CL = 50 pF,
f = 1 MHz
68
pF
PARAMETER MEASUREMENT INFORMATION
50% VCC
1.5 V
1.5 V
1.5 V
3 V
3 V
0 V
0 V
th
tsu
VOLTAGE WAVEFORMS
Data Input
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
1.5 V
1.5 V
3 V
0 V
50% VCC
50% VCC
Input
(see Note B)
Out-of-Phase
Output
In-Phase
Output
Timing Input
(see Note B)
50% VCC
VOLTAGE WAVEFORMS
3 V
0 V
1.5 V
1.5 V
tw
VOLTAGE WAVEFORMS
Input
LOAD CIRCUIT
From Output
Under Test
CL = 50 pF
(see Note A)
500
NOTES: A. CL includes probe and jig capacitance.
B. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr = 3 ns, tf = 3 ns.
C. The outputs are measured one at a time with one input transition per measurement.
Figure 1. Load Circuit and Voltage Waveforms


Similar Part No. - 74ACT11191

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ACT11190 PHILIPS-74ACT11190 Datasheet
339Kb / 12P
   ASYNCHRONOUS PRESETTABLE SYNCHRONOUS DECADE UP/DOWN COUNTER
October 17 1990
74ACT11190D PHILIPS-74ACT11190D Datasheet
339Kb / 12P
   ASYNCHRONOUS PRESETTABLE SYNCHRONOUS DECADE UP/DOWN COUNTER
October 17 1990
74ACT11190N PHILIPS-74ACT11190N Datasheet
339Kb / 12P
   ASYNCHRONOUS PRESETTABLE SYNCHRONOUS DECADE UP/DOWN COUNTER
October 17 1990
logo
Texas Instruments
74ACT11194 TI1-74ACT11194 Datasheet
578Kb / 55P
[Old version datasheet]   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
74ACT11194DW TI1-74ACT11194DW Datasheet
578Kb / 55P
[Old version datasheet]   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
More results

Similar Description - 74ACT11191

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C192 FAIRCHILD-MM74C192 Datasheet
62Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
logo
Renesas Technology Corp
HD74HC668 RENESAS-HD74HC668 Datasheet
222Kb / 11P
   Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
logo
Fairchild Semiconductor
CD40192BC FAIRCHILD-CD40192BC Datasheet
74Kb / 7P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
DM74LS169A FAIRCHILD-DM74LS169A Datasheet
72Kb / 8P
   Synchronous 4-Bit Up/Down Binary Counter
logo
Texas Instruments
SN54HC191-DIE TI1-SN54HC191-DIE Datasheet
132Kb / 6P
[Old version datasheet]   4-Bit Synchronous Up/Down Binary Counter
SN74F169 TI-SN74F169 Datasheet
126Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
74AC11191 TI-74AC11191 Datasheet
138Kb / 10P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
logo
Fairchild Semiconductor
DM74AS169A FAIRCHILD-DM74AS169A Datasheet
61Kb / 6P
   Synchronous 4-Bit Binary Up/Down Counter
logo
National Semiconductor ...
54LS169 NSC-54LS169 Datasheet
165Kb / 8P
   Synchronous 4-Bit Up/Down Binary Counter
logo
Texas Instruments
74AC11191 TI1-74AC11191_09 Datasheet
148Kb / 10P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com