Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACT11648DWR Datasheet(PDF) 3 Page - Texas Instruments

Part # 74ACT11648DWR
Description  OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT11648DWR Datasheet(HTML) 3 Page - Texas Instruments

  74ACT11648DWR Datasheet HTML 1Page - Texas Instruments 74ACT11648DWR Datasheet HTML 2Page - Texas Instruments 74ACT11648DWR Datasheet HTML 3Page - Texas Instruments 74ACT11648DWR Datasheet HTML 4Page - Texas Instruments 74ACT11648DWR Datasheet HTML 5Page - Texas Instruments 74ACT11648DWR Datasheet HTML 6Page - Texas Instruments 74ACT11648DWR Datasheet HTML 7Page - Texas Instruments 74ACT11648DWR Datasheet HTML 8Page - Texas Instruments 74ACT11648DWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
74ACT11648
OCTAL BUS TRANSCEIVER AND REGISTER
WITH 3STATE OUTPUTS
SCAS115 − D3458, MARCH 1990 − REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
2−3
FUNCTION TABLE
INPUTS
DATA I/O
OPERATION OR FUNCTION
G
DIR
CAB
CBA
SAB
SBA
A1 THRU A8
B1 THRU B8
OPERATION OR FUNCTION
X
X
X
X
X
Input
Unspecified†
Store A, B unspecified†
X
XX
X
X
Unspecified†
Input
Store B, A unspecified†
H
X
↑↑
X
X
Input
Input
Store A and B Data
H
X
H or L
H or L
X
X
Input
Input
Isolation, hold storage
L
L
X
X
X
L
Output
Input
Real-Time B Data to A Bus
L
L
X
H or L
X
H
Output
Input
Stored B Data to A Bus
L
H
X
X
L
X
Input
Output
Real-Time A Data to B Bus
L
H
H or L
X
H
X
Input
Output
Stored A Data to B Bus
† The data output functions may be enabled or disabled by various signals at the G and DIR inputs. Data input functions are always enabled, i.e.,
data at the bus pins will be stored on every low-to-high transition on the clock inputs.
logic symbol
logic diagram (positive logic)
5
5
B8
B7
B6
B5
B4
B3
B2
B1
17
18
19
20
23
24
25
26
A8
A7
A6
A5
A4
A3
A2
A1
SAB
CAB
SBA
CBA
DIR
G
13
12
11
10
5
4
3
2
27
28
15
16
14
1
1
6D
7
7
4D
G7
C6
G5
C4
3 EN2 [AB]
3 EN1 [BA]
G3
2
1
≥1
≥1
1
‡ This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.
To Seven Other Channels
B1
26
A1
2
SAB
CAB
SBA
CBA
DIR
G
27
28
15
16
14
1
Channels
1 of 8
1D
C1
C1
1D


Similar Part No. - 74ACT11648DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT11640 TI1-74ACT11640 Datasheet
96Kb / 5P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74ACT11640DW TI1-74ACT11640DW Datasheet
96Kb / 5P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74ACT11640DWR TI1-74ACT11640DWR Datasheet
96Kb / 5P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74ACT11640NT TI1-74ACT11640NT Datasheet
96Kb / 5P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74ACT11643 TI1-74ACT11643 Datasheet
96Kb / 5P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - 74ACT11648DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11646 TI1-74AC11646_09 Datasheet
136Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74BCT651 TI1-SN74BCT651 Datasheet
236Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74BCT2953 TI1-SN74BCT2953 Datasheet
92Kb / 5P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74ACT11652 TI-74ACT11652 Datasheet
147Kb / 8P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74AC11651 TI1-74AC11651_10 Datasheet
158Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74BCT2952 TI1-SN74BCT2952 Datasheet
103Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74ACT11651 TI1-74ACT11651 Datasheet
145Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74AC11646 TI-74AC11646 Datasheet
121Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVC646 TI-SN74LVC646 Datasheet
124Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74AC11648 TI1-74AC11648_10 Datasheet
139Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com