Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS130E08 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADS130E08
Description  Low-Cost, 8-Channel, Integrated Analog Front-End for Metering Applications
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS130E08 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS130E08 Datasheet HTML 4Page - Texas Instruments ADS130E08 Datasheet HTML 5Page - Texas Instruments ADS130E08 Datasheet HTML 6Page - Texas Instruments ADS130E08 Datasheet HTML 7Page - Texas Instruments ADS130E08 Datasheet HTML 8Page - Texas Instruments ADS130E08 Datasheet HTML 9Page - Texas Instruments ADS130E08 Datasheet HTML 10Page - Texas Instruments ADS130E08 Datasheet HTML 11Page - Texas Instruments ADS130E08 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
ADS130E08
SBAS574 – JULY 2012
www.ti.com
PIN ASSIGNMENTS (continued)
NAME
TERMINAL
FUNCTION
DESCRIPTION
GPIO3
45
Digital input/output
General-purpose input/output pin
GPIO4
46
Digital input/output
General-purpose input/output pin
IN1N
15
Analog input
Differential analog negative input 1
IN1P
16
Analog input
Differential analog positive input 1
IN2N
13
Analog input
Differential analog negative input 2
IN2P
14
Analog input
Differential analog positive input 2
IN3N
11
Analog input
Differential analog negative input 3
IN3P
12
Analog input
Differential analog positive input 3
IN4N
9
Analog input
Differential analog negative input 4
IN4P
10
Analog input
Differential analog positive input 4
IN5N
7
Analog input
Differential analog negative input 5
IN5P
8
Analog input
Differential analog positive input 5
IN6N
5
Analog input
Differential analog negative input 6
IN6P
6
Analog input
Differential analog positive input 6
IN7N
3
Analog input
Differential analog negative input 7
IN7P
4
Analog input
Differential analog positive input 7
IN8N
1
Analog input
Differential analog negative input 8
IN8P
2
Analog input
Differential analog positive input 8
NC
27, 29, 62, 64
No connection, leave floating
OPAMPN
61
Analog
Op amp inverting input
OPAMPOUT
63
Analog
Op amp output
OPAMPP
60
Op amp noninverting input
PWDN
35
Digital input
Power-down; active low
RESET
36
Digital input
System reset; active low
RESV1
31
Digital input
Reserved for future use; must tie to logic low (DGND)
SCLK
40
Digital input
SPI clock
START
38
Digital input
Start conversion
TESTN
18
Analog output
Internal test signal
TESTP
17
Analog output
Internal test signal
VCAP1
28
Analog input and output
Analog bypass capacitor
VCAP2
30
Analog bypass capacitor
VCAP3
55
Analog bypass capacitor
VCAP4
26
Analog output
Analog bypass capacitor
VREFN
25
Analog input
Negative reference voltage
VREFP
24
Analog input and output
Positive reference voltage
8
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): ADS130E08


Similar Part No. - ADS130E08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS130E08 TI1-ADS130E08 Datasheet
1Mb / 56P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
ADS130E08 TI1-ADS130E08 Datasheet
1Mb / 60P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
ADS130E08 TI1-ADS130E08 Datasheet
1Mb / 52P
[Old version datasheet]   Low-Cost, 8-Channel, Integrated Analog Front-End for Metering Applications
ADS130E08IPAG TI1-ADS130E08IPAG Datasheet
1Mb / 52P
[Old version datasheet]   Low-Cost, 8-Channel, Integrated Analog Front-End for Metering Applications
ADS130E08IPAGR TI1-ADS130E08IPAGR Datasheet
1Mb / 52P
[Old version datasheet]   Low-Cost, 8-Channel, Integrated Analog Front-End for Metering Applications
More results

Similar Description - ADS130E08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS130E08 TI1-ADS130E08_14 Datasheet
1Mb / 52P
[Old version datasheet]   Low-Cost, 8-Channel, Integrated Analog Front-End for Metering Applications
AFE5807ZCF TI1-AFE5807ZCF Datasheet
1Mb / 74P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End
AFE5803 TI-AFE5803 Datasheet
790Kb / 52P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End
AFE5805 TI-AFE5805 Datasheet
417Kb / 32P
[Old version datasheet]   8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND
AFE5809 TI-AFE5809 Datasheet
432Kb / 9P
[Old version datasheet]   Analog Front End for Ultrasonic Applications
AFE4400 TI-AFE4400 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
AFE4300 TI1-AFE4300 Datasheet
334Kb / 30P
[Old version datasheet]   Low-Cost, Integrated Analog Front-End for Weight-Scale and Body Composition Measurement
AFE4300PNR TI1-AFE4300PNR Datasheet
309Kb / 30P
[Old version datasheet]   Low-Cost, Integrated Analog Front-End for Weight-Scale and Body Composition Measurement
AFE4400 TI1-AFE4400_15 Datasheet
2Mb / 87P
[Old version datasheet]   AFE4400 Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
AFE4490 TI1-AFE4490_14 Datasheet
2Mb / 96P
[Old version datasheet]   Integrated Analog Front-End for Pulse Oximeters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com