Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS131E08 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS131E08
Description  Analog Front-End for Power Monitoring, Control, and Protection
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS131E08 Datasheet(HTML) 5 Page - Texas Instruments

  ADS131E08 Datasheet HTML 1Page - Texas Instruments ADS131E08 Datasheet HTML 2Page - Texas Instruments ADS131E08 Datasheet HTML 3Page - Texas Instruments ADS131E08 Datasheet HTML 4Page - Texas Instruments ADS131E08 Datasheet HTML 5Page - Texas Instruments ADS131E08 Datasheet HTML 6Page - Texas Instruments ADS131E08 Datasheet HTML 7Page - Texas Instruments ADS131E08 Datasheet HTML 8Page - Texas Instruments ADS131E08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
ADS131E04
ADS131E06
ADS131E08
www.ti.com
SBAS561 – JUNE 2012
ELECTRICAL CHARACTERISTICS (continued)
Minimum and maximum specifications apply from –40°C to +105°C. Typical specifications are at +25°C. All specifications are
at DVDD = 1.8 V, AVDD = 3 V, AVSS = 0 V, VREF = 2.4 V, external fCLK = 2.048 MHz, data rate = 8 kSPS, and gain = 1,
unless otherwise noted.
ADS131E0x
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT (Operational Amplifier Turned Off)
AVDD – AVSS = 3 V
5.1
mA
IAVDD
AVDD – AVSS = 5 V
5.8
mA
Normal mode
DVDD = 3.3 V
1
mA
IDVDD
DVDD = 1.8 V
0.4
mA
POWER DISSIPATION (Analog Supply = 3 V)
Normal mode
9.3
10.2
mW
ADS131E04
Power-down mode
10
µW
Standby mode
2
mW
Normal mode
12.7
13.5
mW
Quiescent power
ADS131E06
Power-down mode
10
µW
dissipation
Standby mode
2
mW
Normal mode
16
17.6
mW
ADS131E08
Power-down mode
10
µW
Standby mode
2
mW
POWER DISSIPATION (Analog Supply = 5 V)
Normal mode
18
mW
ADS131E04
Power-down mode
20
µW
Standby mode
4.2
mW
Normal mode
24.3
mW
Quiescent power
ADS131E06
Power-down mode
20
µW
dissipation
Standby mode
4.2
mW
Normal mode
29.7
mW
ADS131E08
Power-down mode
20
µW
Standby mode
4.2
mW
TEMPERATURE
TA
Specified
–40
+105
°C
TJ
Temperature range
Operating
–40
+105
°C
Tstg
Storage
–60
+150
°C
THERMAL INFORMATION
ADS131E0x
THERMAL METRIC(1)
PAG (TQFP)
UNITS
64 PINS
θJA
Junction-to-ambient thermal resistance
35
θJCtop
Junction-to-case (top) thermal resistance
31
θJB
Junction-to-board thermal resistance
26
°C/W
ψJT
Junction-to-top characterization parameter
0.1
ψJB
Junction-to-board characterization parameter
NA
θJCbot
Junction-to-case (bottom) thermal resistance
NA
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ADS131E04 ADS131E06 ADS131E08


Similar Part No. - ADS131E08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS131E08 TI1-ADS131E08 Datasheet
1Mb / 60P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
ADS131E08 TI1-ADS131E08 Datasheet
2Mb / 60P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
ADS131E08IPAG TI1-ADS131E08IPAG Datasheet
1Mb / 60P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
ADS131E08IPAGR TI1-ADS131E08IPAGR Datasheet
1Mb / 60P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
ADS131E08S TI1-ADS131E08S Datasheet
1Mb / 67P
[Old version datasheet]   Eight-Channel, 24-Bit, Analog Front-End with Fast Power-Up Time
More results

Similar Description - ADS131E08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS131E04 TI1-ADS131E04_14 Datasheet
2Mb / 60P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
ADS131E08IPAGR TI1-ADS131E08IPAGR Datasheet
1Mb / 60P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
ADS131A02 TI1-ADS131A02_16 Datasheet
1Mb / 85P
[Old version datasheet]   2- or 4-Channel, 24-Bit, Analog Front-Ends for Power Monitoring, Control, and Protection
AMC7820 TI1-AMC7820_15 Datasheet
1Mb / 32P
[Old version datasheet]   ANALOG MONITORING AND CONTROL
AMC7820 TI-AMC7820 Datasheet
481Kb / 28P
[Old version datasheet]   ANALOG MONITORING AND CONTROL
AMC7823 TI-AMC7823 Datasheet
1Mb / 48P
[Old version datasheet]   ANALOG MONITORING AND CONTROL CIRCUIT
AMC7823 TI-AMC7823_15 Datasheet
1Mb / 55P
[Old version datasheet]   ANALOG MONITORING AND CONTROL CIRCUIT
logo
Renesas Technology Corp
M61047FP RENESAS-M61047FP Datasheet
305Kb / 24P
   Battery Protection Analog Front End (AFE) IC
M61048FP RENESAS-M61048FP Datasheet
304Kb / 24P
   Battery Protection Analog Front End (AFE) IC
logo
New Japan Radio
NJU9101 NJRC-NJU9101 Datasheet
1Mb / 61P
   Low Power Analog Front End
Ver.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com