Electronic Components Datasheet Search |
|
63NHG01B-400 Datasheet(PDF) 5 Page - Cooper Bussmann, Inc. |
|
63NHG01B-400 Datasheet(HTML) 5 Page - Cooper Bussmann, Inc. |
5 / 55 page Low Voltage Fuse Links Catalogue For Product Data Sheets, visit www.cooperbussmann.com Offset Bolted Tags (Cont.../...) 240-550V / 32 - 100A Specifications Description: Fuse Links for general industrial applications with Q1 fusing factor - general purpose (gG) and motor protection (gM) characteristics Applications: General Industrial & Motors applications BAO 550V ac / 35-63A Industrial & Motor Applications to BS88 Ratings: Agency information: Meets BS88: Part 1 & 2 (1988), IEC 269: Parts 1 (1986) and CSA C22.2 No 106-M 1985 RoHS Compliant CEO 550V ac / 32-100A 415V ac (gM) Dimensions Rating (A) Catalogue Number Class BS Ref Fixing Centres mm Unit Packing 35 BAO35 gG A3 73 20 40 BAO40 50 BAO50 63 BAO63 63M80 BAO63M80 gM 63M100 BAO63M100 Part No Dimensions (mm) A B C D E F G H J BAO 87 73 54.5 21 22.5 1.2 12.7 8.0 5.5 BAO63M Dimensions Part No Dimensions (mm) A B C D E F G H J CEO 110 94 58.5 21.0 24.5 3.2 14.3 11.0 8.7 CEO100M125 & 160 25.8 26.8 CEO100M200 47.0 31 29.5 19.0 10.0 9.0 Catalogue Numbers Rating (A) Catalogue Number Class BS Ref Fixing Centres mm Unit Packing 32 CEO32 gG A4 94 10 40 CEO40 50 CEO50 63 CEO63 80 CEO80 100 CEO100 100M125 CEO100M125 gM 100M160 CEO100M160 100M200 CEO100M200 Fuseholder: CAMASTER CM63F, see page 20 Volts: - 415 - 550V ac Amps: - 32 - 100A IR - 80kA @ 415 / 550V ac Catalogue Numbers Data Sheet: 4112 Data Sheet: 4115 6 |
Similar Part No. - 63NHG01B-400 |
|
Similar Description - 63NHG01B-400 |