Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1015-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1015-Q1
Description  ULTRA-SMALL LOW-POWER 12-BIT ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1015-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS1015-Q1 Datasheet HTML 3Page - Texas Instruments ADS1015-Q1 Datasheet HTML 4Page - Texas Instruments ADS1015-Q1 Datasheet HTML 5Page - Texas Instruments ADS1015-Q1 Datasheet HTML 6Page - Texas Instruments ADS1015-Q1 Datasheet HTML 7Page - Texas Instruments ADS1015-Q1 Datasheet HTML 8Page - Texas Instruments ADS1015-Q1 Datasheet HTML 9Page - Texas Instruments ADS1015-Q1 Datasheet HTML 10Page - Texas Instruments ADS1015-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
12-Bit
ADC
DS
I C
Interface
2
Voltage
Reference
Oscillator
ALERT/RDY
SCL
SDA
ADDR
Gain=2/3, 1,
2,4,8,or16
PGA
Comparator
ADS1015
AIN1
AIN2
GND
AIN0
AIN3
VDD
MUX
ADS1015-Q1
www.ti.com
SBAS511 – JULY 2010
OVERVIEW
The ADS1015 is very small, low-power, 12-bit, delta-sigma (
ΔΣ) analog-to-digital converters (ADCs). The
ADS1015 is extremely easy to configure and design into a wide variety of applications, and allow precise
measurements to be obtained with very little effort. Both experienced and novice users of data converters find
designing with the ADS1015 to be intuitive and problem-free.
The ADS1015 consist of a
ΔΣ analog-to-digital (A/D) core with adjustable gain, an internal voltage reference, a
clock oscillator, and an I2C interface. Another feature available on the ADS1015 is a programmable digital
comparator that provides an alert on a dedicated pin. All of these features are intended to reduce required
external circuitry and improve performance. Figure 8 shows the ADS1015 functional block diagram.
The ADS1015 A/D core measures a differential signal, VIN, that is the difference of AINP and AINN. A MUX is
available on the ADS1015. This architecture results in a very strong attenuation of any common-mode signals.
The converter core consists of a differential, switched-capacitor
ΔΣ modulator followed by a digital filter. Input
signals are compared to the internal voltage reference. The digital filter receives a high-speed bitstream from the
modulator and outputs a code proportional to the input voltage.
The ADS1015 has two available conversion modes: single-shot mode and continuous conversion mode. In
single-shot mode, the ADC performs one conversion of the input signal upon request and stores the value to an
internal result register. The device then enters a low-power shutdown mode. This mode is intended to provide
significant power savings in systems that only require periodic conversions or when there are long idle periods
between conversions. In continuous conversion mode, the ADC automatically begins a conversion of the input
signal as soon as the previous conversion is completed. The rate of continuous conversion is equal to the
programmed data rate. Data can be read at any time and always reflect the most recent completed conversion.
Figure 8. Functional Block Diagram
QUICKSTART GUIDE
This section provides a brief example of ADS1015 communications. Refer to subsequent sections of this data
sheet for more detailed explanations. Hardware for this design includes: one ADS1015 configured with an I2C
address of 1001000; a microcontroller with an I2C interface (TI recommends the MSP430 product line); discrete
components such as resistors, capacitors, and serial connectors; and a 2V to 5V power supply. Figure 9 shows
the basic hardware configuration.
The ADS1015 communicates with the master (microcontroller) through an I2C interface. The master provides a
clock signal on the SCL pin and data are transferred via the SDA pin. The ADS1015 never drives the SCL pin.
For information on programming and debugging the microcontroller being used, refer to the device-specific
product data sheet.
The first byte sent by the master should be the ADS1015 address followed by a bit that instructs the ADS1015 to
listen for a subsequent byte. The second byte is the register pointer. Refer to Table 6 for a register map. The
third and fourth bytes sent from the master are written to the register indicated in the second byte. Refer to
Figure 16 and Figure 17 for read and write operation timing diagrams, respectively. All read and write
transactions with the ADS1015 must be preceded by a start condition and followed by a stop condition.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ADS1015-Q1


Similar Part No. - ADS1015-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1015-Q1 TI1-ADS1015-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Power 12-Bit Analog-to-Digital Converter With Internal Reference
ADS1015-Q1 TI1-ADS1015-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   Automotive, Low-Power, I2C-Compatible, 3.3-kSPS, 12-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
ADS1015-Q1 TI-ADS1015-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   ADS111x-Q1 Automotive, Low-Power, I2C-Compatible, 860-SPS, 16-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
REVISED DECEMBER 2022
ADS1015-Q1 TI1-ADS1015-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   ADS101x-Q1 Automotive, Low-Power, I2C-Compatible, 3.3-kSPS, 12-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
REVISED JULY 2023
ADS1015-Q1 TI1-ADS1015-Q1_16 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Power 12-Bit Analog-to-Digital Converter With Internal Reference
More results

Similar Description - ADS1015-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1013IRUGR TI1-ADS1013IRUGR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IRUGT TI1-ADS1015IRUGT Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IDGSR TI1-ADS1015IDGSR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1013 TI1-ADS1013_14 Datasheet
1Mb / 35P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI-ADS1113 Datasheet
789Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1115-Q1 TI1-ADS1115-Q1 Datasheet
744Kb / 32P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI-ADS1113_1 Datasheet
958Kb / 36P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI1-ADS1113_14 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1015-Q1 TI1-ADS1015-Q1_16 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Power 12-Bit Analog-to-Digital Converter With Internal Reference
ADS1018 TI1-ADS1018_14 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 12-Bit, Analog-to-Digital Converter and Temperature Sensor with Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com