Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1015-Q1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1015-Q1
Description  ULTRA-SMALL LOW-POWER 12-BIT ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1015-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS1015-Q1 Datasheet HTML 6Page - Texas Instruments ADS1015-Q1 Datasheet HTML 7Page - Texas Instruments ADS1015-Q1 Datasheet HTML 8Page - Texas Instruments ADS1015-Q1 Datasheet HTML 9Page - Texas Instruments ADS1015-Q1 Datasheet HTML 10Page - Texas Instruments ADS1015-Q1 Datasheet HTML 11Page - Texas Instruments ADS1015-Q1 Datasheet HTML 12Page - Texas Instruments ADS1015-Q1 Datasheet HTML 13Page - Texas Instruments ADS1015-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
ADS1015-Q1
SBAS511 – JULY 2010
www.ti.com
Table 2. Differential Input Impedance
FS (V)
DIFFERENTIAL INPUT IMPEDANCE
±6.144V(1)
22M
Ω
±4.096V(1)
15M
Ω
±2.048V
4.9M
Ω
±1.024V
2.4M
Ω
±0.512V
710k
Ω
±0.256V
710k
Ω
(1)
This parameter expresses the full-scale range of the ADC scaling. In
no event should more than VDD + 0.3V be applied to this device.
The typical value of the input impedance cannot be neglected. Unless the input source has a low impedance, the
ADS1015 input impedance may affect the measurement accuracy. For sources with high output impedance,
buffering may be necessary. Active buffers introduce noise, and also introduce offset and gain errors. All of these
factors should be considered in high-accuracy applications.
Because the clock oscillator frequency drifts slightly with temperature, the input impedances also drift. For many
applications, this input impedance drift can be ignored, and the values given in Table 2 for typical input
impedance are valid.
10
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): ADS1015-Q1


Similar Part No. - ADS1015-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1015-Q1 TI1-ADS1015-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Power 12-Bit Analog-to-Digital Converter With Internal Reference
ADS1015-Q1 TI1-ADS1015-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   Automotive, Low-Power, I2C-Compatible, 3.3-kSPS, 12-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
ADS1015-Q1 TI-ADS1015-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   ADS111x-Q1 Automotive, Low-Power, I2C-Compatible, 860-SPS, 16-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
REVISED DECEMBER 2022
ADS1015-Q1 TI1-ADS1015-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   ADS101x-Q1 Automotive, Low-Power, I2C-Compatible, 3.3-kSPS, 12-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
REVISED JULY 2023
ADS1015-Q1 TI1-ADS1015-Q1_16 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Power 12-Bit Analog-to-Digital Converter With Internal Reference
More results

Similar Description - ADS1015-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1013IRUGR TI1-ADS1013IRUGR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IRUGT TI1-ADS1015IRUGT Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IDGSR TI1-ADS1015IDGSR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1013 TI1-ADS1013_14 Datasheet
1Mb / 35P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI-ADS1113 Datasheet
789Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1115-Q1 TI1-ADS1115-Q1 Datasheet
744Kb / 32P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI-ADS1113_1 Datasheet
958Kb / 36P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI1-ADS1113_14 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1015-Q1 TI1-ADS1015-Q1_16 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Power 12-Bit Analog-to-Digital Converter With Internal Reference
ADS1018 TI1-ADS1018_14 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 12-Bit, Analog-to-Digital Converter and Temperature Sensor with Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com