Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBC6-681-631 Datasheet(PDF) 6 Page - NEC

Part # SBC6-681-631
Description  Power Inductors
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

SBC6-681-631 Datasheet(HTML) 6 Page - NEC

Back Button SBC6-681-631 Datasheet HTML 2Page - NEC SBC6-681-631 Datasheet HTML 3Page - NEC SBC6-681-631 Datasheet HTML 4Page - NEC SBC6-681-631 Datasheet HTML 5Page - NEC SBC6-681-631 Datasheet HTML 6Page - NEC SBC6-681-631 Datasheet HTML 7Page - NEC SBC6-681-631 Datasheet HTML 8Page - NEC SBC6-681-631 Datasheet HTML 9Page - NEC SBC6-681-631 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 104 page
background image
Power Inductors VOL.10
6
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9631PWIVOL10E1205E0
SS Coils
SS17VA/HA Type
P39
SS Coils
SS20H Type
P42
Normal mode
SS Coils
SS21V Type
P44
SS Coils
SS24V/H-CH Type
P46
SS Coils
SS26V Type
P48
SS Coils
SS28V/H-CH Type
P50
SS Coils
SSB28V/H Type
P52
SS Coils
SS30V Type
P53
SS Coils
SS35V/35H Type
P55
SS Coils
SS38V Type
P56
HHB Coils
High
μ and Low Core loss Type
P59
SN Coils
Small and Standard Type
P63
SN Coils
Terminal Base Type — J Type
P66
SN Coils
Terminal Base Type — JA Type
P67
SN Coils
Terminal Base Type — JB Type
P68
SN Coils
Terminal Base Type — W Type
P69
High frequency type
SN Coils
Terminal Base Type — P1 Type
P70
SN Coils
Terminal Base Type — P2 Type
P71
SHB Coils
(Booster Coils for Active Filters)
P72
Noise Filters
Casing Type
Metal box
LF Series
Small Current Type
P10
LF Series Small Current Type with
Screw Terminal
P11
LF Series
Screw Terminal Type
P13
LF-SF Series
Plastic Case Three-Phase Noise Filter
P8
LF Series
Large Current Type
P15
GT-SF Series
Plastic Case Single-Phase Noise Filter
P9
LF Series
Three-Phase Type
P16
LF Series
For Inverters
P18
LF Series Compliance with
CE Marking(LF-3000 Series)
P21
LH Series Compliance with
CE Marking(LH-4 Series)
P25
LH Series Low-Frequency
Inverters
P23
New Products
(Continued)


Similar Part No. - SBC6-681-631

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SBC6-681-631 KEMET-SBC6-681-631 Datasheet
509Kb / 12P
   Conformally Coated SBC Coils
SBC6-681-631 KEMET-SBC6-681-631 Datasheet
76Kb / 1P
   KEMET, SBC6, Power, 680 uH, 10%, 7.5mm
More results

Similar Description - SBC6-681-631

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com