Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS6125IRHBT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADS6125IRHBT
Description  12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS6125IRHBT Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS6125IRHBT Datasheet HTML 4Page - Texas Instruments ADS6125IRHBT Datasheet HTML 5Page - Texas Instruments ADS6125IRHBT Datasheet HTML 6Page - Texas Instruments ADS6125IRHBT Datasheet HTML 7Page - Texas Instruments ADS6125IRHBT Datasheet HTML 8Page - Texas Instruments ADS6125IRHBT Datasheet HTML 9Page - Texas Instruments ADS6125IRHBT Datasheet HTML 10Page - Texas Instruments ADS6125IRHBT Datasheet HTML 11Page - Texas Instruments ADS6125IRHBT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 67 page
background image
www.ti.com
DIGITAL CHARACTERISTICS
(1)
ADS6125, ADS6124
ADS6123, ADS6122
SLAS560A – OCTOBER 2007 – REVISED MARCH 2008
The DC specifications refer to the condition where the digital outputs are not switching, but are permanently at a valid logic
level 0 or 1 AVDD = 3.3 V
ADS6125/ADS6124
PARAMETER
TEST CONDITIONS
ADS6123/ADS6122
MIN
TYP
MAX
UNIT
DIGITAL INPUTS
PDN, SCLK, SEN & SDATA (2)
High-level input voltage
2.4
V
Low-level input voltage
0.8
V
High-level input current
33
µA
Low-level input current
–33
µA
Input capacitance
4
pF
DIGITAL OUTPUTS
CMOS INTERFACE, DRVDD = 1.8 to 3.3 V
High-level output voltage
DRVDD
V
Low-level output voltage
0
V
Output capacitance inside the device, from
Output capacitance
2
pF
each output to ground
DIGITAL OUTPUTS
LVDS INTERFACE, DRVDD = 3.3 V, IO = 3.5 mA, RL = 100 Ω
(3)
High-level output voltage
1375
mV
Low-level output voltage
1025
mV
Output differential voltage, |VOD|
225
350
mV
VOS Output offset voltage, single-ended
Common-mode voltage of OUTP, OUTM
1200
mV
Output capacitance inside the device, from
Output capacitance
2
pF
either output to ground
(1)
All LVDS and CMOS specifications are characterized, but not tested at production.
(2)
SCLK & SEN function as digital input pins when they are used for serial interface programming. When used as parallel control pins,
analog voltage needs to be applied as per Table 1 & Table 2.
(3)
IO Refers to the LVDS buffer current setting, RL is the differential load resistance between the LVDS output pair.
8
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): ADS6125, ADS6124 ADS6123, ADS6122


Similar Part No. - ADS6125IRHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6125IRHBT TI-ADS6125IRHBT Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6125IRHBT TI-ADS6125IRHBT Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6125IRHBTG4 TI-ADS6125IRHBTG4 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6125IRHBTG4 TI-ADS6125IRHBTG4 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
More results

Similar Description - ADS6125IRHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6125 TI-ADS6125 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6124IRHB25 TI-ADS6124IRHB25 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6143IRHB25 TI1-ADS6143IRHB25 Datasheet
2Mb / 67P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6145 TI-ADS6145 Datasheet
2Mb / 68P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P25 TI-ADS62P25 Datasheet
1Mb / 71P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P24 TI1-ADS62P24_14 Datasheet
1Mb / 78P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P45 TI-ADS62P45_08 Datasheet
1Mb / 70P
[Old version datasheet]   DUAL CHANNEL, 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6142-HT TI1-ADS6142-HT Datasheet
970Kb / 49P
[Old version datasheet]   14-BITS, 65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
logo
NXP Semiconductors
ADC1210S NXP-ADC1210S Datasheet
288Kb / 36P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 01-9 April 2010
logo
Renesas Technology Corp
ADC1210S RENESAS-ADC1210S Datasheet
390Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com